Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD101AWS-G Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SD101AWS-G
Description  For general purpose applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD101AWS-G Datasheet(HTML) 2 Page - Vishay Siliconix

  SD101AWS-G Datasheet HTML 1Page - Vishay Siliconix SD101AWS-G Datasheet HTML 2Page - Vishay Siliconix SD101AWS-G Datasheet HTML 3Page - Vishay Siliconix SD101AWS-G Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SD101AWS-G, SD101BWS-G, SD101CWS-G
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 14-Oct-16
2
Document Number: 85162
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Typical Variation of Forward Current vs. Forward Voltage
Fig. 2 - Typical Forward Conduction Curve
Fig. 3 - Typical Variation of Reverse Current at Various
Temperatures
Fig. 4 - Typical Capacitance Curve as a Function of Reverse Voltage
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Reverse breakdown voltage
IR = 10 μA
SD101AWS-G
V(BR)
60
V
SD101BWS-G
V(BR)
50
V
SD101CWS-G
V(BR)
40
V
Leakage current
VR = 50 V
SD101AWS-G
IR
200
nA
VR = 40 V
SD101BWS-G
IR
200
nA
VR = 30 V
SD101CWS-G
IR
200
nA
Forward voltage drop
IF = 1 mA
SD101AWS-G
VF
410
mV
SD101BWS-G
VF
400
mV
SD101CWS-G
VF
390
mV
IF = 15 mA
SD101AWS-G
VF
1000
mV
SD101BWS-G
VF
950
mV
SD101CWS-G
VF
900
mV
Junction capacitance
VR = 0 V, f = 1 MHz
SD101AWS-G
CD
2.0
ns
SD101BWS-G
CD
2.1
ns
SD101CWS-G
CD
2.2
ns
Reverse recovery time
IF = IR = 5 mA,
recover to 0.1 IR
trr
1ns
0.01
0.1
1
10
0
0.4
0.6
0.8
1.0
0.2
A
B
C
VF - Forward Voltage (V)
18477
A
B
C
0
0.4
0.6
0.8
1.0
0.2
60
20
80
40
0
100
VF - Forward Voltage (V)
18478
100
10
1
0.1
0.01
10
20
30
40
050
75 °C
50 °C
25 °C
125 °C
100 °C
VR - Reverse Voltage (V)
18479
18480
10
20
30
40
0
0
1.0
1.2
1.4
1.6
1.8
2.0
0.6
0.8
0.2
0.4
50
Tj = 25 °C
C
B
A
VR - Reverse Voltage (V)


Similar Part No. - SD101AWS-G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD101AWS-G VISHAY-SD101AWS-G Datasheet
87Kb / 4P
   Small Signal Schottky Diodes
01-Jan-2022
SD101AWS-G VISHAY-SD101AWS-G_V01 Datasheet
87Kb / 4P
   Small Signal Schottky Diodes
01-Jan-2022
More results

Similar Description - SD101AWS-G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD103AW-G VISHAY-SD103AW-G Datasheet
94Kb / 4P
   For general purpose applications
Rev. 1.7, 25-Aug-16
SD101AW-G VISHAY-SD101AW-G Datasheet
86Kb / 4P
   For general purpose applications
Rev. 1.0, 25-Feb-13
logo
New Jersey Semi-Conduct...
BCY70 NJSEMI-BCY70 Datasheet
106Kb / 3P
   GENERAL PURPOSE APPLICATIONS
logo
Micross Components
HMC338 MICROSS-HMC338 Datasheet
949Kb / 11P
   General Purpose Applications
logo
Fairchild Semiconductor
KSC2001 FAIRCHILD-KSC2001 Datasheet
25Kb / 3P
   General Purpose Applications
logo
New Jersey Semi-Conduct...
1N5711 NJSEMI-1N5711 Datasheet
124Kb / 1P
   Schottky Barrier Diodes for General Purpose Applications
logo
EPCOS
B84110B EPCOS-B84110B Datasheet
93Kb / 6P
   2-line filters for general-purpose applications
logo
Agilent(Hewlett-Packard...
1N5711 HP-1N5711 Datasheet
56Kb / 6P
   Schottky Barrier Diodes for General Purpose Applications
logo
Toshiba Semiconductor
1S2460 TOSHIBA-1S2460 Datasheet
93Kb / 2P
   GENERAL PURPOSE RECTIFIER APPLICATIONS.
CMG03 TOSHIBA-CMG03 Datasheet
155Kb / 4P
   General Purpose Rectifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com