Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NGTD30T120F2SWK Datasheet(PDF) 2 Page - ON Semiconductor

Part # NGTD30T120F2SWK
Description  IGBT Die
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGTD30T120F2SWK Datasheet(HTML) 2 Page - ON Semiconductor

  NGTD30T120F2SWK Datasheet HTML 1Page - ON Semiconductor NGTD30T120F2SWK Datasheet HTML 2Page - ON Semiconductor NGTD30T120F2SWK Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NGTD30T120F2
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Units
STATIC CHARACTERISTICS
Collector−Emitter Breakdown Voltage
VGE = 0 V, IC = 500 mA
V(BR)CES
1200
V
Collector−Emitter Saturation Voltage
VGE = 15 V, IC = 40 A
VCE(sat)
2.0
2.4
V
Gate−Emitter Threshold Voltage
VGE = VCE, IC = 400 mA
VGE(TH)
4.5
5.5
6.5
V
Collector−Emitter Cutoff Current
VGE = 0 V, VCE = 1200 V
ICES
0.4
mA
Gate Leakage Current
VGE = 20 V, VCE = 0 V
IGES
200
nA
DYNAMIC CHARACTERISTICS
Input Capacitance
VCE = 20 V, VGE = 0 V, f = 1
MHz
Cies
7385
pF
Output Capacitance
Coes
230
pF
Reverse Transfer Capacitance
Cres
140
pF
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
DIE LAYOUT
E = Emitter pad
G = Gate pad
All dimensions in
mm
E
E
G


Similar Part No. - NGTD30T120F2SWK

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NGTD NIC-NGTD Datasheet
191Kb / 3P
   Surface Mount Gas Discharge Tube
logo
ON Semiconductor
NGTD13R120F2 ONSEMI-NGTD13R120F2 Datasheet
88Kb / 3P
   Fast Switching Rectifier Die
March, 2016 ??Rev. 0
NGTD13R120F2SWK ONSEMI-NGTD13R120F2SWK Datasheet
88Kb / 3P
   Fast Switching Rectifier Die
March, 2016 ??Rev. 0
NGTD13R120F2WP ONSEMI-NGTD13R120F2WP Datasheet
88Kb / 3P
   Fast Switching Rectifier Die
March, 2016 ??Rev. 0
NGTD13T120F2 ONSEMI-NGTD13T120F2 Datasheet
92Kb / 3P
   IGBT Die
March, 2016 ??Rev. 0
More results

Similar Description - NGTD30T120F2SWK

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTD21T65F2 ONSEMI-NGTD21T65F2 Datasheet
90Kb / 3P
   IGBT Die
March, 2016 ??Rev. 0
NGTD23T120F2 ONSEMI-NGTD23T120F2 Datasheet
95Kb / 3P
   IGBT Die
March, 2016 ??Rev. 0
logo
ABB
5SMX12H1273 ABB-5SMX12H1273 Datasheet
68Kb / 5P
   IGBT-Die
5SMX12M3300 ABB-5SMX12M3300 Datasheet
72Kb / 5P
   IGBT-Die
5SMX12K1273 ABB-5SMX12K1273 Datasheet
68Kb / 5P
   IGBT-Die
5SMX12L1273 ABB-5SMX12L1273 Datasheet
68Kb / 5P
   IGBT-Die
5SMY12H1200 ABB-5SMY12H1200 Datasheet
66Kb / 5P
   IGBT-Die
5SMX12M1701 ABB-5SMX12M1701 Datasheet
83Kb / 5P
   IGBT-Die
logo
ON Semiconductor
NGTD13T120F2 ONSEMI-NGTD13T120F2 Datasheet
92Kb / 3P
   IGBT Die
March, 2016 ??Rev. 0
NGTD28T65F2 ONSEMI-NGTD28T65F2 Datasheet
90Kb / 3P
   IGBT Die
March, 2016 ??Rev. 0
logo
ABB
5SMY12J1200 ABB-5SMY12J1200 Datasheet
67Kb / 5P
   IGBT-Die
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com