Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NGTD21T65F2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NGTD21T65F2
Description  IGBT Die
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGTD21T65F2 Datasheet(HTML) 1 Page - ON Semiconductor

  NGTD21T65F2 Datasheet HTML 1Page - ON Semiconductor NGTD21T65F2 Datasheet HTML 2Page - ON Semiconductor NGTD21T65F2 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© Semiconductor Components Industries, LLC, 2016
March, 2016 − Rev. 0
1
Publication Order Number:
NGTD21T65F2WP/D
NGTD21T65F2
IGBT Die
Trench Field Stop II IGBT Die for motor drive and inverter
applications.
Features
Extremely Efficient Trench with Field Stop Technology
Low VCE(sat) Loss Reduces System Power Dissipation
Typical Applications
Industrial Motor Drives
Solar Inverters
UPS Systems
Welding
MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Collector−Emitter Voltage, TJ =25°C
VCE
650
V
DC Collector Current, limited by
TJ(max)
IC
(Note 1)
A
Pulsed Collector Current (Note 2)
IC, pulse
200
A
Gate−Emitter Voltage
VGE
±20
V
Maximum Junction Temperature
TJ
−55 to +175
°C
Short Circuit Withstand Time,
VGE = 15 V, VCE = 500V, TJ ≤ 150°C
TSC
5.0
ms
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. Depending on thermal properties of assembly.
2. Tpulse limited by Tjmax, 10 ms pulse, VGE = 15 V.
MECHANICAL DATA
Parameter
Value
Unit
Die Size
4451 x 4451
mm2
Emitter Pad Size
See die layout
mm2
Gate Pad Size
410 x 570
mm2
Die Thickness
3
mils
Wafer Size
150
mm
Top Metal
4
mm AISI
Back Metal
2
mm TiNiAg
Max possible chips per wafer
630
Passivation frontside
Oxide−Nitride
Reject ink dot size
25 mils
Recommended storage environment:
In original container, in dry nitrogen,
or temperature of 18−28
°C,
30−65%RH
Type: Bare
Wafer in Jar
Storage time:
< 36 months
Type: Die on
tape in
ring−pack
Storage time:
< 3 months
ORDERING INFORMATION
Device
Inking?
Shipping
NGTD21T65F2WP
Yes
Bare Wafer in Jar
NGTD21T65F2SWK
Yes
Sawn Wafer on Tape
www.onsemi.com
DIE OUTLINE
VRCE = 650 V
IC = Limited by TJ(max)
IGBT DIE
G
C
E


Similar Part No. - NGTD21T65F2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTD20T120F2 ONSEMI-NGTD20T120F2 Datasheet
93Kb / 3P
   IGBT Die
March, 2016 ??Rev. 0
NGTD20T120F2SWK ONSEMI-NGTD20T120F2SWK Datasheet
93Kb / 3P
   IGBT Die
March, 2016 ??Rev. 0
NGTD20T120F2WP ONSEMI-NGTD20T120F2WP Datasheet
93Kb / 3P
   IGBT Die
March, 2016 ??Rev. 0
NGTD23T120F2 ONSEMI-NGTD23T120F2 Datasheet
95Kb / 3P
   IGBT Die
March, 2016 ??Rev. 0
NGTD23T120F2SWK ONSEMI-NGTD23T120F2SWK Datasheet
95Kb / 3P
   IGBT Die
March, 2016 ??Rev. 0
More results

Similar Description - NGTD21T65F2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTD23T120F2 ONSEMI-NGTD23T120F2 Datasheet
95Kb / 3P
   IGBT Die
March, 2016 ??Rev. 0
logo
ABB
5SMX12H1273 ABB-5SMX12H1273 Datasheet
68Kb / 5P
   IGBT-Die
5SMX12M3300 ABB-5SMX12M3300 Datasheet
72Kb / 5P
   IGBT-Die
5SMX12K1273 ABB-5SMX12K1273 Datasheet
68Kb / 5P
   IGBT-Die
5SMX12L1273 ABB-5SMX12L1273 Datasheet
68Kb / 5P
   IGBT-Die
5SMY12H1200 ABB-5SMY12H1200 Datasheet
66Kb / 5P
   IGBT-Die
5SMX12M1701 ABB-5SMX12M1701 Datasheet
83Kb / 5P
   IGBT-Die
logo
ON Semiconductor
NGTD13T120F2 ONSEMI-NGTD13T120F2 Datasheet
92Kb / 3P
   IGBT Die
March, 2016 ??Rev. 0
NGTD28T65F2 ONSEMI-NGTD28T65F2 Datasheet
90Kb / 3P
   IGBT Die
March, 2016 ??Rev. 0
logo
ABB
5SMY12J1200 ABB-5SMY12J1200 Datasheet
67Kb / 5P
   IGBT-Die
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com