Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NGTB75N65FL2WG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NGTB75N65FL2WG
Description  IGBT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGTB75N65FL2WG Datasheet(HTML) 4 Page - ON Semiconductor

  NGTB75N65FL2WG_16 Datasheet HTML 1Page - ON Semiconductor NGTB75N65FL2WG_16 Datasheet HTML 2Page - ON Semiconductor NGTB75N65FL2WG_16 Datasheet HTML 3Page - ON Semiconductor NGTB75N65FL2WG_16 Datasheet HTML 4Page - ON Semiconductor NGTB75N65FL2WG_16 Datasheet HTML 5Page - ON Semiconductor NGTB75N65FL2WG_16 Datasheet HTML 6Page - ON Semiconductor NGTB75N65FL2WG_16 Datasheet HTML 7Page - ON Semiconductor NGTB75N65FL2WG_16 Datasheet HTML 8Page - ON Semiconductor NGTB75N65FL2WG_16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
NGTB75N65FL2WG
www.onsemi.com
4
TYPICAL CHARACTERISTICS
Eon
Figure 7. Diode Forward Characteristics
VF, FORWARD VOLTAGE (V)
3.0
2.5
2.0
1.5
1.0
0.5
0
70
TJ = 25°C
TJ = 150°C
60
50
40
30
20
10
0
Figure 8. Typical Gate Charge
QG, GATE CHARGE (nC)
150
100
50
0
0
2
4
6
8
12
14
16
200
10
VCE = 400 V
VCE = 400 V
VGE = 15 V
IC = 75 A
Figure 9. Switching Loss vs. Temperature
TJ, JUNCTION TEMPERATURE (°C)
140
120
100
80
60
40
20
0
160
VCE = 400 V
VGE = 15 V
IC = 75 A
Rg = 10
W
Eoff
Figure 10. Switching Time vs. Temperature
TJ, JUNCTION TEMPERATURE (°C)
140
120
100
80
60
40
20
0
100
1000
160
VCE = 400 V
VGE = 15 V
IC = 75 A
Rg = 10
W
tr
td(on)
Figure 11. Switching Loss vs. IC
IC, COLLECTOR CURRENT (A)
45
35
25
15
6
VCE = 400 V
VGE = 15 V
TJ = 150°C
Rg = 10
W
Eoff
Figure 12. Switching Time vs. IC
IC, COLLECTOR CURRENT (A)
100
1000
VCE = 400 V
VGE = 15 V
TJ = 150°C
Rg = 10
W
3.5
4.0
250
Eon
tf
td(off)
10
tr
td(on)
tf
td(off)
55
65
75
85
45
35
25
15
55
65
75
85
10
3.0
300
350
2.5
2.0
1.5
1.0
0.5
0
95
105
5
4
3
2
1
0
95
105


Similar Part No. - NGTB75N65FL2WG_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTB75N65FL2WG ONSEMI-NGTB75N65FL2WG Datasheet
246Kb / 11P
   IGBT
June, 2015 ??Rev. 4
logo
Inchange Semiconductor ...
NGTB75N65FL2WG ISC-NGTB75N65FL2WG Datasheet
393Kb / 4P
   Field Stop and trench IGBT
More results

Similar Description - NGTB75N65FL2WG_16

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FZ1200R12KL4C EUPEC-FZ1200R12KL4C Datasheet
263Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
FZ1200R17KE3 EUPEC-FZ1200R17KE3 Datasheet
284Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
logo
Infineon Technologies A...
FF800R17KF6C-B2 INFINEON-FF800R17KF6C-B2 Datasheet
407Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
2012-09-27 revision:2.1
FP15R12W1T4_B11 INFINEON-FP15R12W1T4_B11 Datasheet
423Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
2009-10-19 revision:2.0
FP10R12W1T4_B11 INFINEON-FP10R12W1T4_B11 Datasheet
422Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
2009-10-19 revision: 2.0
logo
eupec GmbH
FZ1200R33KF2C EUPEC-FZ1200R33KF2C Datasheet
253Kb / 7P
   IGBT-Wechselrichter / IGBT-inverter
FP15R12KT3 EUPEC-FP15R12KT3 Datasheet
342Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
logo
Infineon Technologies A...
DF100R07W1H5FP_B54 INFINEON-DF100R07W1H5FP_B54 Datasheet
705Kb / 11P
   IGBT,Wechselrichter / IGBT,Inverter
V3.0 2017-04-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com