Electronic Components Datasheet Search |
|
NGTB75N65FL2WAG Datasheet(PDF) 10 Page - ON Semiconductor |
|
NGTB75N65FL2WAG Datasheet(HTML) 10 Page - ON Semiconductor |
10 / 10 page NGTB75N65FL2WAG www.onsemi.com 10 PACKAGE DIMENSIONS TO−247 4−LEAD CASE 340AR ISSUE O E2 D L b E 0.25 M BA M c A1 A 12 4 B e 4X A SEATING PLANE NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. CONTROLLING DIMENSION: MILLIMETERS. 3. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.13 PER SIDE. THESE DIMEN SIONS ARE MEASURED AT THE OUTERMOST EXTREME OF THE PLASTIC BODY. 4. LEAD FINISH IS UNCONTROLLED IN THE REGION DEFINED BY L1. 5. DIMENSION A1 TO BE MEASURED IN THE REGION DEFINED BY L1. 6. NOTCHES ARE REQUIRED BUT THEIR SHAPE IS OPTIONAL. 7. DIAMETER ∅P SHALL HAVE A MAXIMUM DRAFT ANGLE OF 3.5° TO THE TOP OF THE PART WITH A MAXIMUM DIAMETER OF 4.20. DIM MIN MAX MILLIMETERS D 20.80 21.10 E 15.75 16.13 A 4.83 5.21 b 1.10 1.30 e 2.54 BSC A1 2.29 2.54 c 0.50 0.70 L 19.90 20.30 Q 5.59 6.20 E1 13.06 13.46 P 3.50 3.70 S 6.15 BSC D1 16.25 17.65 NOTE 5 Q NOTE 3 NOTE 6 NOTE 3 L1 4.00 4.40 P1 7.00 7.40 D1 3 b2 b2 1.30 1.50 E2 4.32 4.83 P1 0.635 M BA M P E1 S L1 NOTE 4 NOTE 7 4X e 2X ON Semiconductor and the are registered trademarks of Semiconductor Components Industries, LLC (SCILLC) or its subsidiaries in the United States and/or other countries. SCILLC owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner. PUBLICATION ORDERING INFORMATION N. American Technical Support: 800−282−9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81−3−5817−1050 NGTB75N65FL2WA/D LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor 19521 E. 32nd Pkwy, Aurora, Colorado 80011 USA Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada Email: orderlit@onsemi.com ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative |
Similar Part No. - NGTB75N65FL2WAG_16 |
|
Similar Description - NGTB75N65FL2WAG_16 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |