Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NGTB50N65FL2WG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NGTB50N65FL2WG
Description  IGBT - Field Stop II
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGTB50N65FL2WG Datasheet(HTML) 2 Page - ON Semiconductor

  NGTB50N65FL2WG_16 Datasheet HTML 1Page - ON Semiconductor NGTB50N65FL2WG_16 Datasheet HTML 2Page - ON Semiconductor NGTB50N65FL2WG_16 Datasheet HTML 3Page - ON Semiconductor NGTB50N65FL2WG_16 Datasheet HTML 4Page - ON Semiconductor NGTB50N65FL2WG_16 Datasheet HTML 5Page - ON Semiconductor NGTB50N65FL2WG_16 Datasheet HTML 6Page - ON Semiconductor NGTB50N65FL2WG_16 Datasheet HTML 7Page - ON Semiconductor NGTB50N65FL2WG_16 Datasheet HTML 8Page - ON Semiconductor NGTB50N65FL2WG_16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
NGTB50N65FL2WG
www.onsemi.com
2
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal resistance junction−to−case, for IGBT
RqJC
0.36
°C/W
Thermal resistance junction−to−case, for Diode
RqJC
0.60
°C/W
Thermal resistance junction−to−ambient
RqJA
40
°C/W
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
STATIC CHARACTERISTIC
Collector−emitter breakdown voltage,
gate−emitter short−circuited
VGE = 0 V, IC = 500 mA
V(BR)CES
650
V
Collector−emitter saturation voltage
VGE = 15 V, IC = 50 A
VGE = 15 V, IC = 50 A, TJ = 175°C
VCEsat
1.50
1.80
2.19
2.00
V
Gate−emitter threshold voltage
VGE = VCE, IC = 350 mA
VGE(th)
4.5
5.5
6.5
V
Collector−emitter cut−off current, gate−
emitter short−circuited
VGE = 0 V, VCE = 650 V
VGE = 0 V, VCE = 650 V, TJ = 150°C
ICES
0.5
4.0
mA
Gate leakage current, collector−emitter
short−circuited
VGE = 20 V , VCE = 0 V
IGES
200
nA
DYNAMIC CHARACTERISTIC
Input capacitance
VCE = 20 V, VGE = 0 V, f = 1 MHz
Cies
5328
pF
Output capacitance
Coes
252
Reverse transfer capacitance
Cres
148
Gate charge total
VCE = 480 V, IC = 50 A, VGE = 15 V
Qg
220
nC
Gate to emitter charge
Qge
52
Gate to collector charge
Qgc
116
SWITCHING CHARACTERISTIC, INDUCTIVE LOAD
Turn−on delay time
TJ = 25°C
VCC = 400 V, IC = 50 A
Rg = 10 W
VGE = 0 V/ 15 V
td(on)
100
ns
Rise time
tr
47
Turn−off delay time
td(off)
237
Fall time
tf
67
Turn−on switching loss
Eon
1.50
mJ
Turn−off switching loss
Eoff
0.46
Total switching loss
Ets
1.96
Turn−on delay time
TJ = 150°C
VCC = 400 V, IC = 50 A
Rg = 10 W
VGE = 0 V/ 15 V
td(on)
90
ns
Rise time
tr
49
Turn−off delay time
td(off)
245
Fall time
tf
96
Turn−on switching loss
Eon
1.90
mJ
Turn−off switching loss
Eoff
0.83
Total switching loss
Ets
2.73
DIODE CHARACTERISTIC
Forward voltage
VGE = 0 V, IF = 50 A
VGE = 0 V, IF = 50 A, TJ = 175°C
VF
2.10
2.20
2.90
V
Reverse recovery time
TJ = 25°C
IF = 50 A, VR = 400 V
diF/dt = 200 A/ms
trr
94
ns
Reverse recovery charge
Qrr
0.45
mC
Reverse recovery current
Irrm
8
A
Reverse recovery time
TJ = 175°C
IF = 50 A, VR = 400 V
diF/dt = 200 A/ms
trr
170
ns
Reverse recovery charge
Qrr
1.40
mC
Reverse recovery current
Irrm
13
A
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - NGTB50N65FL2WG_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTB50N65FL2WG ONSEMI-NGTB50N65FL2WG Datasheet
218Kb / 11P
   IGBT - Field Stop II
July, 2015 ??Rev. 4
More results

Similar Description - NGTB50N65FL2WG_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTB40N60FL2WG ONSEMI-NGTB40N60FL2WG_16 Datasheet
145Kb / 10P
   IGBT - Field Stop II
September, 2016 ??Rev. 2
NGTB50N60FL2WG ONSEMI-NGTB50N60FL2WG_16 Datasheet
242Kb / 11P
   IGBT - Field Stop II
December, 2016 ??Rev. 5
NGTB40N120FL2WG ONSEMI-NGTB40N120FL2WG Datasheet
151Kb / 10P
   IGBT - Field Stop II
April, 2015 ??Rev. 6
NGTG15N120FL2WG ONSEMI-NGTG15N120FL2WG Datasheet
230Kb / 10P
   IGBT - Field Stop II
May, 2014 ??Rev. 0
NGTB60N65FL2WG ONSEMI-NGTB60N65FL2WG Datasheet
109Kb / 8P
   IGBT - Field Stop II
October, 2016 ??Rev. 1
NGTB30N120FL2WG ONSEMI-NGTB30N120FL2WG Datasheet
112Kb / 8P
   IGBT - Field Stop II
July, 2015 ??Rev. 1
NGTB15N120FL2WG ONSEMI-NGTB15N120FL2WG Datasheet
204Kb / 10P
   IGBT - Field Stop II
September, 2015 ??Rev. 1
NGTB50N60FL2WG ONSEMI-NGTB50N60FL2WG Datasheet
243Kb / 11P
   IGBT - Field Stop II
July, 2015 ??Rev. 3
NGTB50N65FL2WG ONSEMI-NGTB50N65FL2WG Datasheet
218Kb / 11P
   IGBT - Field Stop II
July, 2015 ??Rev. 4
NGTB35N65FL2WG ONSEMI-NGTB35N65FL2WG Datasheet
99Kb / 8P
   IGBT - Field Stop II
September, 2016 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com