Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NGTB40N65FL2WG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NGTB40N65FL2WG
Description  IGBT - Field Stop II
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGTB40N65FL2WG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NGTB40N65FL2WG_16 Datasheet HTML 2Page - ON Semiconductor NGTB40N65FL2WG_16 Datasheet HTML 3Page - ON Semiconductor NGTB40N65FL2WG_16 Datasheet HTML 4Page - ON Semiconductor NGTB40N65FL2WG_16 Datasheet HTML 5Page - ON Semiconductor NGTB40N65FL2WG_16 Datasheet HTML 6Page - ON Semiconductor NGTB40N65FL2WG_16 Datasheet HTML 7Page - ON Semiconductor NGTB40N65FL2WG_16 Datasheet HTML 8Page - ON Semiconductor NGTB40N65FL2WG_16 Datasheet HTML 9Page - ON Semiconductor NGTB40N65FL2WG_16 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NGTB40N65FL2WG
www.onsemi.com
7
TYPICAL CHARACTERISTICS
Figure 23. IGBT Transient Thermal Impedance
ON−PULSE WIDTH (s)
1
0.1
0.01
0.0001
1
0.00001
50% Duty Cycle
20%
10%
5%
2%
Single Pulse
RqJC = 0.41
Junction
C1
C2
R1
R2
Duty Factor = t1/t2
Peak TJ = PDM x ZqJC + TC
Case
Cn
Rn
0.1
0.01
0.001
0.0001
0.001
Ri (°C/W)
Ci (J/°C)
0.0537
0.0019
0.000001
0.0350
0.0426
0.1183
0.1455
0.0191
0.0090
0.0235
0.0267
0.0687
1.6573
Figure 24. Diode Transient Thermal Impedance
ON−PULSE WIDTH (s)
50% Duty Cycle
20%
10%
5%
2%
Single Pulse
1
RqJC = 1.00
Junction
Case
C1
C2
R1
R2
Rn
Duty Factor = t1/t2
Peak TJ = PDM x ZqJC + TC
Cn
1
0.1
0.01
0.0001
0.000001
0.00001
0.001
Ri (°C/W)
Ci (J/°C)
0.000064
0.015509
0.1
0.01
0.020310
0.022591
0.050667
0.093366
0.195285
0.133203
0.173839
0.251384
0.039982
0.000492
0.001400
0.001974
0.003387
0.005121
0.023740
0.057525
0.125795
2.501137


Similar Part No. - NGTB40N65FL2WG_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTB40N65FL2WG ONSEMI-NGTB40N65FL2WG Datasheet
146Kb / 10P
   IGBT - Field Stop II
July, 2015 ??Rev. 1
More results

Similar Description - NGTB40N65FL2WG_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTB40N60FL2WG ONSEMI-NGTB40N60FL2WG_16 Datasheet
145Kb / 10P
   IGBT - Field Stop II
September, 2016 ??Rev. 2
NGTB50N60FL2WG ONSEMI-NGTB50N60FL2WG_16 Datasheet
242Kb / 11P
   IGBT - Field Stop II
December, 2016 ??Rev. 5
NGTB40N120FL2WG ONSEMI-NGTB40N120FL2WG Datasheet
151Kb / 10P
   IGBT - Field Stop II
April, 2015 ??Rev. 6
NGTG15N120FL2WG ONSEMI-NGTG15N120FL2WG Datasheet
230Kb / 10P
   IGBT - Field Stop II
May, 2014 ??Rev. 0
NGTB50N65FL2WG ONSEMI-NGTB50N65FL2WG_16 Datasheet
217Kb / 11P
   IGBT - Field Stop II
September, 2016 ??Rev. 5
NGTB60N65FL2WG ONSEMI-NGTB60N65FL2WG Datasheet
109Kb / 8P
   IGBT - Field Stop II
October, 2016 ??Rev. 1
NGTB30N120FL2WG ONSEMI-NGTB30N120FL2WG Datasheet
112Kb / 8P
   IGBT - Field Stop II
July, 2015 ??Rev. 1
NGTB15N120FL2WG ONSEMI-NGTB15N120FL2WG Datasheet
204Kb / 10P
   IGBT - Field Stop II
September, 2015 ??Rev. 1
NGTB50N60FL2WG ONSEMI-NGTB50N60FL2WG Datasheet
243Kb / 11P
   IGBT - Field Stop II
July, 2015 ??Rev. 3
NGTB50N65FL2WG ONSEMI-NGTB50N65FL2WG Datasheet
218Kb / 11P
   IGBT - Field Stop II
July, 2015 ??Rev. 4
NGTB35N65FL2WG ONSEMI-NGTB35N65FL2WG Datasheet
99Kb / 8P
   IGBT - Field Stop II
September, 2016 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com