Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N3890 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 1N3890
Description  Fast Recovery Diodes (Stud Version), 6 A, 12 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N3890 Datasheet(HTML) 3 Page - Vishay Siliconix

  1N3890 Datasheet HTML 1Page - Vishay Siliconix 1N3890 Datasheet HTML 2Page - Vishay Siliconix 1N3890 Datasheet HTML 3Page - Vishay Siliconix 1N3890 Datasheet HTML 4Page - Vishay Siliconix 1N3890 Datasheet HTML 5Page - Vishay Siliconix 1N3890 Datasheet HTML 6Page - Vishay Siliconix 1N3890 Datasheet HTML 7Page - Vishay Siliconix 1N3890 Datasheet HTML 8Page - Vishay Siliconix 1N3890 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
VS-1N3879(R), VS-1N3889(R) Series
www.vishay.com
Vishay Semiconductors
Revision: 28-May-15
3
Document Number: 93144
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) JEDEC® registered values
Note
• The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
RECOVERY CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
1N3879(R)
TO 1N3883(R)
1N3889(R)
TO 1N3893(R)
UNITS
Maximum reverse
recovery time
trr
TJ = 25 °C, IF = 1 A to VR = 30 V,
dIF/dt = 100 A/μs
150
150
ns
TJ = 25 °C, dIF/dt = 25 A/μs,
IFM =  x rated IF(AV)
300 (1)
300 (1)
Maximum peak
recovery current
IRM(REC)
IFM =  x rated IF(AV)
4 (1)
5 (1)
-
Maximum reverse
recovery charge
Qrr
TJ = 25 °C, IF = 1 A to VR = 30 V,
dIF/dt = 100 A/μs
400
350
nC
TJ = 25 °C, dIF/dt = 25 A/μs,
IFM =  x rated IF(AV)
400
400
I
FM
t
rr
dir
dt
I
RM(REC)
Q
rr
t
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
1N3879(R)
TO 1N3883(R)
1N3889(R)
TO 1N3893(R)
UNITS
Maximum junction operating
temperature range
TJ
-65 to +150
°C
Maximum storage temperature range
TStg
-65 to +175
Maximum thermal resistance,
junction to case
RthJC
DC operation
2.5
2.0
°C/W
Maximum thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth,
flat and greased
0.5
Allowable mounting torque
Not lubricated threads
1.5 + 0 - 10 %
(13)
N · m
(lbf · in)
Lubricated threads
1.2 + 0 - 10 %
(10)
Approximate weight
7g
0.25
oz.
Case style
JEDEC®
DO-203AA (DO-4)
R
thJC CONDUCTION
CONDUCTION ANGLE
1N3879(R)
TO 1N3883(R)
1N3889(R)
TO 1N3893(R)
1N3879(R)
TO 1N3883(R)
1N3889(R)
TO 1N3893(R)
TEST CONDITIONS
UNITS
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
180°
0.58
0.46
0.33
0.26
TJ = 150 °C
K/W
120°
0.60
0.48
0.58
0.46
60°
1.28
1.02
1.28
1.02
30°
2.20
1.76
2.20
1.76


Similar Part No. - 1N3890

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3890 MICROSEMI-1N3890 Datasheet
288Kb / 3P
   SILICON 1 WATT ZENER DIODES
logo
Digitron Semiconductors
1N3890 DIGITRON-1N3890 Datasheet
110Kb / 2P
   FAST RECOVERY RECTIIFER
logo
Microsemi Corporation
1N3890 MICROSEMI-1N3890 Datasheet
111Kb / 2P
   Fast Recovery Rectifier
1N3890 MICROSEMI-1N3890 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
International Rectifier
1N3890 IRF-1N3890 Datasheet
315Kb / 8P
   6A, 12A AND 16A FAST RECOVERY RECTIFIERS
More results

Similar Description - 1N3890

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-1N3879 VISHAY-VS-1N3879_V01 Datasheet
148Kb / 8P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
01-Jan-2022
VS-1N387989 VISHAY-VS-1N387989 Datasheet
147Kb / 8P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
Revision: 11-Jan-18
VS-6FL VISHAY-VS-6FL_V01 Datasheet
188Kb / 11P
   Fast Recovery Diodes(Stud Version), 6 A, 12 A, 16 A
01-Jan-2022
16FLR60MS02 VISHAY-16FLR60MS02 Datasheet
184Kb / 13P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
Revision: 08-Apr-13
VS-6FLR VISHAY-VS-6FLR Datasheet
188Kb / 11P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
01-Jan-2022
VS-6FL VISHAY-VS-6FL Datasheet
189Kb / 11P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
Revision: 06-Mar-17
VS-61216FL VISHAY-VS-61216FL Datasheet
187Kb / 11P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
Revision: 11-Jan-18
1N3879 VISHAY-1N3879_12 Datasheet
2Mb / 13P
   Fast Recovery Diodes (Stud Version), 6/12/16 A
Revision: 26-Sep-08
12F VISHAY-12F Datasheet
143Kb / 6P
   Standard Recovery Diodes (Stud Version), 12 A
Revision: 29-Sep-08
VS-12FR VISHAY-VS-12FR Datasheet
161Kb / 6P
   Standard Recovery Diodes, (Stud Version), 12 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com