Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R413R23300000M Datasheet(PDF) 11 Page - Kemet Corporation

Part # R413R23300000M
Description  Metallized Polypropylene Film EMI Suppression Capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R413R23300000M Datasheet(HTML) 11 Page - Kemet Corporation

Back Button R413R23300000M Datasheet HTML 7Page - Kemet Corporation R413R23300000M Datasheet HTML 8Page - Kemet Corporation R413R23300000M Datasheet HTML 9Page - Kemet Corporation R413R23300000M Datasheet HTML 10Page - Kemet Corporation R413R23300000M Datasheet HTML 11Page - Kemet Corporation R413R23300000M Datasheet HTML 12Page - Kemet Corporation R413R23300000M Datasheet HTML 13Page - Kemet Corporation R413R23300000M Datasheet HTML 14Page - Kemet Corporation R413R23300000M Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3100_R41_Y2_300 • 6/9/2016 11
Metallized Polypropylene Film EMI Suppression Capacitors
R41 Series, Class Y2, 300 VAC, 110ºC (Automotive Grade)
Marking
IEC Climatic
Category
Approval
Marks
TOP
FRONT
Lead Spacing 10 mm
Manufacturer’s
Logo
Manufacturing
Plant
IEC Climatic
Category
Approval
Marks
TOP
FRONT
Series
Capacitance,
Capacitance
Tolerance,
Rated Voltage
Manufacturing
Plant
Lead Spacing 22.5 mm (large case sizes), 27.5 mm, 37.5 mm
Manufacturer’s
Logo
Dielectric
Code
Safety
Class
Self
Healing
Passive
Flammability
Category
Date Code
QA Number
Capacitance Tolerance
Date Code
Capacitance,
Rated Voltage
Series,
Dielectric Code,
Safety Class,
Self Healing
IEC Climatic
Category
Approval
Marks
TOP
FRONT
Lead Spacing 15 mm, 22.5 mm (small case sizes)
Manufacturer’s
Logo
Passive Flammability
Category
Manufacturing
Plant
Capacitance Tolerance
Date Code
Capacitance,
Rated Voltage
Series,
Dielectric Code,
Safety Class,
Self Healing
Passive Flammability Category:
B for volume ≥ 1750 mm3
C for volume < 1750 mm3


Similar Part No. - R413R23300000M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R413R32200000M KEMET-R413R32200000M Datasheet
54Kb / 1P
   R41, Film, Metallized Polypropylene, Safety, 0.22 uF, 20%, 1000 VDC, 300 VAC (Y2), 110C, Lead Spacing = 27.5mm
R413R32204000M KEMET-R413R32204000M Datasheet
226Kb / 1P
   R41, Film, Metallized Polypropylene, Safety, 0.22 uF, 20%, 300 VAC (Y2), 1000 VDC, 110°C, Lead Spacing = 27.5mm
10/20/2022
R413R32205000M KEMET-R413R32205000M Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Safety, R41, 0.22 uF, 20%, 1,000 V, 300 V, 110C, Lead Spacing = 27.5mm
R413R322050T0K KEMET-R413R322050T0K Datasheet
50Kb / 1P
   R41T, Film, Metallized Polypropylene, Automotive Safety, 0.22 uF, 10%, 300 VAC (Y2), 125째C, Lead Spacing = 27.5mm
R413R333050T0K KEMET-R413R333050T0K Datasheet
57Kb / 1P
   R41T, Film, Metallized Polypropylene, Automotive Safety, 0.33 uF, 10%, 300 VAC (Y2), 125째C, Lead Spacing = 27.5mm
More results

Similar Description - R413R23300000M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE844RD6100MR06L2 KEMET-PHE844RD6100MR06L2 Datasheet
1Mb / 14P
   Metallized Polypropylene Film EMI Suppression Capacitors
R463N31500001M KEMET-R463N31500001M_16 Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R474I210000A1M KEMET-R474I210000A1M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R413I22200000M KEMET-R413I22200000M Datasheet
3Mb / 16P
   Metallized Polypropylene Film EMI Suppression Capacitors
R46KI21000001M KEMET-R46KI21000001M Datasheet
1Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
R46 KEMET-R46_V01 Datasheet
2Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
10/31/2022
R46KR410000M1M KEMET-R46KR410000M1M Datasheet
564Kb / 13P
   Metallized Polypropylene Film EMI Suppression Capacitors
R463W515050H7M KEMET-R463W515050H7M Datasheet
901Kb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
1/13/2022
R474F14700001M KEMET-R474F14700001M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R475I21000001M KEMET-R475I21000001M Datasheet
3Mb / 15P
   Metallized Polypropylene Film EMI Suppression Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com