Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CQ-3202 Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # CQ-3202
Description  High-Speed Response Coreless Current Sensor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

CQ-3202 Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button CQ-3202 Datasheet HTML 6Page - Asahi Kasei Microsystems CQ-3202 Datasheet HTML 7Page - Asahi Kasei Microsystems CQ-3202 Datasheet HTML 8Page - Asahi Kasei Microsystems CQ-3202 Datasheet HTML 9Page - Asahi Kasei Microsystems CQ-3202 Datasheet HTML 10Page - Asahi Kasei Microsystems CQ-3202 Datasheet HTML 11Page - Asahi Kasei Microsystems CQ-3202 Datasheet HTML 12Page - Asahi Kasei Microsystems CQ-3202 Datasheet HTML 13Page - Asahi Kasei Microsystems CQ-3202 Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
[CQ-3202]
016008764-E-00
2016/07
- 10 -
10.5. Rise Response Time tr [µs] and Fall Response Time tf [µs]
Rise response time (or fall response time) is defined as the time delay from the 90% (or 10%) of input
primary current (IIN) to the 90% (or 10%) of the VOUT pin voltage (VOUT) under the pulse input of primary
current (Figure 6).
Figure 6. Definition of response time.
Rise response time (tr)
Fall response time (tf)
IIN
VOUT
Time
Time
90% IIN
90% VOUT
tr
IIN
VOUT
Time
Time
10% IIN
tf
10% VOUT


Similar Part No. - CQ-3202

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
CQ-3202 AKM-CQ-3202_16 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
More results

Similar Description - CQ-3202

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
CQ-3203 AKM-CQ-3203 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-330E AKM-CQ-330E Datasheet
557Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-330A AKM-CQ-330A Datasheet
553Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-320A AKM-CQ-320A_16 Datasheet
622Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3201 AKM-CQ-3201 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3302 AKM-CQ-3302 Datasheet
564Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-320A AKM-CQ-320A Datasheet
622Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3202 AKM-CQ-3202_16 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-330F AKM-CQ-330F Datasheet
557Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-330G AKM-CQ-330G Datasheet
621Kb / 19P
   High-Speed Response Coreless Current Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com