Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

09S101-K025 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 09S101-K025
Description  RPC-2.40 Airline Plug / Jack
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

09S101-K025 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  09S101-K025 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 09S101-K025 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 09S101-K025 Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical Data Sheet
RPC-2.40
Airline Plug / Jack
09S101-K025
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
1 / 3
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
According to
IEC 61169-40
Mechanically compatible with
RPC-1.85
Documents
Application note
AN001 “Calibration Services”
Material and plating
Connector parts
Material
Plating
Center conductor
CuBe
Gold, min. 1.27 µm, over chemical nickel
Outer conductor
Brass
Gold, min. 1.27 µm, over chemical nickel
Coupling nut
Stainless steel
Passivated


Similar Part No. - 09S101-K025

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
09S101-K025 ROSENBERGER-09S101-K025 Datasheet
979Kb / 3P
   Calibration Kit
More results

Similar Description - 09S101-K025

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
09S101-K015 ROSENBERGER-09S101-K015 Datasheet
47Kb / 3P
   RPC-2.40 Airline Plug / Jack
03S101-K020 ROSENBERGER-03S101-K020 Datasheet
242Kb / 3P
   RPC-3.50 Airline Plug / Jack
03S101-K038 ROSENBERGER-03S101-K038 Datasheet
245Kb / 3P
   RPC-3.50 Airline Plug / Jack
08S101-K013 ROSENBERGER-08S101-K013 Datasheet
45Kb / 3P
   RPC-1.85 Airline Plug / Jack
08S101-K014 ROSENBERGER-08S101-K014 Datasheet
45Kb / 3P
   RPC-1.85 Airline Plug / Jack
03S101-K015 ROSENBERGER-03S101-K015 Datasheet
236Kb / 3P
   RPC-3.50 Airline Plug / Jack
03S101-K100 ROSENBERGER-03S101-K100 Datasheet
256Kb / 3P
   RPC-3.50 Airline Plug / Jack
02S101-K075 ROSENBERGER-02S101-K075 Datasheet
91Kb / 3P
   RPC-2.92 Airline Plug / Jack
09K121-271S3 ROSENBERGER-09K121-271S3 Datasheet
66Kb / 2P
   RPC-2.40 STRAIGHT JACK
02K109-K00S3 ROSENBERGER-02K109-K00S3 Datasheet
552Kb / 2P
   ADAPTOR RPC-2.92 JACK ??RPC-2.40 JACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com