Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RLB0913-102K Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # RLB0913-102K
Description  Radial Lead Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

RLB0913-102K Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  RLB0913-102K Datasheet HTML 1Page - Bourns Electronic Solutions RLB0913-102K Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
n
Shrinktubingprotectedwinding
n
Fixedleadspacing
n
Highsaturationcurrentupto10A
n
Inductancerange:1µHto100mH
n
RoHScompliant*
Applications
n
DC/DCconverters
n
Powersupplies
n
Outputchokes
n
EMI/RFIfilters
RLB0913SeriesRadialLeadInductor
Inductance Test Frequency Voltage
1-6.8 µH ........................7.96 MHz/1 V
10-100,000 µH .................... 1 kHz/1 V
Operating Temperature
................................-55 °C to +125 °C
(Temperature rise included)
Storage Temperature.....-55 °C to +125 °C
Temperature Rise ....40 °C at rated I rms
Rated Current
........... Inductance drops 10 % at I sat
Electrical Specifications @ 25 °C
General Specifications
Core..............................................Ferrite
Wire ............................Enameled copper
Terminal Finish ........................Cu/Ag/Sn
Tubing........... Shrink tube 125 °C, 600 V
Packaging....................200 pcs. per tray
Materials
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Bourns
Part Number
Inductance
Q
Min.
Q Test
Freq.
(MHz)
SRF
Min.
(MHz)
DCR
Typ.
(W)
DCR
Max.
(W)
I rms
Typ.
(A)
I sat
Typ.
(A)
** K-
Factor
L (µH) Tol.
(%)
RLB0913-1R0K
1
± 10 20
7.96
150 0.009 0.013 7.45
10
189.0
RLB0913-1R5K
1.5
± 10 20
7.96
130 0.013 0.016 5.75
8.5
159.9
RLB0913-2R2K
2.2
± 10 20
7.96
100 0.014 0.021 5.6
6.5
122.3
RLB0913-3R3K
3.3
± 10 20
7.96
79
0.02 0.025 4.6
5.5
99.0
RLB0913-4R7K
4.7
± 10 20
7.96
51
0.02 0.03
4
4.3
83.2
RLB0913-6R8K
6.8
± 10 20
7.96
29
0.025 0.035 3.65
3.7
67.1
RLB0913-100K
10
± 10 50
2.52
14
0.036 0.045 3.1
3
59.4
RLB0913-120K
12
± 10 50
2.52
13
0.038 0.05
2.9
2.7
53.3
RLB0913-150K
15
± 10 40
2.52
12
0.043 0.056 2.8
2.3
48.3
RLB0913-180K
18
± 10 40
2.52
11
0.048 0.061 2.6
2.2
42.4
RLB0913-220K
22
± 10 40
2.52
9.2 0.053 0.07 2.55
2
39.2
RLB0913-270K
27
± 10 30
2.52
8.5 0.061 0.08
2.5
1.7
35.2
RLB0913-330K
33
± 10 30
2.52
7.8 0.070 0.09 2.45
1.6
31.0
RLB0913-390K
39
± 10 30
2.52
6.9 0.076 0.1
2.4
1.5
29.3
RLB0913-470K
47
± 10 30
2.52
6.5 0.107 0.16 2.35
1.4
26.3
RLB0913-560K
56
± 10 30
2.52
5.4
0.12 0.18 1.75
1.3
23.9
RLB0913-680K
68
± 10 30
2.52
4.9 0.169 0.21
1.4
1.2
21.9
RLB0913-820K
82
± 10 30
2.52
4.1 0.189 0.23 1.35
1.1
19.8
RLB0913-101K
100
± 10 20
0.796
3.7 0.219 0.28
1.2
0.91
18.1
RLB0913-121K
120
± 10 20
0.796
3.4 0.266 0.32 1.05 0.84
16.4
RLB0913-151K
150
± 10 20
0.796
3.2 0.305 0.37
1
0.75
14.7
RLB0913-181K
180
± 10 20
0.796
2.8 0.399 0.58 0.75 0.69
13.4
RLB0913-221K
220
± 10 20
0.796
2.7 0.453 0.65
0.7
0.64
12.2
RLB0913-271K
270
± 10 20
0.796
2.4 0.627 0.75
0.6
0.57
11.0
RLB0913-331K
330
± 10 20
0.796
2.3 0.719 0.85 0.56 0.54
9.9
RLB0913-391K
390
± 10 20
0.796
2.1 0.899
1
0.5
0.48
9.2
RLB0913-471K
470
± 10 20
0.796
1.9 1.018 1.1
0.47 0.46
8.3
RLB0913-561K
560
± 10 20
0.796
1.8 1.136 1.4
0.45 0.41
7.6
RLB0913-681K
680
± 10 20
0.796
1.6 1.272 1.6
0.42 0.38
6.8
RLB0913-821K
820
± 10 20
0.796
1.5 1.702 1.8
0.41 0.35
6.3
RLB0913-102K
1000 ± 10 50
0.252
1.3
2.35
2.9
0.35 0.29
5.7
RLB0913-122K
1200 ± 10 50
0.252
1.1 2.672
4
0.3
0.13
5.2
RLB0913-152K
1500 ± 10 20
0.252
1
3.626 6.1 0.285 0.08
4.7
RLB0913-182K
1800 ± 10 20
0.252
1
4.063 6.4
0.27 0.08
4.2
RLB0913-222K
2200 ± 10 20
0.252
0.9 4.600 6.8 0.245 0.08
3.8
RLB0913-272K
2700 ± 10 20
0.252
0.9 5.251 7.7
0.23 0.08
3.4
RLB0913-332K
3300 ± 10 20
0.252
0.7 7.478
9
0.195 0.08
3.1
RLB0913-392K
3900 ± 10 20
0.252
0.6 8.287
14
0.185 0.08
2.9
Electrical Schematic
Typical Part Marking
102
InductanceCode:
-Firsttwodigitsaresignificant
- Thirddigitrepresentsthe
numberofzeroestofollow
~ Continued on next page ~
**K-Factor: To calculate core flux density, Bp-p (gauss) = K x L(µH) x D I (peak-to-peak ripple current, A),
determine core loss from Core Loss vs. Flux Density plot.
MAX.
DIA.
5.00 ± 1.0
(.197 ± .039)
5.00 ± 0.5
(.197 ± .020)
8.50
(.335)
0.65 ± 0.1
(.026 ± .004)
12.50
(.492)
MAX.
*RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EUJune8,2011.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.


Similar Part No. - RLB0913-102K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
RLB0912-100KL BOURNS-RLB0912-100KL Datasheet
232Kb / 7P
   Radial Inductors
RLB0912-101KL BOURNS-RLB0912-101KL Datasheet
232Kb / 7P
   Radial Inductors
RLB0912-102KL BOURNS-RLB0912-102KL Datasheet
232Kb / 7P
   Radial Inductors
RLB0912-150KL BOURNS-RLB0912-150KL Datasheet
232Kb / 7P
   Radial Inductors
RLB0912-151KL BOURNS-RLB0912-151KL Datasheet
232Kb / 7P
   Radial Inductors
More results

Similar Description - RLB0913-102K

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPI1L0103RL30 PCA-EPI1L0103RL30 Datasheet
61Kb / 2P
   Radial Lead Power Inductor
logo
Rhombus Industries Inc.
L-61114 RHOMBUS-IND-L-61114 Datasheet
16Kb / 1P
   Radial Lead Mini Inductor
L-674 RHOMBUS-IND-L-674 Datasheet
17Kb / 1P
   Radial Lead Mini Inductor
logo
RCD COMPONENTS INC.
FRL1ER-R82-KBW RCD-FRL1ER-R82-KBW Datasheet
32Kb / 1P
   FLAT RADIAL LEAD INDUCTOR COILS
logo
ABC Taiwan Electronics ...
RC1008100ML ABC-RC1008100ML Datasheet
308Kb / 4P
   RADIAL INDUCTOR
logo
Bourns Electronic Solut...
RL895 BOURNS-RL895 Datasheet
245Kb / 1P
   RADIAL INDUCTOR
logo
ABC Taiwan Electronics ...
RB1014101KL ABC-RB1014101KL Datasheet
118Kb / 5P
   RADIAL INDUCTOR
RB0712100KL ABC-RB0712100KL Datasheet
119Kb / 5P
   RADIAL INDUCTOR
RB1010101 ABC-RB1010101 Datasheet
104Kb / 4P
   RADIAL INDUCTOR
RB13143R3ML ABC-RB13143R3ML Datasheet
347Kb / 4P
   RADIAL INDUCTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com