Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RLB0913-391K Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # RLB0913-391K
Description  Radial Lead Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

RLB0913-391K Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  RLB0913-391K Datasheet HTML 1Page - Bourns Electronic Solutions RLB0913-391K Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
RLB0913SeriesRadialLeadInductor
Electrical Specifications @ 25 °C (Continued)
Bourns
Part Number
Inductance
Q
Min.
Q Test
Freq.
(MHz)
SRF
Min.
(MHz)
DCR
Typ.
(W)
DCR
Max.
(W)
I rms
Typ.
(A)
I sat
Typ.
(A)
** K-
Factor
L (µH) Tol.
(%)
RLB0913-472K 4700 ± 10 20
0.252
0.5 9.244
16
0.175 0.05
2.6
RLB0913-562K 5600 ± 10 20
0.252
0.4 13.38
18
0.145 0.05
2.4
RLB0913-682K 6800 ± 10 20
0.252
0.4 15.18
19
0.135 0.05
2.2
RLB0913-822K 8200 ± 10 20
0.252
0.3 17.10
21
0.13 0.05
2.0
RLB0913-103K 10,000 ± 10 40 0.0796
0.3 19.59
25
0.12 0.05
1.8
RLB0913-123K 12,000 ± 10 40 0.0796
0.3 22.03
33
0.115 0.04
1.6
RLB0913-153K 15,000 ± 10 40 0.0796
0.2 30.47
37
0.1
0.04
1.5
RLB0913-183K 18,000 ± 10 30 0.0796
0.2 34.38
40
0.09 0.04
1.3
RLB0913-223K 22,000 ± 10 30 0.0796
0.1
45.6
56
0.08 0.03
1.2
RLB0913-273K 27,000 ± 10 30 0.0796
0.1 52.26
62
0.075 0.03
1.1
RLB0913-333K 33,000 ± 10 30 0.0796
0.1
59.8
70
0.07 0.03
1.0
RLB0913-393K 39,000 ± 10 30 0.0796
0.1 67.81
80
0.065 0.03
0.9
RLB0913-473K 47,000 ± 10 20 0.0796
0.1 88.83
99
0.055 0.03
0.8
RLB0913-563K 56,000 ± 10 20 0.0796
0.1 100.3 135
0.05 0.02
0.7
RLB0913-683K 68,000 ± 10 20 0.0796
0.1 141.9 150 0.045 0.02
0.7
RLB0913-823K 82,000 ± 10 20 0.0796
0.1 183.7 212
0.04 0.02
0.6
RLB0913-104K 100,000 ± 10 20 0.0252
0.1 210.1 235
0.04 0.02
0.6
**K-Factor: To calculate core flux density, Bp-p (gauss) = K x L(µH) x D I (peak-to-peak ripple current, A),
determine core loss from Core Loss vs. Flux Density plot.
How to Order
RLB0913 - 102 K
Model
Value Code (see table)
Tolerance Code
K = ±10 %
Core Loss vs. Flux Density
1
10
100
1000
10000
100
10
1000
10000
Flux Density (Gauss)
50 KHz
100 KHz
200 KHz
300 KHz
500 KHz
600 KHz
1 MHz
01/17
Asia-Pacific:
Tel: +886-2 2562-4117
Email: asiacus@bourns.com
Europe:
Tel: +36 88 520 390
Email: eurocus@bourns.com
The Americas:
Tel: +1-951 781-5500
Email: americus@bourns.com
www.bourns.com


Similar Part No. - RLB0913-391K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
RLB0912-100KL BOURNS-RLB0912-100KL Datasheet
232Kb / 7P
   Radial Inductors
RLB0912-101KL BOURNS-RLB0912-101KL Datasheet
232Kb / 7P
   Radial Inductors
RLB0912-102KL BOURNS-RLB0912-102KL Datasheet
232Kb / 7P
   Radial Inductors
RLB0912-150KL BOURNS-RLB0912-150KL Datasheet
232Kb / 7P
   Radial Inductors
RLB0912-151KL BOURNS-RLB0912-151KL Datasheet
232Kb / 7P
   Radial Inductors
More results

Similar Description - RLB0913-391K

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPI1L0103RL30 PCA-EPI1L0103RL30 Datasheet
61Kb / 2P
   Radial Lead Power Inductor
logo
Rhombus Industries Inc.
L-61114 RHOMBUS-IND-L-61114 Datasheet
16Kb / 1P
   Radial Lead Mini Inductor
L-674 RHOMBUS-IND-L-674 Datasheet
17Kb / 1P
   Radial Lead Mini Inductor
logo
RCD COMPONENTS INC.
FRL1ER-R82-KBW RCD-FRL1ER-R82-KBW Datasheet
32Kb / 1P
   FLAT RADIAL LEAD INDUCTOR COILS
logo
ABC Taiwan Electronics ...
RC1008100ML ABC-RC1008100ML Datasheet
308Kb / 4P
   RADIAL INDUCTOR
logo
Bourns Electronic Solut...
RL895 BOURNS-RL895 Datasheet
245Kb / 1P
   RADIAL INDUCTOR
logo
ABC Taiwan Electronics ...
RB1014101KL ABC-RB1014101KL Datasheet
118Kb / 5P
   RADIAL INDUCTOR
RB0712100KL ABC-RB0712100KL Datasheet
119Kb / 5P
   RADIAL INDUCTOR
RB1010101 ABC-RB1010101 Datasheet
104Kb / 4P
   RADIAL INDUCTOR
RB13143R3ML ABC-RB13143R3ML Datasheet
347Kb / 4P
   RADIAL INDUCTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com