Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR0402-AS Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CR0402-AS
Description  Sulfur-Resistant Thick Film Chip Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CR0402-AS Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CR0402-AS Datasheet HTML 1Page - Bourns Electronic Solutions CR0402-AS Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Overcoat
Resistor(Ru02)
(Jumperchipis
aconductor)
AluminaSubstrate
InternalElectrode
SecondaryElectrode(NickelPlated)
ExternalElectrode(Sn)
Features
n
RoHScompliant*
n
Smallpackagedimensions
n
Powerratingat70°C=1/16W
n
Threelayerterminationprocesswithnickel
barrierhelpspreventleachingandprovides
excellentsolderability
n
Suitableformosttypesofsoldering
processes
n
Standardpackagingonpapertapeandreel
n
Sulfur-resistantdesign
CR0402-ASSeries-Sulfur-ResistantThickFilmChipResistors
* RoHSDirective2002/95/ECJan.27,2003including
annexandRoHSRecast2011/65/EUJune8,2011.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdata
sheetcananddovaryindifferentapplicationsand
actualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheir
specificapplications.
General Characteristics
Characteristic
CR0402-AS
Power Rating @ 70 °C per Resistor
0.063 W
Resistor Tolerance
±1 %, ±5 %
Resistance Range - 1 % Tolerance (E24 + E96)
10 ohms to 1 megohm
Resistance Range - 5 % Tolerance (E24),
Zero-ohm Jumper
1 ohm to 10 megohms,
0 ohms
Temperature Coefficient of Resistance (TCR)
1 % Tolerance
5 % Tolerance
Zero-ohm Jumper
±100 ppm/°C
±200 ppm/°C**
N/A
Maximum Overload Voltage
50 V
Maximum Working Voltage
100 V
Operating Temperature Range
-55 to +155 °C
Storage Conditions
+5 ~ +40 °C, 25~75 % RH, 1 year
Derating Temperature
+70 °C
Packaging (Paper Tape)
10,000 pcs. per reel
Zero-ohm Jumper:
Current Rating
Maximum Resistance
1 A per element
50 milliohms
Environmental Characteristics
Specification
Test Method
(JIS C 5201-1)
Characteristics
Short Time
Overload
Rated voltage x 2.5, 5 seconds
±(2 % +0.1 ohm)
Soldering Heat
+260 °C ±5 °C, 10 ±1 seconds
±(1 % +0.05 ohm)
Temperature
Cycling
-55 °C (30 minutes) - normal (2~3 minutes)
+125 °C (30 minutes) - normal (2~3 minutes), 5 cycles
±(1 % +0.05 ohm)
Moisture Load
Life
+40 °C, 90~95 % RH, 1000 hours,
1.5 hours ON, 0.5 hours OFF
±(3 % +0.1 ohm)
Load Life
+70 °C, 1000 hours,
1.5 hours ON, 0.5 hours OFF
±(3 % +0.1 ohm)
Sulfur Test
3 ppm H2S, +50 °C, 90~95 % RH, 100 hours
±(5 % +0.1 ohm)
NOTE: Zero-ohm jumper ≤100 milliohms.
How To Order
CR 0402 - F X - 1002 G AS
Chip
Resistor
Size
• 0402
Tolerance
• F = 1 %
• J = 5 %
TCR (ppm/°C)
• X = ±100
• W = ±200
• / = N/A (for Jumper)
Resistance Code
• For 1 % Tolerance
<100 ohms:
“R” designates decimal point
(example: 24R3 = 24.3 ohms)
≥100 ohms:
First three digits are significant,
fourth digit represents number of
zeros to follow
(example: 8252 = 82.5K ohms)
• For 5 % Tolerance
<10 ohms:
“R” designates decimal point
(example: 4R7 = 4.7 ohms)
≥10 ohms:
First two digits are significant,
third digit represents number of
zeros to follow
(example: 474 = 470K ohms;
000 = Zero-ohm jumper)
Packaging
• G = Paper Tape
(10,000 pcs. on 7-inch plastic reel)
Special Characteristics
• AS = Sulfur-resistant, Tin-plated terminations
(RoHS compliant)
For Standard Values Used in Capacitors,
Inductors, and Resistors, click here.
Soldering Profile
25
75
125
175
225
275
050
100
150
200
250
300
Time(seconds)
60-120seconds
60-90
seconds
260°Cpeak
190°C
150°C
220°C
RampDown
6°C/second
255°C
Maximumof20secondsbetween
+255°Cand+260°C
RampUp
3°C/secondmaximum
10secondsminimum
<1>
<1>
Construction
**TCR for 1 ohm to 9.1 ohm resistance range, 5 % tolerance is ±300 ppm/°C.


Similar Part No. - CR0402-AS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CR0402-16W-000 SKYWORKS-CR0402-16W-000 Datasheet
653Kb / 47P
   PROSLIC® SINGLE-CHIP FXS SOLUTION
Rev. 1.1 August 31, 2021
CR0402-16W-000 SKYWORKS-CR0402-16W-000 Datasheet
616Kb / 46P
   PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
Rev. 1.0 August 31, 2021
CR0402-16W-000 SKYWORKS-CR0402-16W-000 Datasheet
1Mb / 59P
   SINGLE-CHIP DUAL PROSLIC®
Rev. 1.4 October 7, 2021
logo
ATMEL Corporation
CR0402-16W-000T ATMEL-CR0402-16W-000T Datasheet
857Kb / 38P
   AT90USB1287 (AVR) 64 QFN device (2.7V < VCC < 5.5V)
logo
Skyworks Solutions Inc.
CR0402-16W-1001F SKYWORKS-CR0402-16W-1001F Datasheet
653Kb / 47P
   PROSLIC® SINGLE-CHIP FXS SOLUTION
Rev. 1.1 August 31, 2021
More results

Similar Description - CR0402-AS

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CR0603-AS BOURNS-CR0603-AS Datasheet
412Kb / 2P
   Sulfur-Resistant Thick Film Chip Resistors
logo
Vishay Siliconix
RCAE3 VISHAY-RCAE3_V01 Datasheet
160Kb / 10P
   Sulfur Resistant Thick Film Chip Resistors
01-Jan-2022
logo
NIC-Components Corp.
NRCS NIC-NRCS Datasheet
112Kb / 4P
   Sulfur Resistant Thick Film Chip Resistors
NRCAS NIC-NRCAS Datasheet
320Kb / 5P
   Sulfur Resistant Thick Film Chip Resistors
logo
Vishay Siliconix
RCA-AUE4 VISHAY-RCA-AUE4 Datasheet
122Kb / 8P
   Sulfur Resistant, Gold Terminated Thick Film Chip Resistors
RCA-IFE3 VISHAY-RCA-IFE3_V01 Datasheet
132Kb / 10P
   Sulfur Resistant, Pulse Proof Thick Film Chip Resistors
01-Jan-2022
RCA-IFE3 VISHAY-RCA-IFE3 Datasheet
135Kb / 10P
   Sulfur Resistant, Pulse Proof Thick Film Chip Resistors
RCA-LSE3 VISHAY-RCA-LSE3 Datasheet
155Kb / 10P
   Sulfur Resistant, Long Side Termination Thick Film Chip Resistors
logo
Bourns Electronic Solut...
CAY10-AS BOURNS-CAY10-AS Datasheet
582Kb / 3P
   Sulfur-Resistant Thick Film Chip Arrays
logo
Vishay Siliconix
RCA-LSE3 VISHAY-RCA-LSE3_V01 Datasheet
155Kb / 10P
   Sulfur Resistant, Long Side Termination Thick Film Chip Resistors
01-Jan-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com