Electronic Components Datasheet Search |
|
C8M15 Datasheet(PDF) 3 Page - StarHope |
|
C8M15 Datasheet(HTML) 3 Page - StarHope |
3 / 3 page SPSEMI www.spsemi.cn Page 3 of 3 Surge Characteristics Test Item Surge withstand capability Surge life test In the glass tube ends in 8/20 us surge tester, applying the model that corresponds to the impact resistance current, time interval for the 60 s of plus or minus the test 5 times. Test the dc voltage, insulation resistance, static capacitance and check the appearance. Apply 10KV voltage charged in 1500pF condenser and apply the current to the specimen,200 times at 10 seconds of intervals. Test Method Specification DC spark-over voltage JSE: Vs/Vs 30% △≦ Within standard mentioned in Initial Characteristics. Enviromental Characteristics Test Item Test Method Specification Cold resistance After -40±3 ℃ (1000hrs) / room temp.,normal humidity(4 hrs) cycle, measure the properties. Within standard mentioned in Initial Characteristics. Within standard mentioned in Initial Characteristics. Within standard mentioned in Initial Characteristics. Within standard mentioned in Initial Characteristics. After 125±2 ℃ (1000hrs) / room temp.,normal humidity(4 hrs) cycle, measure the properties. After 85±2 ℃ RH85%(1000hrs) / room temp.,normal humidity(4 hrs) cycle, measure the properties. 25 times repetition of cycle -40±3 ℃ (30 Min.),roon temp., (4 Min.), 125±2 (30Min.), ℃ room temp., normal humidity(4hrs) . Heat resistance Temperature resistance Temperature period Tensile strength Bending strength Resistance to soldering attachment () by solder dip Resistance to soldering heat () by solder dip Apply 2.5kgs load approximately 30 seconds, then check for pull-out and breaking of the lead wire. Within standard mentioned in Initial Characteristics. Within standard mentioned in Initial Characteristics. Bend the lead wire, with jig which radius is 0.75~0.8mm, at the point of 2mm from the body, under 0.25 kgs load applied at the right angle the direction of theamis and get the bent lead wire back to its original poing after the procedure was repeated 2times. Apply flux and immerse in molten solder, up to the point of 3mm from the body,for 5 sec. (235 ±5 ). Wash the leadwire and check for soldering adhesion. Lead wire is evenly covered by solder over 90%. Apply flux and immerse in molten solder, up to the point of 3mm from the body,for 5 sec. (235 ±5 ). Wash the leadwire ℃℃ and check forsoldering adhesion.) Within standard mentioned in Initial Characteristics. GDT/C8M Series REV 2017 04 06 .. . |
Similar Part No. - C8M15 |
|
Similar Description - C8M15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |