Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8H09R Datasheet(PDF) 1 Page - StarHope

Part # C8H09R
Description  Gas Discharge Tube C8H Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

C8H09R Datasheet(HTML) 1 Page - StarHope

  C8H09R Datasheet HTML 1Page - StarHope C8H09R Datasheet HTML 2Page - StarHope C8H09R Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPSEMI
REV 2017 04 06
..
.
www.spsemi.cn
Page 1 of 3
Gas Discharge Tube
C8H Series
Features
Electronic stability
Small volume, easy to placement machine operation
Large flow capacity, impact resistant ability
Static electricity capacity, good insulation
Reaction speed is 50 ns - 150 ns
GDT/C8H Series
Applications
ADSL MODEM
FAX
TELEPHONE
、、
RS485
RS232
CAN level of protection
、、
CATV
Power supply prevents thunder common-mode protection
Marking Code
C 8H0 9RX
Internal Code(Default)
R: With Lead
Default: No Lead
Nom. DC spark-over
voltage Vs
09:90V
15:150V
47:470V
150:1500V
Electrical Characteristics
K: 3KA
L: 5KA
M:10KA
H: 20KA
B5: 2R/5*5mm
B8: 2R/8*6mm
C6: 3R/6*8mm
C7: 3R/7*11.5mm
C8: 3R/8*10mm
Product Name
Marking Code
Logo
C8H09R


Similar Description - C8H09R

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
2R1000-6 LEIDITECH-2R1000-6 Datasheet
487Kb / 5P
   Gas Discharge Tube
logo
StarHope
GDT-B8H SPSEMI-GDT-B8H Datasheet
120Kb / 3P
   Gas Discharge Tube
logo
SUNMATE electronic Co.,...
3R075LB-7 SUNMATE-3R075LB-7 Datasheet
468Kb / 2P
   GAS DISCHARGE TUBE
3R075TB-8 SUNMATE-3R075TB-8 Datasheet
518Kb / 2P
   GAS DISCHARGE TUBE
logo
Ruilongyuan Electronics...
3RB-7 RUILON-3RB-7 Datasheet
610Kb / 6P
   Gas Discharge Tube
logo
Shenzhen Bencent Electr...
B5G3600 BENCENT-B5G3600 Datasheet
187Kb / 3P
   Gas Discharge Tube
BX201N BENCENT-BX201N Datasheet
147Kb / 3P
   Gas Discharge Tube
BZ201M BENCENT-BZ201M Datasheet
144Kb / 3P
   Gas Discharge Tube
BD351 BENCENT-BD351 Datasheet
240Kb / 3P
   Gas Discharge Tube
B8G3600L BENCENT-B8G3600L Datasheet
438Kb / 3P
   Gas Discharge Tube
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com