Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCI-3112-000 Datasheet(PDF) 4 Page - API Technologies Corp

Part # SCI-3112-000
Description  Resin Sealed Bolt-in Filters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SCI-3112-000 Datasheet(HTML) 4 Page - API Technologies Corp

  SCI-3112-000 Datasheet HTML 1Page - API Technologies Corp SCI-3112-000 Datasheet HTML 2Page - API Technologies Corp SCI-3112-000 Datasheet HTML 3Page - API Technologies Corp SCI-3112-000 Datasheet HTML 4Page - API Technologies Corp SCI-3112-000 Datasheet HTML 5Page - API Technologies Corp SCI-3112-000 Datasheet HTML 6Page - API Technologies Corp SCI-3112-000 Datasheet HTML 7Page - API Technologies Corp SCI-3112-000 Datasheet HTML 8Page - API Technologies Corp SCI-3112-000 Datasheet HTML 9Page - API Technologies Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Resin Sealed Bolt-in Filters
6-32 C, L, Pi/6-40 Pi
.500 ± .031
(12.7 ± .79)
.320 ± .031
(8.13 ± .79)
.125
(3.18)
.225
(5.72)
ø A ± .005
(± .13)
#6–32 Unc–2A
.156 Hex.
(3.96)
.130
(3.30)
#6-40 Unf–2A Thd.
.220
(5.59)
ø .032 ± .005
(ø 0.81 ± .79)
.050
(1.27)
.950 ± .031
(24.13 ± .79)
.290 ± .031
(7.37 ± .79)
.125
(3.18) Hex.
ø .156
(3.96)
Figure 2
Figure 1
Figure 3
7
8
31
9
17
20
24
14
18
40
9
20
27
30
34
5
5
8
15
30
45
44
10
18
29
34
37
41
15
15
15
24
55
65
47
21
27
38
43
45
45
42
40
50
33
70
70
55
28
33
45
50
50
50
65
60
65
37
Minimum Insertion Loss (dB)
50
50
50
100
100
100
100
100
100
100
200
200
200
200
Rated Voltage
125°C
I
Amp
Min
Cap
10
MHz
Part Number
¦
Also available through API’s authorized distributors.
Also available through API’s authorized European distributors/agents.
¦
51-726-008
51-726-017
54-779-019
¦
54779001X5F100M
¦
54779001X5U102P €
54-779-014
54-779-016
¦
51-726-002
54-779-017
54-779-018
¦
51-726-001
¦
1289-001
¦
1289-004
54-779-015
Figure
DC
30
MHz
100
MHz
300
MHz
1
GHz
10
GHz
3
MHz
1
1
1
1
1
1
1
3
1
1
1
2
2
1
3
3
10
10
10
10
10
10
10
10
3
10
10
10
5500 pF
9000 pF
0.10 µF
10 pF ± 20%
1000 pF
2700 pF
0.01 µF
0.022 µF
0.027 µF
0.050 µF
1500 pF
1500 pF
3000 pF
5600 pF
70
70
65
10
28
35
50
60
55
60
70
60
70
40
70
70
65
10
28
35
50
60
60
60
70
60
70
40
A
0.018
0.018
0.032
0.032
0.032
0.032
0.032
0.032
0.032
0.032
0.018
0.032
0.032
0.032
AC
(0.46)
(0.46)
(0.81)
(0.81)
(0.81)
(0.81)
(0.81)
(0.81)
(0.81)
(0.81)
(0.46)
(0.81)
(0.81)
(0.81)
In
(mm)
22
7
10
15
1
MHz
CKT
Pi
Pi
C
C
C
C
C
LB
C
C
Pi
Pi
Pi
C
Dimensions in inches
(mm)
LP15
Same as Figure 1
except with turret lead


Similar Part No. - SCI-3112-000

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SCI-3112-000 APITECH-SCI-3112-000 Datasheet
3Mb / 43P
   Low Pass EMI Filters
More results

Similar Description - SCI-3112-000

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SCI-9110-100 APITECH-SCI-9110-100 Datasheet
852Kb / 12P
   Resin Sealed Bolt-in Filters
logo
Fox Electronics
FQ5032B-20 FOX-FQ5032B-20 Datasheet
502Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-27.000 FOX-FQ3225B-27.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ5032B-18.432 FOX-FQ5032B-18.432 Datasheet
502Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-12.000 FOX-FQ3225B-12.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-25.000 FOX-FQ3225B-25.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ5032A FOX-FQ5032A_13 Datasheet
123Kb / 2P
   Resin Sealed SMD Crystal
FQ1045A-6.000 FOX-FQ1045A-6.000 Datasheet
550Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-24.000 FOX-FQ3225B-24.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ5032B-24.576 FOX-FQ5032B-24.576 Datasheet
502Kb / 2P
   Resin Sealed SMD Crystal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com