Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCI-3102-000 Datasheet(PDF) 5 Page - API Technologies Corp

Part # SCI-3102-000
Description  Resin Sealed Bolt-in Filters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SCI-3102-000 Datasheet(HTML) 5 Page - API Technologies Corp

  SCI-3102-000 Datasheet HTML 1Page - API Technologies Corp SCI-3102-000 Datasheet HTML 2Page - API Technologies Corp SCI-3102-000 Datasheet HTML 3Page - API Technologies Corp SCI-3102-000 Datasheet HTML 4Page - API Technologies Corp SCI-3102-000 Datasheet HTML 5Page - API Technologies Corp SCI-3102-000 Datasheet HTML 6Page - API Technologies Corp SCI-3102-000 Datasheet HTML 7Page - API Technologies Corp SCI-3102-000 Datasheet HTML 8Page - API Technologies Corp SCI-3102-000 Datasheet HTML 9Page - API Technologies Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
8-32 C Circuit
Resin Sealed Bolt-in Filters
.421 ± .031
(10.7 ± .79)
.140
(3.56)
#8–32 Unc–2A Thd.
.328 ± .031
(8.33 ± .79)
ø .040 ± .005
(1.02 ± .13)
.234
(5.94)
.187
(4.75)
.890 ± .031
(22.6 ± .79)
.040 Max.
(1.02)
.093
(2.36)
.050
(1.27)
.312 ± .031
(7.92 ± .79)
.266
(6.77)
#8–32 Unc–2A Thd.
ø .032 ± .005
(0.81 ± .13)
.187 Hex.
(4.75)
F
.466 ± .031
(11.84 ± .79)
.266
(6.76)
.050
(1.27)
ø .032 ± .005
(0.81 ± .13)
#8–32 Unc–2A Thd.
.130
(3.30)
.293 ± .031
(7.44 ± .79)
.187
(4.75) Hex.
.631 ± .031
(16.03 ± .79)
.093
(2.39)
.265 ± .031
(6.73 ± .79)
#8–32 Unc–2A Thd.
.266
(6.77)
.187 Hex.
(4.75)
ø .051 ± .005
(1.3 ± .13)
F
24
30
37
24
9
12
20
24
29
6
6
35
43
45
37
20
20
30
34
38
8
15
15
41
45
50
41
11
29
29
36
41
44
17
24
11
24
45
55
55
51
20
38
38
45
45
47
26
33
20
33
50
55
60
51
10
28
45
45
50
50
55
32
37
10
28
37
Minimum Insertion Loss (dB)
50
50
50
70
100
100
100
100
100
100
100
150
150
200
200
200
Rated Voltage
125°C
I
Amp
Min
Cap
10
MHz
Part Number
¦
Also available through API’s authorized distributors.
SCI-9200-503
9950-381-6009
54-785-017
9950-381-6008
¦
54713001X5F101M
¦
54713001X5U102P
54-785-013
SCI-9210-103
SCI-9210-273
¦
54-785-005
54-785-016
54-785-011
54-785-012
SCI-9220-101
SCI-9220-102
SCI-9220-502
Figure
DC
30
MHz
100
MHz
300
MHz
1
GHz
10
GHz
3
MHz
2
3
1
3
4
4
1
2
2
1
1
1
1
2
2
2
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
0.05 µF
0.12 µF
0.21 µF
0.08 µF
80 pF
1000 pF
0.01 µF
0.01 µF
0.027 µF
0.05 µF
0.1 µF
2000 pF
5000 pF
100 pF
1000 pF
5000 pF
60
55
70
55
20
28
50
50
55
60
65
34
40
20
28
40
60
55
70
55
20
28
55
50
60
60
65
35
40
25
28
40
115
115
115
AC
15
20
28
15
10
15
20
1
MHz
Figure 2
Figure 1
Figure 4
Figure 3
Dimensions in inches
(mm)
LP16


Similar Part No. - SCI-3102-000

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SCI-3112-000 APITECH-SCI-3112-000 Datasheet
3Mb / 43P
   Low Pass EMI Filters
More results

Similar Description - SCI-3102-000

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SCI-9110-100 APITECH-SCI-9110-100 Datasheet
852Kb / 12P
   Resin Sealed Bolt-in Filters
logo
Fox Electronics
FQ5032B-20 FOX-FQ5032B-20 Datasheet
502Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-27.000 FOX-FQ3225B-27.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ5032B-18.432 FOX-FQ5032B-18.432 Datasheet
502Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-12.000 FOX-FQ3225B-12.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-25.000 FOX-FQ3225B-25.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ5032A FOX-FQ5032A_13 Datasheet
123Kb / 2P
   Resin Sealed SMD Crystal
FQ1045A-6.000 FOX-FQ1045A-6.000 Datasheet
550Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-24.000 FOX-FQ3225B-24.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ5032B-24.576 FOX-FQ5032B-24.576 Datasheet
502Kb / 2P
   Resin Sealed SMD Crystal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com