Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF1806X103SDNB Datasheet(PDF) 8 Page - API Technologies Corp

Part # SF1806X103SDNB
Description  Surface Mount EMI Filters
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF1806X103SDNB Datasheet(HTML) 8 Page - API Technologies Corp

Back Button SF1806X103SDNB Datasheet HTML 4Page - API Technologies Corp SF1806X103SDNB Datasheet HTML 5Page - API Technologies Corp SF1806X103SDNB Datasheet HTML 6Page - API Technologies Corp SF1806X103SDNB Datasheet HTML 7Page - API Technologies Corp SF1806X103SDNB Datasheet HTML 8Page - API Technologies Corp SF1806X103SDNB Datasheet HTML 9Page - API Technologies Corp SF1806X103SDNB Datasheet HTML 10Page - API Technologies Corp SF1806X103SDNB Datasheet HTML 11Page - API Technologies Corp SF1806X103SDNB Datasheet HTML 12Page - API Technologies Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
SM8
Surface Mount Filter Arrays
SA Series
PartNumber RatedVoltage
Rated
Temperature
IR
DC
Operating Capacitance
(@50/60Hz)
Current Characteristic
Resistance
Temp
(pF)
C
C
C
C
U
R
R
R
Features
s
The filter’s structure minimizes residual inductance
with a high self resonant frequency, ensuring large
insertion loss in a wide band.
s
The common ground electrode built into the chip
ensures complete grounding of all lines at the
ground on both ends. The filter is designed to
control cross talk.
s
An optimum constant can be selected from the
capacity range of 22-22,000 pF to best suit the
frequency.
s
Solder plated nickel barrier terminations offer good
solderability and resistance to soldering heat.
s
Available lead free/RoHs compliant
Applications
s
Noise reduction for DC lines on computers
s
Computer peripheral equipment
s
Digital TV & VTR
s
Cellular telephones
s
Automotive electronics
Typical Electrical Characteristics
Rated Voltage . . . . . . . . . . . 25 VDC to 50 VDC
Rated Current . . . . . . . . . . . 0.3 Amps
IR . . . . . . . . . . . . . . . . . . . 10,000 MΩ Min.
DC Resistance. . . . . . . . . . . 0.3 Ω Max.
Temperature Range . . . . . . . -55˚C to +125˚C
Capacitance Range . . . . . . . 22 pF to 22,000 pF
Capacitance Tolerance . . . . . ±20%
Length (L) Max.
PO.031 (0.8)
Top side
chip
GND
Copper foil pattern
.011 (0.3)
GND
.023 (0.6)
.102 (2.6)
GND
Copper foil pattern
GND
chip
Bottom side
Ground pattern
Ground pattern
Through hole
Through hole
Top side
Bottom side
.015 (0.4±0.2)
.125 (3.2±0.2)
.062 (1.6±0.2)
.031 (0.8±0.1)
.031 (0.8±0.2)
Dimensions
GND
GND
Equivalent Circuit
.027 (0.7±0.2)
PO.031 (0.8)
.011 (0.3)
.023 (0.6)
.102 (2.6)
Insertion Loss
60
50
40
30
20
0.1
1
10
100
1000
10000
Frequency (MHz)
70
10
0
22000
2200
1000
470
22
47
100
220
Length (L) Max.
PO.031 (0.8)
Top side
chip
GND
Copper foil pattern
.011 (0.3)
GND
.023 (0.6)
.102 (2.6)
GND
Copper foil pattern
GND
chip
Bottom side
Ground pattern
Ground pattern
Through hole
Through hole
Top side
Bottom side
.015 (0.4±0.2)
.125 (3.2±0.2)
.062 (1.6±0.2)
.031 (0.8±0.1)
.031 (0.8±0.2)
Dimensions
GND
GND
Equivalent Circuit
.027 (0.7±0.2)
PO.031 (0.8)
.011 (0.3)
.023 (0.6)
.102 (2.6)
Circuit Schematic
Dimensions
Dimensions in inches
(mm)
Specifications
Insertion Loss
50 VDC
SA1206C220
22
SA1206C470
47
SA1206C101
100
SA1206C221
0.3A DC
10,000 MΩ
0.3Ω max.
-55/+125˚C
220
SA1206R471
min.
470
SA1206R102
1,000
SA1206R222
2,200
SA1206R223
25 VDC
22,000


Similar Part No. - SF1806X103SDNB

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF1806X221SANBB APITECH-SF1806X221SANBB Datasheet
364Kb / 6P
   Surface Mount EMI Filters
SF1806X221SANBT APITECH-SF1806X221SANBT Datasheet
364Kb / 6P
   Surface Mount EMI Filters
SF1806X221SANCB APITECH-SF1806X221SANCB Datasheet
364Kb / 6P
   Surface Mount EMI Filters
SF1806X221SANCT APITECH-SF1806X221SANCT Datasheet
364Kb / 6P
   Surface Mount EMI Filters
SF1806X221SANDB APITECH-SF1806X221SANDB Datasheet
364Kb / 6P
   Surface Mount EMI Filters
More results

Similar Description - SF1806X103SDNB

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
PSM1-402Z-10T0 APITECH-PSM1-402Z-10T0 Datasheet
2Mb / 21P
   Surface Mount EMI Filters
SF0805C221SBNCT APITECH-SF0805C221SBNCT Datasheet
364Kb / 6P
   Surface Mount EMI Filters
PSM1F-152M-10T0 APITECH-PSM1F-152M-10T0 Datasheet
2Mb / 21P
   Surface Mount EMI Filters
logo
Murata Manufacturing Co...
BLM11A471SGPT MURATA-BLM11A471SGPT Datasheet
178Kb / 4P
   SURFACE MOUNT EMI FILTERS CHIP FERRITE BEADS
logo
ECM Electronics Limited...
ECF45 ECM-ECF45 Datasheet
89Kb / 1P
   Surface Mount Crystal Filters
logo
Coilcraft lnc.
S3LP156L COILCRAFT-S3LP156L Datasheet
423Kb / 2P
   Surface Mount LC Filters
S3LP156LC COILCRAFT-S3LP156LC Datasheet
517Kb / 2P
   Surface Mount LC Filters
logo
Adam Technologies, Inc.
PLF3P4C ADAM-TECH-PLF3P4C Datasheet
163Kb / 1P
   EMI/RFI POWER LINE FILTERS PCB & CHASSIS MOUNT FILTERS
logo
API Technologies Corp
MSM APITECH-MSM Datasheet
123Kb / 1P
   Surface Mount Low Pass Filters
SSM-RSM APITECH-SSM-RSM Datasheet
189Kb / 2P
   Surface Mount Low Pass Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com