Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

51-707-026 Datasheet(PDF) 7 Page - API Technologies Corp

Part # 51-707-026
Description  Low Pass EMI Filters
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

51-707-026 Datasheet(HTML) 7 Page - API Technologies Corp

Back Button 51-707-026 Datasheet HTML 3Page - API Technologies Corp 51-707-026 Datasheet HTML 4Page - API Technologies Corp 51-707-026 Datasheet HTML 5Page - API Technologies Corp 51-707-026 Datasheet HTML 6Page - API Technologies Corp 51-707-026 Datasheet HTML 7Page - API Technologies Corp 51-707-026 Datasheet HTML 8Page - API Technologies Corp 51-707-026 Datasheet HTML 9Page - API Technologies Corp 51-707-026 Datasheet HTML 10Page - API Technologies Corp 51-707-026 Datasheet HTML 11Page - API Technologies Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
Large Diameter Solder-in
High Temp Filters
Features
s
.400" diameter mounting vs .128" diameter mounting
s
High temperature construction withstands 300°C
installation temperatures
s
Increased capacitance values than standard
9900 series - up to 1.2uF
s
EMI filtering from 500KHz up to 10GHz
s
15 Amp current rating
s
Ideal for low to medium impedance circuits where
large amounts of capacitance to ground can be
tolerated (feed-thru “C” circuit)
s
Glass seal one end provides protection from hostile
environments and maintain hermeticity
s
Rugged monolithic discoidal capacitor construction
s
Gold plated suited for gold bonding
s
Designed to be soldered into a package,
bracket or bulkhead
s
Reverse seal available
s
Special lead length and end terminations available
SCI-9945-125H
SCI-9945-504H
SCI-9945-754H
SCI-9945-105H
SCI-9945-503HAC
SCI-9945-154HAC
SCI-9945-103H
SCI-9945-503H
15
15
15
15
15
15
15
15
DC Voltage
Min
Cap (µf)
1
MHz
Part Number
Large Diameter Solder-in High Temp Filters
Circuit
AMP
10
MHz
100
MHz
10
GHz
500
KHz
C
C
C
C
C
C
C
C
50
100
100
100
200*
200*
400
400
1.2
.50
.75
1.0
.050
.15
.010
.050
33
26
31
31
7
17
7
37
34
37
40
15
24
4
15
52
42
43
48
34
38
20
34
70
58
62
64
42
50
34
44
70
70
70
70
70
70
60
70
1
GHz
70
70
70
70
70
70
50
70
Minimum Insertion Loss (dB)
* Rated 200VDC or 125VAC/400Hz
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
LP7


Similar Part No. - 51-707-026

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
51-707-006 APITECH-51-707-006 Datasheet
55Kb / 1P
   Pi SOLDER-IN FILTER
More results

Similar Description - 51-707-026

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
K3-LFCN MINI-K3-LFCN Datasheet
306Kb / 1P
   LOW PASS FILTERS
K-SCF MINI-K-SCF Datasheet
248Kb / 1P
   LOW PASS FILTERS
logo
Rhombus Industries Inc.
F-3400 RHOMBUS-IND-F-3400 Datasheet
23Kb / 1P
   Low Pass Filters
logo
Mini-Circuits
K4-LFCN MINI-K4-LFCN Datasheet
322Kb / 1P
   LOW PASS FILTERS
K-PLP MINI-K-PLP Datasheet
268Kb / 1P
   LOW PASS FILTERS
K5-LFCN MINI-K5-LFCN Datasheet
276Kb / 1P
   LOW PASS FILTERS
K1-LFCN MINI-K1-LFCN Datasheet
298Kb / 1P
   LOW PASS FILTERS
K1-LFCW MINI-K1-LFCW Datasheet
433Kb / 1P
   Low Pass Filters
REV. OR
K2-LFCN MINI-K2-LFCN Datasheet
319Kb / 1P
   LOW PASS FILTERS
K-LHP MINI-K-LHP Datasheet
282Kb / 1P
   LOW PASS & HIGH PASS FILTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com