Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

51-707-007 Datasheet(PDF) 10 Page - API Technologies Corp

Part # 51-707-007
Description  Low Pass EMI Filters
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

51-707-007 Datasheet(HTML) 10 Page - API Technologies Corp

Back Button 51-707-007 Datasheet HTML 6Page - API Technologies Corp 51-707-007 Datasheet HTML 7Page - API Technologies Corp 51-707-007 Datasheet HTML 8Page - API Technologies Corp 51-707-007 Datasheet HTML 9Page - API Technologies Corp 51-707-007 Datasheet HTML 10Page - API Technologies Corp 51-707-007 Datasheet HTML 11Page - API Technologies Corp 51-707-007 Datasheet HTML 12Page - API Technologies Corp 51-707-007 Datasheet HTML 13Page - API Technologies Corp 51-707-007 Datasheet HTML 14Page - API Technologies Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Spec Mini Solder-in
Feed-Thru Filters
API Technologies miniature solder-in filters are
hermetically sealed on one end for thru-hole sealing
between compartments allowing it to be soldered into
a package, bracket, or bulkhead while maintaining
hermetically. These mini EMI filters are ideal for a
variety of products intended for use in the microwave
frequency spectrum including oscillators, attenuators,
and synthesizers. The high temperature construction
meets military requirements for solderability and
resistance to soldering heat and its high-purity gold
plating provides excellent compatibility with gold
bonding techniques.
Features
s
.120" diameter mounting
s
Capacitance values from 5pF to .027µF
s
RoHS compliant
s
Reverse seal available
s
High temperature construction
Dimensions in inches
(mm)
LP10
Minimum Insertion Loss (dB)
SCI-9909-008
SCI-9909-009
SCI-9909-010
SCI-9909-011
SCI-9909-012
SCI-9909-013
SCI-9909-014
SCI-9909-015
SCI-9909-016
SCI-9909-017
SCI-9909-018
SCI-9909-019
SCI-9909-020
200
200
200
200
200
200
200
200
200
100
100
50
50
Working
Voltage
Cap
(µf)
500
KHz
10
MHz
Part Number
DC
Amps
100
MHz
1
GHz
10
GHz
1
MHz
5
5
5
5
5
5
5
5
5
5
5
5
5
5
10
25
50
100
250
500
1000
1500
2700
5000
10,000
27,000
4
10
5
5
10
15
21
28
3
5
15
20
22
25
30
35
42
5
10
10
20
22
35
35
35
40
45
50
55
5
20
25
25
28
30
40
45
45
50
55
60
65


Similar Part No. - 51-707-007

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
51-707-006 APITECH-51-707-006 Datasheet
55Kb / 1P
   Pi SOLDER-IN FILTER
More results

Similar Description - 51-707-007

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
K3-LFCN MINI-K3-LFCN Datasheet
306Kb / 1P
   LOW PASS FILTERS
K-SCF MINI-K-SCF Datasheet
248Kb / 1P
   LOW PASS FILTERS
logo
Rhombus Industries Inc.
F-3400 RHOMBUS-IND-F-3400 Datasheet
23Kb / 1P
   Low Pass Filters
logo
Mini-Circuits
K4-LFCN MINI-K4-LFCN Datasheet
322Kb / 1P
   LOW PASS FILTERS
K-PLP MINI-K-PLP Datasheet
268Kb / 1P
   LOW PASS FILTERS
K5-LFCN MINI-K5-LFCN Datasheet
276Kb / 1P
   LOW PASS FILTERS
K1-LFCN MINI-K1-LFCN Datasheet
298Kb / 1P
   LOW PASS FILTERS
K1-LFCW MINI-K1-LFCW Datasheet
433Kb / 1P
   Low Pass Filters
REV. OR
K2-LFCN MINI-K2-LFCN Datasheet
319Kb / 1P
   LOW PASS FILTERS
K-LHP MINI-K-LHP Datasheet
282Kb / 1P
   LOW PASS & HIGH PASS FILTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com