Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PKT33A Datasheet(PDF) 1 Page - StarHope

Part # PKT33A
Description  Axial Auto Surge Suppressor Stand-off Voltage - 24 to 48 Volts 18000 Watt Peak Pulse Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

PKT33A Datasheet(HTML) 1 Page - StarHope

  PKT33A Datasheet HTML 1Page - StarHope PKT33A Datasheet HTML 2Page - StarHope PKT33A Datasheet HTML 3Page - StarHope PKT33A Datasheet HTML 4Page - StarHope PKT33A Datasheet HTML 5Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPSEMI
REV 2016 08 10
..
.
www.spsemi.cn
Page 1 of
5
Axial Auto Surge Suppressor
Stand-off Voltage - 24 to 48 Volts
18000 Watt Peak Pulse Power
Features
Glass passivated junction
Plastic package P-600
Bi-directional or Un-directional
Very Low Clamping Voltage
High temperature soldering guaranteed: 265°C/10 seconds/.375",
(9.5mm) lead length, 5lbs., (2.3kg) tension
Continued current transient suppressor
RoHScompliant
18KW peak pulse power capability on 10/1000us waveform
PK T(18KW) Series
Applications
Auto powers system
Can-bus
ABS powers
Car audio and video
Automotive instrument
Bluetooth
Car GPS
I-V Curve Characteristics
IEC Compatibility
ISO 16750-2 Test A 24V System (174V 2
350ms 10c)
Ω
Uni-directional
Bi-directional
IPP
IR
IT
VC VBR VRWM
IPP
IR
IT
VC
VBR
VRWM
V
IPP
IR
IT
VC VBR VRWM
VF
V
Meet AEC-Q101 requirement


Similar Part No. - PKT33A

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PKT HAMMOND-PKT Datasheet
52Kb / 1P
   Pochette a documents
logo
Monolithic Power System...
PKT-MEZDPD3603A MPS-PKT-MEZDPD3603A Datasheet
1Mb / 10P
   Programmable 36V DC/DC Power Supply up to 3A
logo
Hammond Manufacturing L...
PKT1212 HAMMOND-PKT1212 Datasheet
52Kb / 1P
   Pochette a documents
PKT1212 HAMMOND-PKT1212 Datasheet
86Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PKT66 HAMMOND-PKT66 Datasheet
52Kb / 1P
   Pochette a documents
More results

Similar Description - PKT33A

ManufacturerPart #DatasheetDescription
logo
StarHope
ASS-PKS SPSEMI-ASS-PKS Datasheet
113Kb / 5P
   Axial Auto Surge Suppressor Stand-off Voltage - 18 to 43 Volts 12000 Watt Peak Pulse Power
ASS-PKR SPSEMI-ASS-PKR Datasheet
112Kb / 5P
   Axial Auto Surge Suppressor Stand-off Voltage - 18 to 43 Volts 6000 Watt Peak Pulse Power
ASS-PKL SPSEMI-ASS-PKL Datasheet
113Kb / 5P
   Axial Auto Surge Suppressor Stand-off Voltage - 18 to 43 Volts 4000 Watt Peak Pulse Power
ASS-PKA SPSEMI-ASS-PKA Datasheet
156Kb / 4P
   Surface Mount Auto Surge Suppressor Stand-off Voltage - 15 to 60 Volts 6600 Watt Peak Pulse Power
logo
New Jersey Semi-Conduct...
30KPA NJSEMI-30KPA Datasheet
157Kb / 3P
   STAND-OFF VOLTAGE-30 TO 288 Volts 30000 Watt Peak Pulse Power
logo
StarHope
ASS-ASC SPSEMI-ASS-ASC Datasheet
167Kb / 4P
   Surface Mount Auto Surge Suppressor Working Peak Reverse Voltage - 3 to Volts 10000 Watt Peak Pulse Power
TVS-TECA SPSEMI-TVS-TECA Datasheet
85Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 440 Volts 400 Watt Peak Pulse Power
TVS-SMAJ SPSEMI-TVS-SMAJ Datasheet
143Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 400 Watt Peak Pulse Power
TVS-SAC SPSEMI-TVS-SAC Datasheet
282Kb / 4P
   Low Capacitance Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 50 Volts 500 Watt Peak Pulse Power
TVS-SMBJ SPSEMI-TVS-SMBJ Datasheet
147Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 600 Watt Peak Pulse Power
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com