Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PKS22A Datasheet(PDF) 2 Page - StarHope

Part # PKS22A
Description  Axial Auto Surge Suppressor Stand-off Voltage - 18 to 43 Volts 12000 Watt Peak Pulse Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

PKS22A Datasheet(HTML) 2 Page - StarHope

  PKS22A Datasheet HTML 1Page - StarHope PKS22A Datasheet HTML 2Page - StarHope PKS22A Datasheet HTML 3Page - StarHope PKS22A Datasheet HTML 4Page - StarHope PKS22A Datasheet HTML 5Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPSEMI
www.spsemi.cn
Page 2 of
5
Dimensions (P600)
Electrical Characteristics
PKS18A
PKS20A
PKS22A
PKS24A
PKS26A
PKS30A
PKS33A
PKS36A
PKS43A
PKS
Part Number
Stand-Off
Voltage
V
(V)
RWM
V
(V)Min.
BR
V
(V)Max.
BR
Test
Current
I (mA)
T
Vc(V)
Ipp(A)
I(μA)
R
UNI-Polar
BI-Polar
18
20
22
24
26
30
33
36
43
10
10
2
2
2
2
2
2
2
20.0
22.2
24.0
26.7
28.9
33.3
36.7
40.0
47.8
22.1
24.5
26.9
29.5
31.9
36.8
40.6
44.2
52.8
5
5
5
5
5
5
5
5
5
29.2
32.4
35.5
38.9
42.1
48.4
53.3
58.1
69.4
411.0
370.4
338.0
308.5
285.0
247.9
225.1
206.5
172.9
Breakdown
Voltage
@IT
Max. Clamping
Voltage
@Ipp 10/1000μs
Reverse
Leakage
@VRWM
PKS18CA
PKS20CA
PKS22CA
PKS24CA
PKS26CA
PKS30CA
PKS33CA
PKS36CA
PKS43CA
Test ISO 16750-2 Test A
0
UA
U
0.1US
0.9US
tr
td
t
Test pulse 5a
Parameter
12V System
24V System
79V to 101V
0.5
to 4
ΩΩ
40ms to 400ms
US
tr
td
Ri
151V to 202V
1to 8
ΩΩ
100ms to 350ms
()
10
ms
0
-5
..
.
Case Style P600
Dimensions in inches and(millimeters)
1.0 25.4
()
MIN.
0.360 9 1
(.)
0.340 8 6
(.)
1.0 25.4
()
MIN.
0.052 1 32
(.
)
0.048 1 22
(.
)
0.360 9 1
(.)
0.340 8 6
(.)
DIA.
DIA.
“ ”Stand for commonly used models
*
*
*
PKS(12KW) Series
REV 2016 08 10


Similar Part No. - PKS22A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PKS1-4A1 MURATA-PKS1-4A1 Datasheet
80Kb / 1P
   Shock Sensor
PKS1-4A10 MURATA-PKS1-4A10 Datasheet
80Kb / 1P
   Shock Sensor
logo
Tyco Electronics
PKS1105B101 MACOM-PKS1105B101 Datasheet
416Kb / 10P
   Knobs, Molded Phenolic
logo
Power Integrations, Inc...
PKS603 POWERINT-PKS603 Datasheet
1Mb / 24P
   Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
PKS603P POWERINT-PKS603P Datasheet
1Mb / 24P
   Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
More results

Similar Description - PKS22A

ManufacturerPart #DatasheetDescription
logo
StarHope
ASS-PKL SPSEMI-ASS-PKL Datasheet
113Kb / 5P
   Axial Auto Surge Suppressor Stand-off Voltage - 18 to 43 Volts 4000 Watt Peak Pulse Power
ASS-PKR SPSEMI-ASS-PKR Datasheet
112Kb / 5P
   Axial Auto Surge Suppressor Stand-off Voltage - 18 to 43 Volts 6000 Watt Peak Pulse Power
ASS-PKT SPSEMI-ASS-PKT Datasheet
112Kb / 5P
   Axial Auto Surge Suppressor Stand-off Voltage - 24 to 48 Volts 18000 Watt Peak Pulse Power
ASS-PKA SPSEMI-ASS-PKA Datasheet
156Kb / 4P
   Surface Mount Auto Surge Suppressor Stand-off Voltage - 15 to 60 Volts 6600 Watt Peak Pulse Power
logo
New Jersey Semi-Conduct...
30KPA NJSEMI-30KPA Datasheet
157Kb / 3P
   STAND-OFF VOLTAGE-30 TO 288 Volts 30000 Watt Peak Pulse Power
logo
StarHope
ASS-ASC SPSEMI-ASS-ASC Datasheet
167Kb / 4P
   Surface Mount Auto Surge Suppressor Working Peak Reverse Voltage - 3 to Volts 10000 Watt Peak Pulse Power
TVS-TECA SPSEMI-TVS-TECA Datasheet
85Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 440 Volts 400 Watt Peak Pulse Power
TVS-SMAJ SPSEMI-TVS-SMAJ Datasheet
143Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 400 Watt Peak Pulse Power
TVS-SAC SPSEMI-TVS-SAC Datasheet
282Kb / 4P
   Low Capacitance Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 50 Volts 500 Watt Peak Pulse Power
TVS-SMBJ SPSEMI-TVS-SMBJ Datasheet
147Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 600 Watt Peak Pulse Power
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com