Electronic Components Datasheet Search |
|
51-703-001 Datasheet(PDF) 7 Page - API Technologies Corp |
|
51-703-001 Datasheet(HTML) 7 Page - API Technologies Corp |
7 / 43 page Large Diameter Solder-in High Temp Filters Features s .400" diameter mounting vs .128" diameter mounting s High temperature construction withstands 300°C installation temperatures s Increased capacitance values than standard 9900 series - up to 1.2uF s EMI filtering from 500KHz up to 10GHz s 15 Amp current rating s Ideal for low to medium impedance circuits where large amounts of capacitance to ground can be tolerated (feed-thru “C” circuit) s Glass seal one end provides protection from hostile environments and maintain hermeticity s Rugged monolithic discoidal capacitor construction s Gold plated suited for gold bonding s Designed to be soldered into a package, bracket or bulkhead s Reverse seal available s Special lead length and end terminations available SCI-9945-125H SCI-9945-504H SCI-9945-754H SCI-9945-105H SCI-9945-503HAC SCI-9945-154HAC SCI-9945-103H SCI-9945-503H 15 15 15 15 15 15 15 15 DC Voltage Min Cap (µf) 1 MHz Part Number Large Diameter Solder-in High Temp Filters Circuit AMP 10 MHz 100 MHz 10 GHz 500 KHz C C C C C C C C 50 100 100 100 200* 200* 400 400 1.2 .50 .75 1.0 .050 .15 .010 .050 33 26 31 31 7 17 — 7 37 34 37 40 15 24 4 15 52 42 43 48 34 38 20 34 70 58 62 64 42 50 34 44 70 70 70 70 70 70 60 70 1 GHz 70 70 70 70 70 70 50 70 Minimum Insertion Loss (dB) * Rated 200VDC or 125VAC/400Hz API TECHNOLOGIES • 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com API TECHNOLOGIES’ SPECTRUM CONTROL GmbH • Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58 LP7 |
Similar Part No. - 51-703-001 |
|
Similar Description - 51-703-001 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |