Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF0805C470SBNC Datasheet(PDF) 11 Page - API Technologies Corp

Part # SF0805C470SBNC
Description  Surface Mount EMI Filters
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0805C470SBNC Datasheet(HTML) 11 Page - API Technologies Corp

Back Button SF0805C470SBNC Datasheet HTML 7Page - API Technologies Corp SF0805C470SBNC Datasheet HTML 8Page - API Technologies Corp SF0805C470SBNC Datasheet HTML 9Page - API Technologies Corp SF0805C470SBNC Datasheet HTML 10Page - API Technologies Corp SF0805C470SBNC Datasheet HTML 11Page - API Technologies Corp SF0805C470SBNC Datasheet HTML 12Page - API Technologies Corp SF0805C470SBNC Datasheet HTML 13Page - API Technologies Corp SF0805C470SBNC Datasheet HTML 14Page - API Technologies Corp SF0805C470SBNC Datasheet HTML 15Page - API Technologies Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
SM11
Surface Mount Low Pass Filters
MSM Series
.049
(1.25±0.2)
.078 (2.0±0.2)
.049
(1.25±0.2)
.007
(0.2±0.1)
.007
(0.2±0.1)
Working Voltage . . . . . . . . . . 50 VDC
Test Voltage . . . . . . . . . . . . 150 VDC
Current Rating . . . . . . . . . . 10 Amps max.
Insulation Resistance. . . . . . 1.0 MΩ
Terminations. . . . . . . . . . . . Ni-Barrier
Soldering Conditions . . . . . . Max. 250˚C-5 sec.
MSM
Output
Input
Ground
Feed-through
MSM Ordering Information
Length (L) Max.
Top side
chip
GND
Copper foil pattern
0.3
GND
0.6
2.6
PO.8
GND
Copper foil pattern
0.3
GND
0.6
2.6
chip
Bottom side
Ground pattern
Ground pattern
Through hole
Through hole
Top side
Bottom side
Full-face ground
Bottom side
Surface
.098
(2.5)
Through hole .023 (ø 0.6)
.047
(1.2)
.031
(0.8)
.058 (1.5)
.110 (2.8)
.070
(1.8)
Copper foil pattern
Resist
Unit: mm Size difference: ±0.1
Thickness of copper foil: 35µm
Chip
ø .045 (1.15±0.05) Center hole
.057 (1.45±0.2)
.157
(4.0±0.1)
.078
(2.00±0.05)
ø .058 (1.5±0.1-0)
.137
(3.50±.05)
.068 (1.75±0.1)
.023 (0.6) Max.
.117 (3.0) Max.
.157
(4.0±0.1)
Dimensions in inches (mm)
.049
(1.25±0.2)
.078 (2.0±0.2)
.049
(1.25±0.2)
.007
(0.2±0.1)
.007
(0.2±0.1)
Dimensions in inches (mm)
MSM
50
40
20
30
10
0
1
10000
Frequency (MHz)
10
100
1000
60
102Z
151M
470M
271M
MSM Recommended Board Pattern
MSM Tape and Reel Packaging
Length (L) Max.
Top side
chip
GND
Copper foil pattern
0.3
GND
0.6
2.6
PO.8
GND
Copper foil pattern
0.3
GND
0.6
2.6
chip
Bottom side
Ground pattern
Ground pattern
Through hole
Through hole
Top side
Bottom side
Full-face ground
Bottom side
Surface
.098
(2.5)
Through hole .023 (ø 0.6)
.047
(1.2)
.031
(0.8)
.058 (1.5)
.110 (2.8)
.070
(1.8)
Copper foil pattern
Resist
Unit: mm Size difference: ±0.1
Thickness of copper foil: 35µm
Chip
ø .045 (1.15±0.05) Center hole
.057 (1.45±0.2)
.157
(4.0±0.1)
.078
(2.00±0.05)
ø .058 (1.5±0.1-0)
.137
(3.50±.05)
.068 (1.75±0.1)
.023 (0.6) Max.
.117 (3.0) Max.
.157
(4.0±0.1)
Note: Exclusively for reflow soldering
Specifications
PartNumber Temperature Capacitance Capacitance Current RatedRating Temperature
Characteristics
Tolerance
Rating
Rating
Range
MSM4T470M10
T
47pF
-55/+125˚C
MSM4R151M10
R
150pF
+50/-20%
10A
50VDC
-55/+125˚C
MSM4R271M10
R
270pF
-55/+125˚C
MSM4V102M10
V
1000pF
-25/+85˚C
Insertion Loss
MSM
4T
470M
10
T
Style
MSM
(Miniature)
Capacitance
Circuit
Configuration
4-Feed-Through
Current
Rating
10 Amps
Value
47 pF
Tolerance
+50/- 20%
Packaging
T-TapeandReel
2,000 pcs/reel
B-Bulkpack
1,000pcs/reel
Temperature
Characteristic
R-+/-15%
T-+22/-33%
V-+22/-82%


Similar Part No. - SF0805C470SBNC

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0805C221SANBB APITECH-SF0805C221SANBB Datasheet
364Kb / 6P
   Surface Mount EMI Filters
SF0805C221SANBT APITECH-SF0805C221SANBT Datasheet
364Kb / 6P
   Surface Mount EMI Filters
SF0805C221SANCB APITECH-SF0805C221SANCB Datasheet
364Kb / 6P
   Surface Mount EMI Filters
SF0805C221SANCT APITECH-SF0805C221SANCT Datasheet
364Kb / 6P
   Surface Mount EMI Filters
SF0805C221SANDB APITECH-SF0805C221SANDB Datasheet
364Kb / 6P
   Surface Mount EMI Filters
More results

Similar Description - SF0805C470SBNC

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
PSM1-402Z-10T0 APITECH-PSM1-402Z-10T0 Datasheet
2Mb / 21P
   Surface Mount EMI Filters
SF0805C221SBNCT APITECH-SF0805C221SBNCT Datasheet
364Kb / 6P
   Surface Mount EMI Filters
PSM1F-152M-10T0 APITECH-PSM1F-152M-10T0 Datasheet
2Mb / 21P
   Surface Mount EMI Filters
logo
Murata Manufacturing Co...
BLM11A471SGPT MURATA-BLM11A471SGPT Datasheet
178Kb / 4P
   SURFACE MOUNT EMI FILTERS CHIP FERRITE BEADS
logo
ECM Electronics Limited...
ECF45 ECM-ECF45 Datasheet
89Kb / 1P
   Surface Mount Crystal Filters
logo
Coilcraft lnc.
S3LP156L COILCRAFT-S3LP156L Datasheet
423Kb / 2P
   Surface Mount LC Filters
S3LP156LC COILCRAFT-S3LP156LC Datasheet
517Kb / 2P
   Surface Mount LC Filters
logo
Adam Technologies, Inc.
PLF3P4C ADAM-TECH-PLF3P4C Datasheet
163Kb / 1P
   EMI/RFI POWER LINE FILTERS PCB & CHASSIS MOUNT FILTERS
logo
API Technologies Corp
MSM APITECH-MSM Datasheet
123Kb / 1P
   Surface Mount Low Pass Filters
SSM-RSM APITECH-SSM-RSM Datasheet
189Kb / 2P
   Surface Mount Low Pass Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com