Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS27C240 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMS27C240
Description  16-BIT PROGRAMMABLE READ-ONLY MEMORIES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS27C240 Datasheet(HTML) 3 Page - Texas Instruments

  TMS27C240 Datasheet HTML 1Page - Texas Instruments TMS27C240 Datasheet HTML 2Page - Texas Instruments TMS27C240 Datasheet HTML 3Page - Texas Instruments TMS27C240 Datasheet HTML 4Page - Texas Instruments TMS27C240 Datasheet HTML 5Page - Texas Instruments TMS27C240 Datasheet HTML 6Page - Texas Instruments TMS27C240 Datasheet HTML 7Page - Texas Instruments TMS27C240 Datasheet HTML 8Page - Texas Instruments TMS27C240 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TMS27C240 262144 BY 16-BIT UV ERASABLE
TMS27PC240 262144 BY 16-BIT
PROGRAMMABLE READ-ONLY MEMORIES
SMLS240D– NOVEMBER 1990 – REVISED SEPTEMBER 1997
3
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
description (continued)
The TMS27PC240 OTP PROM is offered in a 44-lead plastic leaded chip carrier package using 1,25-mm
(50-mil) lead spacing ( FN suffix). The TMS27PC240 is offered with two choices of temperature ranges of 0
°C
to 70
°C (FNL suffix) and –40°C to 85°C (FNE suffix). See Table 1.
Table 1. Temperature Range Suffixes
SUFFIX FOR OPERATING FREE-
AIR TEMPERATURE RANGES
0
°C TO 70°C
–40
°C TO 85°C
TMS27C240-XXX
JL
JE
TMS27PC240-XXX
FNL
FNE
These EPROMs and OTP PROMs operate from a single 5-V supply ( in the read mode), and they are ideal for
use in microprocessor-based systems. One other (13 V) supply is needed for programming . All programming
signals are TTL level. For programming outside the system, existing EPROM programmers can be used.
operation
The eight modes of operation for the TMS27C240 and TMS27PC240 are listed in Table 2. The read mode
requires a single 5-V supply. All inputs are TTL level except for VPP during programming (13 V for SNAP! Pulse),
and 12 V on A9 for the signature mode.
Table 2. Operation Modes
FUNCTION †
E
G
VPP
VCC
A9
A0
I/O
Read
VIL
VIL
VCC
VCC
X
X
DQ0 – DQ7
DQ8 – DQ15
Output Disable
VIL
VIH
VCC
VCC
X
X
Hi-Z
Standby
VIH
X
VCC
VCC
X
X
Hi-Z
Programming
VIL
VIH
VPP
VCC
X
X
Data In
Verify
VIH
VIL
VPP
VCC
X
X
Data Out
Program Inhibit
VIH
VIH
VPP
VCC
X
X
Hi-Z
Signature Mode (Mfg)
VIL
VIL
VCC
VCC
VH‡
VIL
Manufacturer’s
Code
0097
Signature Mode (Device)
VIL
VIL
VCC
VCC
VH‡
VIH
Device Code
0030
† X can be VIL or VIH.
‡ VH = 12 V ± 0.5 V.
read / output disable
When the outputs of two or more TMS27C240s or TMS27PC240s are connected in parallel on the same bus,
the output of any particular device in the circuit can be read with no interference from the competing outputs
of the other devices. To read the output of a single device, a low-level signal is applied to the E and G pins. All
other devices in the circuit should have their outputs disabled by applying a high-level signal to one of these
pins.


Similar Part No. - TMS27C240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C240 TI-TMS27C240 Datasheet
203Kb / 15P
[Old version datasheet]   TMS27C240 262144 BY 16-BIT UV ERASABLE TM27PC240 262144 BY 16-BIT
TMS27C240-10JL TI-TMS27C240-10JL Datasheet
203Kb / 15P
[Old version datasheet]   TMS27C240 262144 BY 16-BIT UV ERASABLE TM27PC240 262144 BY 16-BIT
TMS27C240-12JL TI1-TMS27C240-12JL Datasheet
203Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C240-15JL TI1-TMS27C240-15JL Datasheet
203Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
More results

Similar Description - TMS27C240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C240-15JL TI1-TMS27C240-15JL Datasheet
203Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C240-12JL TI1-TMS27C240-12JL Datasheet
203Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C256-20JL TI1-TMS27C256-20JL Datasheet
196Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C256JL TI1-TMS27C256JL Datasheet
196Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C010A-12JL TI1-TMS27C010A-12JL Datasheet
185Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
logo
Motorola, Inc
MCM7643 MOTOROLA-MCM7643 Datasheet
187Kb / 4P
   4096 BIT PROGRAMMABLE READ ONLY MEMORIES
logo
Texas Instruments
TMS27C512-150JL TI1-TMS27C512-150JL Datasheet
198Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C512JL TI1-TMS27C512JL Datasheet
198Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C210A TI1-TMS27C210A_08 Datasheet
413Kb / 29P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
TMS27C210A TI-TMS27C210A Datasheet
193Kb / 15P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com