Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

26MT40 Datasheet(PDF) 4 Page - International Rectifier

Part No. 26MT40
Description  THREE PHASE BRIDGE Power Modules
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo IRF - International Rectifier

26MT40 Datasheet(HTML) 4 Page - International Rectifier

  26MT40 Datasheet HTML 1Page - International Rectifier 26MT40 Datasheet HTML 2Page - International Rectifier 26MT40 Datasheet HTML 3Page - International Rectifier 26MT40 Datasheet HTML 4Page - International Rectifier 26MT40 Datasheet HTML 5Page - International Rectifier 26MT40 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
26MT../36MT.. Series
Bulletin I2771 rev. E 04/03
www.irf.com
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Forward Voltage Drop Characteristics
Fig. 3 - Total Power Loss Characteristics
Fig. 4 - Maximum Non-Repetitive Surge Current
Fig. 5 - Maximum Non-Repetitive Surge Current
60
80
100
120
140
160
0
5
10
15
20
25
30
120°
(Rect)
26MT.. Series
Total Output Current (A)
1
10
100
1000
0
0.5
1
1.5
2
2.5
3
3.5
4
Instantaneous Forward Voltage (V)
26MT.. Series
Per Junction
T= 15O°C
T= 25°C
J
J
0
25
50
75
100
125
150
Maximum Allowable Ambient Temperature (°C)
10 K/W
7 K/W
5 K/W
4 K
/W
3
K/W
2
K/W
0
5
10
15
20
25
30
35
40
45
50
55
0
5
10
15
20
25
120°
(Rect)
Total Output Current (A)
26MT.. Series
T= 150°C
J
80
100
120
140
160
180
200
220
240
260
280
300
320
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
26MT.. Series
Initial T = 150°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
J
80
120
160
200
240
280
320
360
400
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
26MT.. Series
Initial T = 150°C
No Voltage Reapplied
Rated V
Reapplied
RRM
Versus Pulse Train Duration.
J


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
OM100L60CMISCERMOD-TM HERMETIC HIGH POWER MODULES THREE PHASE BRIDGE IGBT’S 1 2 3 4 5 MoreInternational Rectifier
26MB140SINGLE PHASE BRIDGE Power Modules 1 2 3 4 5 MoreInternational Rectifier
MSK3001THREE PHASE BRIDGE MOSFET POWER MODULE 1 2 3 4 5 M.S. Kennedy Corporation
MSK3015THREE PHASE BRIDGE MOSFET POWER MODULE 1 2 3 4 5 M.S. Kennedy Corporation
GBPC2502ASINGLE PHASE BRIDGE Power Modules 1 2 3 4 5 MoreInternational Rectifier
MSK3018THREE PHASE BRIDGE MOSFET POWER MODULE 1 2 3 4 5 M.S. Kennedy Corporation
MSK3017THREE PHASE BRIDGE MOSFET POWER MODULE 1 2 3 4 5 M.S. Kennedy Corporation
MSK3003THREE PHASE BRIDGE MOSFET POWER MODULE 1 2 3 4 5 M.S. Kennedy Corporation
MSK3016THREE PHASE BRIDGE MOSFET POWER MODULE 1 2 3 4 5 M.S. Kennedy Corporation
30Q6P45RECTIFIER MODULE SILICON DIFFUSED TYPE THREE PHASE FULL WAVE BRIDGE APPLICATIONS 1 2 Toshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn