Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

61-MPC-010-1-11 Datasheet(PDF) 1 Page - API Technologies Corp

Part # 61-MPC-010-1-11
Description  Miniature PCB Power Filters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

61-MPC-010-1-11 Datasheet(HTML) 1 Page - API Technologies Corp

  61-MPC-010-1-11 Datasheet HTML 1Page - API Technologies Corp 61-MPC-010-1-11 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
120
100
80
60
40
20
0
30
40
50
60
70
80
90
Ambient Temperature (°C)
0
100
61-MPC Series
Common Mode
Normal Mode
50Ω
Level
Meter
50Ω
1
3
24
Filter
Oscillator
50Ω
50Ω
Level
Meter
50Ω
1
3
24
Filter
Oscillator
50Ω
61-MPC
80
Frequency (MHz)
70
60
50
40
30
20
10
0
0.1
0.2
0.5
12
5
10
20
50
61-MPC-010-1-11
61-MPC-036-1-11
61-MPC-025-1-11
61-MPC-016-1-11
Y Cap
2 X 3300pF
61-MPC
80
Frequency (MHz)
70
60
50
40
30
20
10
0
0.1
0.2
0.5
12
5
10
20
50
61-MPC-036-1-11
61-MPC-025-1-11
61-MPC-016-1-11
61-MPC-010-1-11
61-MPC
80
Frequency (MHz)
70
60
50
40
30
20
10
0
0.1
0.2
0.5
12
5
10
20
50
61-MPC-036-1-11
61-MPC-010-1-11
61-MPC-025-1-11
61-MPC-016-1-11
50Ω
Level
Meter
50Ω
1
3
24
Filter
Oscillator
50Ω
50Ω
Common
modewith
Ycap.
(Test circuit 1)
(Test circuit 2)
(Test circuit 3)
Temperature Characteristics
SM19
Miniature PCB Power Filters
MPC Series


Similar Part No. - 61-MPC-010-1-11

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
61-MPC APITECH-61-MPC Datasheet
142Kb / 2P
   Miniature PCB Power Filters
More results

Similar Description - 61-MPC-010-1-11

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
61-MPC APITECH-61-MPC Datasheet
142Kb / 2P
   Miniature PCB Power Filters
logo
Tyco Electronics
PCH MACOM-PCH Datasheet
127Kb / 3P
   Miniature Power PCB Relay
logo
Picker Components
PC459 PICKER-PC459_17 Datasheet
456Kb / 2P
   Miniature PCB Power Relay
logo
Willow Technologies Ltd
DG6L WILLOW-DG6L Datasheet
230Kb / 3P
   miniature pcb power relay
logo
DB Lectro Inc
HG4124 DBLECTRO-HG4124 Datasheet
89Kb / 2P
   Miniature PCB Power Relay
HG4124L DBLECTRO-HG4124L Datasheet
69Kb / 2P
   Miniature PCB Power Relay
HG4239 DBLECTRO-HG4239 Datasheet
56Kb / 2P
   Miniature PCB Power Relay
logo
Tyco Electronics
T7S MACOM-T7S Datasheet
86Kb / 3P
   Miniature Power PCB Relay
logo
American Electronic Com...
DM05 AEC-DM05 Datasheet
229Kb / 3P
   miniature pcb power relay
logo
Willow Technologies Ltd
DM05 WILLOW-DM05 Datasheet
229Kb / 3P
   miniature pcb power relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com