Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS31LT3918-GRLS2 Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS31LT3918-GRLS2
Description  HIGH VOLTAGE LED LIGHTING DRIVER WITH SWITCH DIMMING
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31LT3918-GRLS2 Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS31LT3918-GRLS2 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS31LT3918-GRLS2 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS31LT3918-GRLS2 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31LT3918-GRLS2 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31LT3918-GRLS2 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31LT3918-GRLS2 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31LT3918-GRLS2 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31LT3918-GRLS2 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31LT3918-GRLS2 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IS31LT3918
Integrated Silicon Solution, Inc. – www.issi.com
Rev. A, 09/01/2011
2
PIN CONFIGURATION
Package
Pin Configurations
SOP-8
PIN DESCRIPTION
Pin Name
Pin Number
Description
DIM1
1
These two pins configure the dimming levels as follows:
DIM1=“floating”DIM2=“floating”, no dimming (100% only);
DIM1=“floating”DIM2=“GND” , 100%-30%-100%
DIM1=“GND”DIM2=“floating”, 100%-50%-100%
DIM1=“GND”DIM2=“GND”, 100%-50%-20%-100%
DIM2
2
ADJ
3
Linear and PWM dimming input pin.
Linear dimming range: 0.5V to 2.5V.
If VADJ < 0.5V, GATE output is off.
If 0.5V ≤ VADJ ≤ 2.5V, VCSTH = VADJ/10.
If VADJ > 2.5V, VCSTH = 0.25V.
When this pin is floating, there is an internal pull up to 4.5V (typical) and VCSTH = 0.25V.
PWM dimming frequency range: 200Hz -1kHz.
GND
4
Ground pin. All internal currents return through this pin.
GATE
5
This pin connects to the external NMOS’s gate
CS
6
Current detect pin, uses an external resistor to sense the peak inductor current.
Toff
7
This pin sets the off time for the switch by connecting a resistor between this pin and
GND.
Vin
8
8V – 450V supply voltage is connected to this pin via an external resistor. It is internally
clamped and must be bypassed using a capacitor to GND.
ORDERING INFORMATION
INDUSTRIAL RANGE: -40°C TO +85°C
Order Part No.
Package
QTY/Reel
IS31LT3918–GRLS2-TR SOP-8, Lead-free
2500


Similar Part No. - IS31LT3918-GRLS2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3918 ISSI-IS31LT3918 Datasheet
270Kb / 11P
   HIGH VOLTAGE LED LIGHTING DRIVER WITH SWITCH DIMMING
More results

Similar Description - IS31LT3918-GRLS2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3918 ISSI-IS31LT3918 Datasheet
270Kb / 11P
   HIGH VOLTAGE LED LIGHTING DRIVER WITH SWITCH DIMMING
logo
AiT Semiconductor Inc.
A8180 AITSEMI-A8180 Datasheet
794Kb / 19P
   LED LIGHTING DRIVER HIGH BRIGHTNESS LED DRIVER WITH INTERNAL SWITCH
REV3.0 - APR 2010
logo
Integrated Device Techn...
ZLED7030 IDT-ZLED7030 Datasheet
615Kb / 22P
   High Current 40V LED Driver with Switch Dimming
logo
List of Unclassifed Man...
ZLED7530 ETC2-ZLED7530 Datasheet
2Mb / 24P
   High Current 40V LED Driver with Switch Dimming
ZLED7030 ETC2-ZLED7030 Datasheet
2Mb / 24P
   High Current 40V LED Driver with Switch Dimming
ZLED7330 ETC2-ZLED7330 Datasheet
2Mb / 24P
   High Current 40V LED Driver with Switch Dimming
logo
Renesas Technology Corp
ZLED7030 RENESAS-ZLED7030 Datasheet
759Kb / 23P
   High Current 40V LED Driver with Switch Dimming
April 20, 2016
logo
List of Unclassifed Man...
ZLED7730 ETC2-ZLED7730 Datasheet
2Mb / 24P
   High Current 40V LED Driver with Switch Dimming
logo
Eutech Microelectronics...
XD9057 EUTECH-XD9057 Datasheet
1Mb / 1P
   High Voltage LED Lighting Driver
logo
Integrated Silicon Solu...
IS31LT3380 ISSI-IS31LT3380 Datasheet
444Kb / 12P
   40V/1.2A LED DRIVER WITH SWITCH DIMMING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com