Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS31LT3360-SDLS3-TR Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS31LT3360-SDLS3-TR
Description  40V/1.2A LED DRIVER WITH INTERNAL SWITCH
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31LT3360-SDLS3-TR Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS31LT3360-SDLS3-TR Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31LT3360-SDLS3-TR Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31LT3360-SDLS3-TR Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS31LT3360-SDLS3-TR Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS31LT3360-SDLS3-TR Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS31LT3360-SDLS3-TR Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS31LT3360-SDLS3-TR Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS31LT3360-SDLS3-TR Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS31LT3360-SDLS3-TR Datasheet HTML 15Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
IS31LT3360
Integrated Silicon Solution, Inc. – www.issi.com
11
Rev. C, 12/22/2013
series with the supply source impedance and lowers
overall efficiency. This capacitor has to supply the
relatively high peak current to the coil and smooth the
current ripple on the input supply.
If the source is DC supply, the capacitor is decided
by ripple of the source, the value is given by Equation
(3):
MAX
ON
F
MIN
U
t
I
C
(3)
IF is the value of output current,
MAX
U
is the ripple
of power supply. tON is the “ON” time of MOSFET.
The value is higher than the minimum value. A
100µF capacitor is recommended.
If the source is an AC supply, typical output voltages
ripple from a nominal 12V AC transformer can be
±10%.If the input capacitor value is lower than 220μF,
the AC input waveform is distorted, sometimes the
lowest value will be lower than the forward voltage of
LED strings. This lower the average current of the
LEDs. So it is recommended to set the value of the
capacitor bigger than 220µF.
INDUCTOR SELECTION
Recommended inductor values for the IS31LT3360
are in the range 47μH to 220μH.
Higher values of inductance are recommended at
higher supply voltages and low output current in
order to minimize errors due to switching delays,
which result in increased ripple and lower efficiency.
Higher values of inductance also result in a smaller
change in output current over the supply voltage
range. The inductor should be mounted as close to
the chip as possible with low resistance connections
to the LX and VIN pins.
The chosen coil should have a saturation current
higher than the peak output current and a continuous
current rating above the required mean output
current. It is recommended to use inductor with
saturation current bigger than 1.2A for 700mA output
current and inductor with saturation current bigger
than 500mA for 350mA output current.
The inductor value should be chosen to maintain
operating duty cycle and switch 'on/off' times within
the specified limits over the supply voltage and load
current range.
The following equations can be used as a guide.
LX Switch 'ON' time:
)
(
LX
L
S
AVG
LED
IN
ON
R
R
R
I
V
V
I
L
t
(4)
Note: tON_MIN > 200ns.
LX Switch 'OFF' time:
)
(
S
L
AVG
D
LED
OFF
R
R
I
V
V
I
L
t
(5)
Note: tOFF_MIN > 200ns.
Where:
L is the coil inductance (H)
RL is the coil resistance (Ω)
IAVG is the required LED current (A)
∆I is the coil peak-peak ripple current (A) {Internally
set to 0.3 × IAVG}
VIN is the supply voltage (V)
VLED is the total LED forward voltage (V)
RLX is the switch resistance (Ω)
VD is the diode forward voltage at the required load
current (V)
Example:
For VIN=12V, L=47μH, RL=0.26Ω, VLED=3.4V, IAVG
=333mA, VD =0.36V, RS = 0.3Ω, RLX=0.27Ω:
s
t
ON
564
.
0
)
27
.
0
26
.
0
3
.
0
(
333
.
0
4
.
3
12
333
.
0
3
.
0
47
s
t
OFF
19
.
1
)
3
.
0
26
.
0
(
333
.
0
36
.
0
4
.
3
333
.
0
3
.
0
47
This gives an operating frequency of 570kHz and a
duty cycle of 32%.
Optimum performance will be achieved by setting the
duty cycle close to 50% at the nominal supply voltage.
This helps to equalize the undershoot and overshoot
and improves temperature stability of the output
current.
DIODE SELECTION
For maximum efficiency and performance, the
rectifier (D1) should be a fast low capacitance
Schottky diode with low reverse leakage at the
maximum operating voltage and temperature.
If alternative diodes are used, it is important to select
parts with a peak current rating above the peak coil
current and a continuous current rating higher than
the maximum output load current. It is very important
to consider the reverse leakage of the diode when
operating at high temperature. Excess leakage will
increase the power dissipation in the device.
The higher forward voltage and overshoot due to
reverse recovery time in silicon diodes will increase
the peak voltage on the LX output. If a silicon diode is
used, care should be taken to ensure that the total
voltage appearing on the LX pin including supply
ripple, does not exceed the specified maximum
value.


Similar Part No. - IS31LT3360-SDLS3-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3360-SDLS3-EBAIC ISSI-IS31LT3360-SDLS3-EBAIC Datasheet
438Kb / 15P
   40V/1.2A LED DRIVER WITH INTERNAL SWITCH
More results

Similar Description - IS31LT3360-SDLS3-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3360 ISSI-IS31LT3360 Datasheet
381Kb / 11P
   40V/1.2A LED DRIVER WITH INTERNAL SWITCH
IS31LT3360-SDLS3 ISSI-IS31LT3360-SDLS3 Datasheet
438Kb / 15P
   40V/1.2A LED DRIVER WITH INTERNAL SWITCH
IS31LT3360-SDLS3-EBAIC ISSI-IS31LT3360-SDLS3-EBAIC Datasheet
438Kb / 15P
   40V/1.2A LED DRIVER WITH INTERNAL SWITCH
IS31LT3380 ISSI-IS31LT3380 Datasheet
444Kb / 12P
   40V/1.2A LED DRIVER WITH SWITCH DIMMING
IS31LT3380-GRLS3 ISSI-IS31LT3380-GRLS3 Datasheet
444Kb / 12P
   40V/1.2A LED DRIVER WITH SWITCH DIMMING
logo
List of Unclassifed Man...
ZLED7000 ETC2-ZLED7000 Datasheet
706Kb / 20P
   40V LED Driver with Internal Switch
logo
Integrated Silicon Solu...
IS31LT3350-V1SDLS2-TR ISSI-IS31LT3350-V1SDLS2-TR Datasheet
421Kb / 12P
   40V LED DRIVER WITH INTERNAL SWITCH
IS31LT3350 ISSI-IS31LT3350 Datasheet
421Kb / 12P
   40V LED DRIVER WITH INTERNAL SWITCH
logo
Unisonic Technologies
L4075 UTC-L4075_18 Datasheet
188Kb / 5P
   40V LED DRIVER WITH INTERNAL SWITCH
logo
Integrated Device Techn...
ZLED7000 IDT-ZLED7000 Datasheet
564Kb / 18P
   40V LED Driver with Internal Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com