Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS31LT3360-SDLS3-EBAIC Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS31LT3360-SDLS3-EBAIC
Description  40V/1.2A LED DRIVER WITH INTERNAL SWITCH
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31LT3360-SDLS3-EBAIC Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS31LT3360-SDLS3-EBAIC Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS31LT3360-SDLS3-EBAIC Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS31LT3360-SDLS3-EBAIC Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31LT3360-SDLS3-EBAIC Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31LT3360-SDLS3-EBAIC Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31LT3360-SDLS3-EBAIC Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31LT3360-SDLS3-EBAIC Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31LT3360-SDLS3-EBAIC Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31LT3360-SDLS3-EBAIC Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
IS31LT3360
Integrated Silicon Solution, Inc. – www.issi.com
5
Rev. C, 12/22/2013
ELECTRICAL CHARACTERISTICS (CONTINUED)
Valid are at VIN =12V, typical value at 25°C, unless otherwise noted.
Parameter range based on TA = -40°C ~ +125°C (Note 3)
The symbol in the table means these parameters are only available in the above temperature range.
Symbol
Parameter
Conditions
Temp.
Min.
Typ.
Max.
Unit
RADJ
Resistance between ADJ pin
and VREF
500
kΩ
ILX_LEAK
LX switch leakage current
1
μA
2.5
ILX_MEAN
Continuous LX switch current
(Note 4)
1.2
A
RLX
LX switch ‘ON’ resistance
0.27
0.4
0.27
0.7
tON_MIN
Minimum switch ‘ON’ time
LX switch ‘ON’
200
ns
tOFF_MIN
Minimum switch ‘OFF’ time
LX switch ‘OFF’
200
ns
tPD
Internal comparator propagation
delay
(Note 4)
50
ns
TSD
Thermal shutdown temperature
(Note 4)
150
°C
TSD_HYS
Thermal shutdown hysteresis
(Note 4)
20
°C
Note 3:
Production testing of the device is performed at 25°C. Functional operation of the device and parameters specified over -40°C to
+125°C temperature range, are guaranteed by design, characterization and process control.
Note 4:
Guaranteed by design.


Similar Part No. - IS31LT3360-SDLS3-EBAIC

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3360-SDLS3-TR ISSI-IS31LT3360-SDLS3-TR Datasheet
438Kb / 15P
   40V/1.2A LED DRIVER WITH INTERNAL SWITCH
More results

Similar Description - IS31LT3360-SDLS3-EBAIC

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3360-SDLS3-TR ISSI-IS31LT3360-SDLS3-TR Datasheet
438Kb / 15P
   40V/1.2A LED DRIVER WITH INTERNAL SWITCH
IS31LT3360 ISSI-IS31LT3360 Datasheet
381Kb / 11P
   40V/1.2A LED DRIVER WITH INTERNAL SWITCH
IS31LT3360-SDLS3 ISSI-IS31LT3360-SDLS3 Datasheet
438Kb / 15P
   40V/1.2A LED DRIVER WITH INTERNAL SWITCH
IS31LT3380 ISSI-IS31LT3380 Datasheet
444Kb / 12P
   40V/1.2A LED DRIVER WITH SWITCH DIMMING
IS31LT3380-GRLS3 ISSI-IS31LT3380-GRLS3 Datasheet
444Kb / 12P
   40V/1.2A LED DRIVER WITH SWITCH DIMMING
logo
List of Unclassifed Man...
ZLED7000 ETC2-ZLED7000 Datasheet
706Kb / 20P
   40V LED Driver with Internal Switch
logo
Integrated Silicon Solu...
IS31LT3350-V1SDLS2-TR ISSI-IS31LT3350-V1SDLS2-TR Datasheet
421Kb / 12P
   40V LED DRIVER WITH INTERNAL SWITCH
IS31LT3350 ISSI-IS31LT3350 Datasheet
421Kb / 12P
   40V LED DRIVER WITH INTERNAL SWITCH
logo
Unisonic Technologies
L4075 UTC-L4075_18 Datasheet
188Kb / 5P
   40V LED DRIVER WITH INTERNAL SWITCH
logo
Integrated Device Techn...
ZLED7000 IDT-ZLED7000 Datasheet
564Kb / 18P
   40V LED Driver with Internal Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com