Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS31FL3731-QFLS2-TR Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS31FL3731-QFLS2-TR
Description  AUDIO MODULATED MATRIX LED DRIVER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31FL3731-QFLS2-TR Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS31FL3731-QFLS2-TR Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31FL3731-QFLS2-TR Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31FL3731-QFLS2-TR Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31FL3731-QFLS2-TR Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS31FL3731-QFLS2-TR Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS31FL3731-QFLS2-TR Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS31FL3731-QFLS2-TR Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS31FL3731-QFLS2-TR Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS31FL3731-QFLS2-TR Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
IS31FL3731
Integrated Silicon Solution, Inc. – www.issi.com
10
Rev.D, 04/22/2013
REGISTER CONTROL
FRAME REGISTER
Table 4 00h ~ 11h LED Control Register
Bit
D7:D0
Name
CX-8 : CX-1 or CX-16 : CX-9
Default
xxxx xxxx
The LED Control Registers store the on or off state of
each LED in the Matrix A and B. Please refer to the
detail information in Table 7.
CX-Y
LED State Bit
0
LED off
1
LED on
Figure 8 in Page 11 shows the ordering of CX-Y.
Table 5 12h ~ 23h Blink Control Register
Bit
D7:D0
Name
CX-8 : CX-1 or CX-16 : CX-9
Default
xxxx xxxx
The Blink Control Registers configure the blink
function of each LED in the Matrix A and B. Please
refer to the detail information in Table 7.
CX-Y
Blink Control Bit
0
Disable
1
Enable
Figure 8 in Page 11 shows the ordering of CX-Y.
Table 6 24h ~ B3h PWM Register
Bit
D7:D0
Name
PWM
Default
xxxx xxxx
PWM Registers modulate the 144 LEDs in 256 steps.
The value of the PWM Registers decides the output
current of each LED. The output current may be
computed using the Formula (1):
7
0
PWM
2
]
[
256
I
n
n
LED
n
D
I
(1)
Where D[n] stands for the individual bit value, 1 or 0,
in location n.
For example: if D7:D0 = 10110101,
IPWM = ILED (2
0+22+24+25+27)/256
ILED is set by the external resistor, REXT, ILED =
64.7/REXT.
For example, when REXT = 20kΩ, ILED = 64.7/20 =
3.2mA.


Similar Part No. - IS31FL3731-QFLS2-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31FL3731 ISSI-IS31FL3731 Datasheet
733Kb / 22P
   AUDIO MODULATED MATRIX LED DRIVER
IS31FL3731C ISSI-IS31FL3731C Datasheet
706Kb / 22P
   AUDIO MODULATED MATRIX LED DRIVER
More results

Similar Description - IS31FL3731-QFLS2-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31FL3732 ISSI-IS31FL3732 Datasheet
665Kb / 27P
   AUDIO MODULATED MATRIX LED DRIVER
IS31FL3731C ISSI-IS31FL3731C Datasheet
706Kb / 22P
   AUDIO MODULATED MATRIX LED DRIVER
IS31FL3728 ISSI-IS31FL3728 Datasheet
380Kb / 12P
   AUDIO MODULATED MATRIX LED DRIVER
IS31FL3730 ISSI-IS31FL3730 Datasheet
501Kb / 13P
   AUDIO MODULATED MATRIX LED DRIVER
IS31FL3731 ISSI-IS31FL3731 Datasheet
733Kb / 22P
   AUDIO MODULATED MATRIX LED DRIVER
IS31FL3189 ISSI-IS31FL3189 Datasheet
434Kb / 17P
   AUDIO MODULATED LED DRIVER
logo
Sanyo Semicon Device
LV5230LG SANYO-LV5230LG Datasheet
163Kb / 27P
   Dot-matrix LED Driver
logo
Texas Instruments
ONET1131EC TI1-ONET1131EC Datasheet
1Mb / 46P
[Old version datasheet]   Externally Modulated Laser Driver
logo
STMicroelectronics
STLED524 STMICROELECTRONICS-STLED524 Datasheet
3Mb / 72P
   Intelligent matrix LED display driver
April 2014 Rev 1
TEA6430 STMICROELECTRONICS-TEA6430 Datasheet
105Kb / 10P
   AUDIO CELLULAR MATRIX
May 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com