Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS31FL3193-DLS2-TR Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS31FL3193-DLS2-TR
Description  9-CHANNEL LIGHT EFFECT LED DRIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31FL3193-DLS2-TR Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS31FL3193-DLS2-TR Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31FL3193-DLS2-TR Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31FL3193-DLS2-TR Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31FL3193-DLS2-TR Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31FL3193-DLS2-TR Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31FL3193-DLS2-TR Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31FL3193-DLS2-TR Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS31FL3193-DLS2-TR Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS31FL3193-DLS2-TR Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
IS31FL3193
Integrated Silicon Solution, Inc. – www.issi.com
7
Rev. C, 11/27/2014
Figure 4
Writing to IS31FL3193 (Typical)
Figure 5
Writing to IS31FL3193 (Automatic Address Increment)
REGISTERS DEFINITIONS
Table 2
Register Function
Address
Name
Function
Table
Default
00h
Shutdown Register
Set software shutdown mode
3
0000 0001
01h
Breathing Control Register
Set the breathing function
4
0000 0000
02h
LED Mode Register
Set operation mode
5
03h
Current Setting Register
Set output current
6
04h~06h
PWM Register
3 channels PWM duty cycle data registers
7
07h
Data Update Register
Load PWM Registers and LED Control
Register’ data
-
xxxx xxxx
0Ah ~ 0Ch
T0 Register
Set the T0 time
8
0000 0000
10h ~ 12h
T1&T2 Register
Set the T1&T2 time
9
16h ~18h
T3&T4 Register
Set the T3&T4 time
10
1Ch
Time Update Register
Load time registers’ data
-
xxxx xxxx
1Dh
LED Control Register
OUT1~ OUT3 enable bit
11
0000 0111
2Fh
Reset Register
Reset all registers to default value
-
xxxx xxxx
Table 3
00h
Shutdown Register
Bit
D7:D6
D5
D4:D1
D0
Name
-
EN
-
SSD
Default
00
0
0000
1
The Shutdown Register sets software shutdown mode
of IS31FL3193.
EN
Channel Control
0
All channel disable
1
All channel enable
SSD
Software Shutdown Enable
0
Normal operation
1
Software shutdown mode


Similar Part No. - IS31FL3193-DLS2-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31FL3193-DLS2-EB ISSI-IS31FL3193-DLS2-EB Datasheet
320Kb / 13P
   3-CHANNEL FUN LED DRIVER
More results

Similar Description - IS31FL3193-DLS2-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31FL3199 ISSI-IS31FL3199 Datasheet
372Kb / 16P
   9-CHANNEL LIGHT EFFECT LED DRIVER
IS31FL3196 ISSI-IS31FL3196 Datasheet
394Kb / 15P
   6-CHANNEL LIGHT EFFECT LED DRIVER
IS31FL3196A ISSI-IS31FL3196A Datasheet
404Kb / 17P
   6-CHANNEL LIGHT EFFECT LED DRIVER
logo
Sanyo Semicon Device
LV5234V SANYO-LV5234V Datasheet
318Kb / 23P
   9-channel LED Driver
logo
ON Semiconductor
LV5237JA ONSEMI-LV5237JA Datasheet
418Kb / 23P
   9-channel LED Driver
November 2014 - Rev. P0
LV5234V ONSEMI-LV5234V Datasheet
347Kb / 24P
   9-channel LED Driver
March, 2014
logo
Marktech Corporate
TB62781FNG MARKTECH-TB62781FNG Datasheet
81Kb / 6P
   9-Channel Constant-Current LED Driver
logo
Comchip Technology
TB62781FNG COMCHIP-TB62781FNG_15 Datasheet
81Kb / 6P
   9-Channel Constant-Current LED Driver
logo
List of Unclassifed Man...
AMC7123 ETC1-AMC7123 Datasheet
104Kb / 1P
   Flash Light LED Driver
logo
ADDtek Corp
AMC7123 ADDTEK-AMC7123 Datasheet
97Kb / 8P
   FLASH LIGHT LED DRIVER
JULY 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com