Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2950 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2950
Description  Series of Adjustable Micropower Voltage Regulators
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2950 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LP2950 Datasheet HTML 14Page - National Semiconductor (TI) LP2950 Datasheet HTML 15Page - National Semiconductor (TI) LP2950 Datasheet HTML 16Page - National Semiconductor (TI) LP2950 Datasheet HTML 17Page - National Semiconductor (TI) LP2950 Datasheet HTML 18Page - National Semiconductor (TI) LP2950 Datasheet HTML 19Page - National Semiconductor (TI) LP2950 Datasheet HTML 20Page - National Semiconductor (TI) LP2950 Datasheet HTML 21Page - National Semiconductor (TI) LP2950 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Typical Applications (Continued)
2 Ampere Low Dropout Regulator
00854613
For 5Vout, use internal resistors. Wire pin 6 to 7, & wire pin 2 to +Vout Bus.
5V Regulator with 2.5V Sleep Function
00854614
*High input lowers Vout to 2.5V
Open Circuit Detector for 4
→ 20mA Current Loop
00854615
www.national.com
18


Similar Part No. - LP2950

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LP2950 ONSEMI-LP2950 Datasheet
289Kb / 16P
   Micropower Voltage Regulators
October, 1999 ??Rev. 5
logo
Advanced Monolithic Sys...
LP2950 ADMOS-LP2950 Datasheet
137Kb / 14P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
LP2950 ONSEMI-LP2950 Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
logo
Sipex Corporation
LP2950 SIPEX-LP2950 Datasheet
467Kb / 13P
   100 mA Low Dropout Voltage Regulators
logo
Exar Corporation
LP2950 EXAR-LP2950 Datasheet
835Kb / 16P
   100mA, LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - LP2950

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2951 TI1-LP2951 Datasheet
657Kb / 30P
[Old version datasheet]   Series of Adjustable Micropower Voltage Regulators
LP2951JAN TI-LP2951JAN_15 Datasheet
811Kb / 25P
[Old version datasheet]   Series of Adjustable Micropower Voltage Regulators
LP2950-N TI-LP2950-N_15 Datasheet
1Mb / 51P
[Old version datasheet]   LP295x-N Series of Adjustable Micropower Voltage Regulators
LP2951-N_15 TI-LP2951-N_15_15 Datasheet
1Mb / 50P
[Old version datasheet]   LP295x-N Series of Adjustable Micropower Voltage Regulators
LP2951-N TI-LP2951-N_15 Datasheet
1Mb / 51P
[Old version datasheet]   LP295x-N Series of Adjustable Micropower Voltage Regulators
LP2951JAN TI1-LP2951JAN Datasheet
494Kb / 24P
[Old version datasheet]   Adjustable Micropower Voltage Regulators
logo
National Semiconductor ...
LP4950C-5V NSC-LP4950C-5V_05 Datasheet
850Kb / 14P
   Adjustable Micropower Voltage Regulators
LP2951 NSC-LP2951 Datasheet
271Kb / 16P
   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS
LP4950C-5V NSC-LP4950C-5V Datasheet
436Kb / 14P
   Adjustable Micropower Voltage Regulators
logo
Texas Instruments
LP2950ACZ-3.0/NOPB TI1-LP2950ACZ-3.0/NOPB Datasheet
1Mb / 43P
[Old version datasheet]   LP2950-N/LP2951-N Series of Adjustable Micropower Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com