Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RBE1KA20A Datasheet(PDF) 1 Page - Rohm

Part # RBE1KA20A
Description  Schottky Barrier Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RBE1KA20A Datasheet(HTML) 1 Page - Rohm

  RBE1KA20A Datasheet HTML 1Page - Rohm RBE1KA20A Datasheet HTML 2Page - Rohm RBE1KA20A Datasheet HTML 3Page - Rohm RBE1KA20A Datasheet HTML 4Page - Rohm RBE1KA20A Datasheet HTML 5Page - Rohm RBE1KA20A Datasheet HTML 6Page - Rohm RBE1KA20A Datasheet HTML 7Page - Rohm RBE1KA20A Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Schottky Barrier Diode
RBE1KA20A
lApplications
lDimensions
(Unit : mm)
Rectifying Small Power
lFeatures
1)Small power mold type (TUMD5)
2)High reliability
lLand size figure
(Unit : mm)
lStructure
lAbsolute maximum ratings
(Tc=25C)
Symbol
Unit
VRM
V
VR
V
Io
A
IFSM
A
Tj
C
Tstg
C
lElectrical characteristics
(Tj=25C)
Symbol
Min.
Typ.
Max.
Unit
VF
-
-
0.43
V
IF=0.5A
IR
-
-
200
μA
VR=20V
Reverse current
Storage temperature
-
40 to +125
(*1)Rating for each diode Io/2  (*2)Rating of per diode.
Parameter
Conditions
Forward voltage
Average rectified forward current (*1)
1
Forward current surge peak (60Hz・1cyc) (*2)
3
Junction temperature
125
Reverse voltage (DC)
20
lTaping dimensions
(Unit : mm)
Parameter
Limits
Reverse voltage (repetitive peak)
30
JEDEC : -
ROHM : TUMD5
JEITA : -
1.3±0.1
0.65
0.65
2.0±0.1
0.3
+0.1
 -0.05
0~0.1
0.17±0.05
0.77±0.05
0.85MAX
1pin mark
dot (year week factory)
0.45
1.3
0.65 0.65
0.4
1/4
2011.10 - Rev.A


Similar Part No. - RBE1KA20A

ManufacturerPart #DatasheetDescription
logo
Rohm
RBE1KA20A ROHM-RBE1KA20A Datasheet
1Mb / 5P
   Schottky Barrier Diode
More results

Similar Description - RBE1KA20A

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com