Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES1B-M3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ES1B-M3
Description  Surface Mount Ultrafast Plastic Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ES1B-M3 Datasheet(HTML) 2 Page - Vishay Siliconix

  ES1B-M3 Datasheet HTML 1Page - Vishay Siliconix ES1B-M3 Datasheet HTML 2Page - Vishay Siliconix ES1B-M3 Datasheet HTML 3Page - Vishay Siliconix ES1B-M3 Datasheet HTML 4Page - Vishay Siliconix ES1B-M3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ES1A-M3, ES1B-M3, ES1C-M3, ES1D-M3
www.vishay.com
Vishay General Semiconductor
Revision: 19-Feb-15
2
Document Number: 89273
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
Note
(1) Units mounted on PCB 5.0 mm x 5.0 mm (0.013 mm thick) land areas
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Maximum instantaneous forward
voltage
IF = 0.6 A
VF (1)
0.865
V
IF = 1.0 A
VF
0.920
Maximum DC reverse current at rated
DC blocking voltage
TA = 25 °C
IR
5.0
μA
TA = 100 °C
100
Maximum reverse recovery time
IF = 0.5 A, IR = 1.0 A, lrr = 0.25 A
trr
15
ns
Maximum reverse recovery time
IF = 0.6 A, VR = 30 V,
dI/dt = 50 A/μs, Irr = 10 % IRM
TJ = 25 °C
trr
25
ns
TJ = 100 °C
35
Maximum stored charge
IF = 0.6 A, VR = 30 V,
dI/dt = 50 A/μs, Irr = 10 % IRM
TJ = 25 °C
Qrr
10
nC
TJ = 100 °C
25
Typical junction capacitance
4.0 V, 1 MHz
CJ
10
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
ES1A
ES1B
ES1C
ES1D
UNIT
Typical thermal resistance
RJA (1)
85
°C/W
RJL (1)
35
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
ES1D-M3/61T
0.064
61T
1800
7" diameter plastic tape and reel
ES1D-M3/5AT
0.064
5AT
7500
13" diameter plastic tape and reel


Similar Part No. - ES1B-M3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ES1B-13-F DIODES-ES1B-13-F Datasheet
122Kb / 4P
   1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
logo
Vishay Siliconix
ES1B-E3-5AT VISHAY-ES1B-E3-5AT Datasheet
84Kb / 5P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 27-Feb-13
ES1B-E3-61T VISHAY-ES1B-E3-61T Datasheet
84Kb / 5P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 27-Feb-13
logo
Micro Commercial Compon...
ES1B-L MCC-ES1B-L Datasheet
302Kb / 3P
   1 Amp Super Fast Recovery Rectifier 50 to 600 Volts
ES1B-L MCC-ES1B-L Datasheet
322Kb / 4P
   1 Amp Super Fast Recovery Rectifier 50 to 600 Volts
More results

Similar Description - ES1B-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ES1A VISHAY-ES1A_11 Datasheet
81Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 19-Apr-11
ES2B-E3-52T VISHAY-ES2B-E3-52T Datasheet
83Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 30-Oct-13
MURS340 VISHAY-MURS340_15 Datasheet
88Kb / 6P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 20-Feb-15
ES1C-E361T VISHAY-ES1C-E361T Datasheet
82Kb / 5P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 25-Apr-14
ES2DHE3 VISHAY-ES2DHE3 Datasheet
83Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 30-Oct-13
MURS340-M3 VISHAY-MURS340-M3 Datasheet
84Kb / 5P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 20-Feb-15
MURS320-M3 VISHAY-MURS320-M3 Datasheet
89Kb / 5P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 20-Feb-15
MURS140 VISHAY-MURS140 Datasheet
102Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 27-Aug-07
MURS340 VISHAY-MURS340_07 Datasheet
106Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 27-Aug-07
MURS340S VISHAY-MURS340S Datasheet
103Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 01-Aug-08
U1B VISHAY-U1B Datasheet
103Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 13-May-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com