Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STTA806G-TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STTA806G-TR
Description  TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA806G-TR Datasheet(HTML) 9 Page - STMicroelectronics

  STTA806G-TR Datasheet HTML 1Page - STMicroelectronics STTA806G-TR Datasheet HTML 2Page - STMicroelectronics STTA806G-TR Datasheet HTML 3Page - STMicroelectronics STTA806G-TR Datasheet HTML 4Page - STMicroelectronics STTA806G-TR Datasheet HTML 5Page - STMicroelectronics STTA806G-TR Datasheet HTML 6Page - STMicroelectronics STTA806G-TR Datasheet HTML 7Page - STMicroelectronics STTA806G-TR Datasheet HTML 8Page - STMicroelectronics STTA806G-TR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
STTA806D/DI/G
9/9
PACKAGE DATA
INSULATED TO-220AC
s
Cooling method : by conduction (C)
s
Recommanded torque value : 0.8m.N
s
Maximum torque value : 1m.N
M
B
l4
C
b2
a2
l2
c2
b1
a1
A
F
L
I
e
c1
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ. Max. Min.
Typ. Max.
A
15.20
15.90 0.598
0.625
a1
3.75
0.147
a2
13.00
14.00 0.511
0.551
B
10.00
10.40 0.393
0.409
b1
0.61
0.88 0.024
0.034
b2
1.23
1.32 0.048
0.051
C
4.40
4.60 0.173
0.181
c1
0.49
0.70 0.019
0.027
c2
2.40
2.72 0.094
0.107
e
4.80
5.40 0.189
0.212
F
6.20
6.60 0.244
0.259
I
3.75
3.85 0.147
0.151
I4
15.80 16.40 16.80 0.622 0.646 0.661
L
2.65
2.95 0.104
0.116
l2
1.14
1.70 0.044
0.066
M
2.60
0.102
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2002 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany
Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore
Spain - Sweden - Switzerland - United Kingdom - United States.
http://www.st.com
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
STTA806D
STTA806D
TO-220AC
1.86g
50
Tube
STTA806DI
STTA806DI
TO-220AC Ins.
1.86g
250
Bulk
STTA806G
STTA806G
D
2PAK
1.48g
50
Tube
STTA806G-TR
STTA806G
D
2PAK
1.48g
500
Tape & reel
s
Epoxy meets UL94,V0


Similar Part No. - STTA806G-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTA806G-TR STMICROELECTRONICS-STTA806G-TR Datasheet
88Kb / 9P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
More results

Similar Description - STTA806G-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTA112U STMICROELECTRONICS-STTA112U Datasheet
73Kb / 8P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA812D STMICROELECTRONICS-STTA812D Datasheet
91Kb / 10P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA806D STMICROELECTRONICS-STTA806D Datasheet
88Kb / 9P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA406 STMICROELECTRONICS-STTA406 Datasheet
53Kb / 5P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA6006P STMICROELECTRONICS-STTA6006P Datasheet
73Kb / 8P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA2006P STMICROELECTRONICS-STTA2006P Datasheet
71Kb / 8P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA212S STMICROELECTRONICS-STTA212S Datasheet
72Kb / 8P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA3006P STMICROELECTRONICS-STTA3006P Datasheet
82Kb / 9P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA1212D STMICROELECTRONICS-STTA1212D Datasheet
67Kb / 8P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA2512P STMICROELECTRONICS-STTA2512P Datasheet
83Kb / 9P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com