Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST16C1451 Datasheet(PDF) 11 Page - Exar Corporation

Part # ST16C1451
Description  2.97V TO 5.5V UART
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C1451 Datasheet(HTML) 11 Page - Exar Corporation

Back Button ST16C1451 Datasheet HTML 7Page - Exar Corporation ST16C1451 Datasheet HTML 8Page - Exar Corporation ST16C1451 Datasheet HTML 9Page - Exar Corporation ST16C1451 Datasheet HTML 10Page - Exar Corporation ST16C1451 Datasheet HTML 11Page - Exar Corporation ST16C1451 Datasheet HTML 12Page - Exar Corporation ST16C1451 Datasheet HTML 13Page - Exar Corporation ST16C1451 Datasheet HTML 14Page - Exar Corporation ST16C1451 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
áç
áç
áç
áç
ST16C1450/51
REV. 4.2.0
2.97V TO 5.5V UART
11
2.6
Special (Enhanced Feature) Mode
The 145X supports the standard features of the ST16C450. In addition the 145X supports some enhanced
features not available for the ST16C450. These features are enabled by IER bit-5 and include a software
controllable (SOFT) reset, power down feature and FIFO monitoring bits.
2.6.1
Soft Reset
Soft resets are useful when the user desires the capability of resetting an externally connected device only.
MCR bit-2 can be used to initiate a SOFT reset at the RST output pin. This does not reset the 145X (only the
RESET input pin can reset the 145X). Soft resets from MCR bit-2 are “ORed” with the RESET input pin.
Therefore both reset types will be seen at the RST output pin.
2.6.2
Power Down Mode
The power down feature (controlled by MCR bit-7) provides the user with the capability to conserve power
when the package is not in actual use without destroying internal register configuration data. This allows quick
turnarounds from power down to normal operation.
2.7
Internal Loopback
The 145X UART provides an internal loopback capability for system diagnostic purposes. The internal
loopback mode is enabled by setting MCR register bit-4 to logic 1. All regular UART functions operate normally.
Figure 7 shows how the modem port signals are re-configured. Transmit data from the transmit shift register
output is internally routed to the receive shift register input allowing the system to receive the same data that it
was sending. The TX pin is held at logic 1 or mark condition while RTS# and DTR# are de-asserted, and
CTS#, DSR# CD# and RI# inputs are ignored. Caution: the RX input must be held to a logic 1 during loopback
test else upon exiting the loopback test the UART may detect and report a false “break” signal.
FIGURE 6. RECEIVER OPERATION IN NON-FIFO MODE
Receive Data Shift
Register (RSR)
Receive
Data Byte
and Errors
RHR Interrupt (ISR bit-2)
Receive Data
Holding Register
(RHR)
RXFIFO1
16X Clock
Receive Data Characters
Data Bit
Validation
Error
Tags in
LSR bits
4:2


Similar Part No. - ST16C1451

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C1450 EXAR-ST16C1450 Datasheet
614Kb / 28P
   2.97V TO 5.5V UART
ST16C1450CJ28 EXAR-ST16C1450CJ28 Datasheet
614Kb / 28P
   2.97V TO 5.5V UART
ST16C1450CQ48 EXAR-ST16C1450CQ48 Datasheet
614Kb / 28P
   2.97V TO 5.5V UART
ST16C1450IJ28 EXAR-ST16C1450IJ28 Datasheet
614Kb / 28P
   2.97V TO 5.5V UART
ST16C1450IQ48 EXAR-ST16C1450IQ48 Datasheet
614Kb / 28P
   2.97V TO 5.5V UART
More results

Similar Description - ST16C1451

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C1450 EXAR-ST16C1450_05 Datasheet
614Kb / 28P
   2.97V TO 5.5V UART
XR16L788IQ-F EXAR-XR16L788IQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L784 EXAR-XR16L784_08 Datasheet
1Mb / 51P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784CV-F EXAR-XR16L784CV-F Datasheet
1Mb / 51P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784 EXAR-XR16L784 Datasheet
625Kb / 52P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784 EXAR-XR16L784_05 Datasheet
873Kb / 52P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L788 EXAR-XR16L788_05 Datasheet
893Kb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L788CQ-F EXAR-XR16L788CQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L788 EXAR-XR16L788_08 Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com