Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS31AP4912-UTLS2-TR Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS31AP4912-UTLS2-TR
Description  STEREO HEADPHONE DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31AP4912-UTLS2-TR Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS31AP4912-UTLS2-TR Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS31AP4912-UTLS2-TR Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS31AP4912-UTLS2-TR Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31AP4912-UTLS2-TR Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31AP4912-UTLS2-TR Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31AP4912-UTLS2-TR Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31AP4912-UTLS2-TR Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31AP4912-UTLS2-TR Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31AP4912-UTLS2-TR Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
IS31AP4912
Integrated Silicon Solution, Inc. – www.issi.com
5
Rev. C, 12/23/2015
TYPICAL PERFORMANCE CHARACTERISTIC
Output Power(W)
0.01
20
0.02
0.05
0.1
0.2
0.5
1
2
5
10
1m
2m
5m
10m
20m
50m
100m
f = 20Hz
f = 1kHz
f = 10kHz
VCC = 3.0V
RL= 32Ω
Figure 2
THD+N vs. Output Power
Output Power(W)
0.01
20
0.02
0.05
0.1
0.2
0.5
1
2
5
10
1m
2m
5m
10m
20m
50m
100m
VCC = 4.2V
RL= 32Ω
f = 1kHz
f = 20Hz
f = 10kHz
Figure 4
THD+N vs. Output Power
20
20k
50
100
200
500
1k
2k
5k
10k
Frequency(Hz)
1u
20u
2u
3u
5u
7u
10u
VCC = 3.0V~4.2V
RL= 32Ω
Figure 6
Noise
Output Power(W)
0.01
20
0.02
0.05
0.1
0.2
0.5
1
2
5
10
1m
2m
5m
10m
20m
50m
100m
f = 20Hz
f = 1kHz
f = 10kHz
VCC = 3.6V
RL= 32Ω
Figure 3
THD+N vs. Output Power
20
20k
50
100
200
500
1k
2k
5k
10k
Frequency(Hz)
0.001
1
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
VCC = 3.0V~4.2V
RL= 32Ω
PO = 20mW
Figure 5
THD+N vs. Frequency
20
20k
50
100
200
500
1k
2k
5k
10k
Frequency(Hz)
-120
+0
-100
-80
-60
-40
-20
VCC = 3.6V, 4.2V
RL = 32Ω
Input Grounded
Figure 7
PSRR vs. Frequency


Similar Part No. - IS31AP4912-UTLS2-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP4912 ISSI-IS31AP4912 Datasheet
295Kb / 9P
   STEREO HEADPHONE DRIVER
More results

Similar Description - IS31AP4912-UTLS2-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP4912 ISSI-IS31AP4912 Datasheet
295Kb / 9P
   STEREO HEADPHONE DRIVER
logo
List of Unclassifed Man...
MS6308 ETC-MS6308 Datasheet
82Kb / 5P
   Class AB stereo headphone driver
logo
Anpec Electronics Corop...
APA2308 ANPEC-APA2308 Datasheet
532Kb / 12P
   Class AB Stereo Headphone Driver
logo
Bookly Micro electronic
CM8608 BOOKLY-CM8608 Datasheet
198Kb / 7P
   Class AB Stereo Headphone Driver
logo
NXP Semiconductors
TDA1308 PHILIPS-TDA1308 Datasheet
197Kb / 12P
   Class AB stereo headphone driver
August 1994
logo
Silan Microelectronics ...
SC1308L SILAN-SC1308L Datasheet
71Kb / 4P
   CLASS AB STEREO HEADPHONE DRIVER
logo
NXP Semiconductors
TDA1308A PHILIPS-TDA1308A Datasheet
95Kb / 16P
   Class AB stereo headphone driver
2002 Jul 19
TDA1308 PHILIPS-TDA1308_15 Datasheet
584Kb / 17P
   Class-AB stereo headphone driver
Rev. 5-14 March 2011
logo
TDK Electronics
WM2002 TDK-WM2002 Datasheet
332Kb / 12P
   Stereo Headphone Driver with Wolfson
logo
NXP Semiconductors
TDA1308 NXP-TDA1308 Datasheet
117Kb / 19P
   Class-AB stereo headphone driver
Rev. 04-25 January 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com