Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS31AP2110-ZLS2-TR Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS31AP2110-ZLS2-TR
Description  20W STEREO CLASS-D AUDIO AMPLIFIER WITH POWER LIMIT AND DYNAMIC TEMPERATURE CONTROL
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31AP2110-ZLS2-TR Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS31AP2110-ZLS2-TR Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31AP2110-ZLS2-TR Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31AP2110-ZLS2-TR Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS31AP2110-ZLS2-TR Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS31AP2110-ZLS2-TR Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS31AP2110-ZLS2-TR Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS31AP2110-ZLS2-TR Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS31AP2110-ZLS2-TR Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS31AP2110-ZLS2-TR Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
IS31AP2110
Integrated Silicon Solution, Inc. – www.issi.com
11
Rev. B, 10/20/2015
FUNCTIONAL BLOCK DIAGRAM
PGND
VCCR
OUTR+
VCCL
INR+
INR-
Gain Gontrol
Amplifier
Power
Stage
PLIMIT
Modulator
PLIM
INL-
INL+
OUTL+
OUTR-
Dynamic
Temperature
Control
PWM
Logic
OUTL-
DC
Detect
PLIMIT
Gain Gontrol
Amplifier
Power
Stage
Modulator
PWM
Logic
Short-Circuit
Protection
PBTL
Select
Ramp
Generator
Bias &
Reference
PLIMIT
Reference
Control
Logic
Thermal
Detect
Under-Voltage
Protection
FAULTB
Logic
Gain
Select
I/O Buffer
PBTL Select
Short Circuit Error
DC Detect Error
Regulator
Thermal
Warning
Thermal
Warning
PGND
FAULTB
AGND
AVDD
GAIN0
GAIN1
SDB
PBTL


Similar Part No. - IS31AP2110-ZLS2-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2110 ISSI-IS31AP2110 Datasheet
397Kb / 16P
   20W STEREO CLASS-D AUDIO AMPLIFIER WITH POWER LIMIT
More results

Similar Description - IS31AP2110-ZLS2-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2110 ISSI-IS31AP2110 Datasheet
397Kb / 16P
   20W STEREO CLASS-D AUDIO AMPLIFIER WITH POWER LIMIT
logo
ON Semiconductor
NCS8353 ONSEMI-NCS8353 Datasheet
667Kb / 14P
   Stereo 20W/Ch Class D Audio Power Amplifier with Programmable Power Limit and Selectable Gain
February, 2011 ??Rev. 2
logo
Nuvoton Technology Corp...
NAU83P20 NUVOTON-NAU83P20 Datasheet
1Mb / 28P
   20W Stereo Class-D Audio Amplifier
logo
Anpec Electronics Corop...
APA3160A ANPEC-APA3160A Datasheet
1Mb / 38P
   20W Stereo Digital Class-D Audio Power Amplifier
logo
Elite Semiconductor Mem...
AD52060 ESMT-AD52060 Datasheet
704Kb / 23P
   2x20W Stereo Class-D Audio Amplifier with Power Limit
Revision: 1.5
logo
Power Analog Micoelectr...
PAM8620 PAM-PAM8620 Datasheet
463Kb / 15P
   15W Stereo Class-D Audio Power Amplifier with Power Limit
logo
Diodes Incorporated
PAM8620 DIODES-PAM8620 Datasheet
309Kb / 13P
   15W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH POWER LIMIT
PAM8006A DIODES-PAM8006A Datasheet
544Kb / 13P
   15W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH POWER LIMIT
logo
Power Analog Micoelectr...
PAM8006A PAM-PAM8006A Datasheet
457Kb / 15P
   15W Stereo Class-D Audio Power Amplifier with Power Limit
logo
Anpec Electronics Corop...
APA3175 ANPEC-APA3175 Datasheet
811Kb / 46P
   20W Stereo Digital Class-D Audio Power Amplifier with EQ and DRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com