Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHE448RB4150JR06 Datasheet(PDF) 5 Page - Kemet Corporation

Part # PHE448RB4150JR06
Description  PHE448 Series Polypropylene Film/Foil, Radial
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PHE448RB4150JR06 Datasheet(HTML) 5 Page - Kemet Corporation

  PHE448RB4150JR06 Datasheet HTML 1Page - Kemet Corporation PHE448RB4150JR06 Datasheet HTML 2Page - Kemet Corporation PHE448RB4150JR06 Datasheet HTML 3Page - Kemet Corporation PHE448RB4150JR06 Datasheet HTML 4Page - Kemet Corporation PHE448RB4150JR06 Datasheet HTML 5Page - Kemet Corporation PHE448RB4150JR06 Datasheet HTML 6Page - Kemet Corporation PHE448RB4150JR06 Datasheet HTML 7Page - Kemet Corporation PHE448RB4150JR06 Datasheet HTML 8Page - Kemet Corporation PHE448RB4150JR06 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3038_PHE448 • 5/19/2015
5
Film Capacitors
General Purpose, Pulse and DC Transient Suppression – PHE448 Series Polypropylene Film/Foil, Radial
Table 1 – Ratings & Part Number Reference
VDC VAC
Cap
Value
(µF)
Dimensions in mm
Lead
Spacing
(p)
dV/dt
(V/µs)
Size Code
(New/Legacy)
R
thha ºC/W
85ºC
0.2m/s
New KEMET
Part Number
Legacy Part
Number
B
H
L
1600
650
0.0015
5.5
10.5
18.0
15
15000
BD/B04
87
F448BD152J1K6(1)
PHE448RB4150J(1)
1600
650
0.0018
5.5
10.5
18.0
15
15000
BD/B04
86
F448BD182J1K6(1)
PHE448RB4180J(1)
1600
650
0.0022
5.5
10.5
18.0
15
15000
BD/B04
84
F448BD222J1K6(1)
PHE448RB4220J(1)
1600
650
0.0027
6.5
12.5
18.0
15
15000
BJ/B10
82
F448BJ272J1K6(1)
PHE448RB4270J(1)
1600
650
0.0033
6.5
12.5
18.0
15
15000
BJ/B10
82
F448BJ332J1K6(1)
PHE448RB4330J(1)
1600
650
0.0039
6.5
12.5
18.0
15
15000
BJ/B10
82
F448BJ392J1K6(1)
PHE448RB4390J(1)
1600
650
0.0047
6.5
12.5
18.0
15
15000
BJ/B10
82
F448BJ472J1K6(1)
PHE448RB4470J(1)
1600
650
0.0056
7.5
14.5
18.0
15
15000
BL/B06
78
F448BL562J1K6(1)
PHE448RB4560J(1)
1600
650
0.0068
7.5
14.5
18.0
15
15000
BL/B06
78
F448BL682J1K6(1)
PHE448RB4680J(1)
1600
650
0.0082
8.5
16.0
18.0
15
15000
BQ/B11
70
F448BQ822J1K6(1)
PHE448RB4820J(1)
1600
650
0.01
8.5
16.0
18.0
15
15000
BQ/B11
70
F448BQ103J1K6(1)
PHE448RB5100J(1)
1600
650
0.012
9.5
17.5
18.0
15
15000
BV/B14
60
F448BV123J1K6(1)
PHE448RB5120J(1)
1600
650
0.015
9.5
17.5
18.0
15
15000
BV/B14
60
F448BV153J1K6(1)
PHE448RB5150J(1)
1600
650
0.018
11.0
19.0
18.0
15
15000
BY/B16
55
F448BY183J1K6(1)
PHE448RB5180J(1)
1600
650
0.022
11.0
19.0
18.0
15
15000
BY/B16
55
F448BY223K1K6(2)
PHE448RB5220K(2)
2000
700
0.0001
5.5
10.5
18.0
15
25000
BD/B04
87
F448BD101J2K0(1)
PHE448SB3100J(1)
2000
700
0.00012
5.5
10.5
18.0
15
25000
BD/B04
87
F448BD121J2K0(1)
PHE448SB3120J(1)
2000
700
0.00015
5.5
10.5
18.0
15
25000
BD/B04
87
F448BD151J2K0(1)
PHE448SB3150J(1)
2000
700
0.00018
5.5
10.5
18.0
15
25000
BD/B04
87
F448BD181J2K0(1)
PHE448SB3180J(1)
2000
700
0.00022
5.5
10.5
18.0
15
25000
BD/B04
87
F448BD221J2K0(1)
PHE448SB3220J(1)
2000
700
0.00027
5.5
10.5
18.0
15
25000
BD/B04
87
F448BD271J2K0(1)
PHE448SB3270J(1)
2000
700
0.00033
5.5
10.5
18.0
15
25000
BD/B04
86
F448BD331J2K0(1)
PHE448SB3330J(1)
2000
700
0.00039
5.5
10.5
18.0
15
25000
BD/B04
86
F448BD391J2K0(1)
PHE448SB3390J(1)
2000
700
0.00047
5.5
10.5
18.0
15
25000
BD/B04
86
F448BD471J2K0(1)
PHE448SB3470J(1)
2000
700
0.00056
5.5
10.5
18.0
15
25000
BD/B04
85
F448BD561J2K0(1)
PHE448SB3560J(1)
2000
700
0.00068
5.5
10.5
18.0
15
25000
BD/B04
85
F448BD681J2K0(1)
PHE448SB3680J(1)
2000
700
0.00082
5.5
10.5
18.0
15
25000
BD/B04
85
F448BD821J2K0(1)
PHE448SB3820J(1)
2000
700
0.001
5.5
10.5
18.0
15
25000
BD/B04
84
F448BD102J2K0(1)
PHE448SB4100J(1)
2000
700
0.0012
6.5
12.5
18.0
15
25000
BJ/B10
82
F448BJ122J2K0(1)
PHE448SB4120J(1)
2000
700
0.0015
6.5
12.5
18.0
15
25000
BJ/B10
82
F448BJ152J2K0(1)
PHE448SB4150J(1)
2000
700
0.0018
7.5
14.5
18.0
15
25000
BL/B06
78
F448BL182J2K0(1)
PHE448SB4180J(1)
2000
700
0.0022
8.5
16.0
18.0
15
25000
BQ/B11
70
F448BQ222J2K0(1)
PHE448SB4220J(1)
2000
700
0.0027
8.5
16.0
18.0
15
25000
BQ/B11
70
F448BQ272J2K0(1)
PHE448SB4270J(1)
2000
700
0.0033
9.5
17.5
18.0
15
25000
BV/B14
60
F448BV332J2K0(1)
PHE448SB4330J(1)
VDC
VAC
Cap Value
(µF)
B
(mm)
H
(mm)
L
(mm)
Lead
Spacing (p)
dV/dt (V/
µs)
Size Code
(New/Legacy)
R
thha ºC/W 85ºC
0.2m/s
New KEMET
Part Number
Legacy Part
Number
(1) Insert lead and packaging code. See Order Options Table for available options.
(2) K = ±10% (only available tolerance).


Similar Part No. - PHE448RB4150JR06

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE448RB4150JR06 KEMET-PHE448RB4150JR06 Datasheet
130Kb / 2P
   Pulse capacitor, polypropylene film/foil
More results

Similar Description - PHE448RB4150JR06

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PFR5101J63J11L4BULK KEMET-PFR5101J63J11L4BULK Datasheet
396Kb / 12P
   PFR Series Polypropylene Film/Foil, Radial
R73EI2470AA00H KEMET-R73EI2470AA00H Datasheet
1Mb / 20P
   R73 Series Polypropylene Film/Foil, Radial (Automotive Grade)
logo
List of Unclassifed Man...
2013S ETC2-2013S Datasheet
29Kb / 1P
   POLYPROPYLENE FILM & FOIL RADIAL EPOXY DIP, SERIES WOUND
logo
RFE international
PPS222J3A RFE-PPS222J3A Datasheet
85Kb / 1P
   POLYPROPYLENE FILM CAPACITORS PPS Series: High Voltage Radial Dipped, Film Foil
logo
Kemet Corporation
C274AC35120AA0J KEMET-C274AC35120AA0J Datasheet
56Kb / 1P
   Capacitor, film, Film-Foil Polypropylene
logo
List of Unclassifed Man...
PFR ETC1-PFR Datasheet
27Kb / 4P
   Polypropylene film/foil capacitor
KP460 ETC1-KP460 Datasheet
1,015Kb / 29P
   Polypropylene film foil capacitors
logo
Cornell Dubilier Electr...
WPP1D1K-F CDE-WPP1D1K-F Datasheet
156Kb / 2P
   Film/Foil Polypropylene Capacitors
logo
Vishay Siliconix
KP460 VISHAY-KP460_02 Datasheet
1Mb / 29P
   Polypropylene film foil capacitors
2002 Oct 09
logo
RFE international
PPL333K2A RFE-PPL333K2A Datasheet
61Kb / 1P
   POLYPROPYLENE FILM CAPACITORS PPL Series: Film Foil
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com