Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST16C1450IQ48 Datasheet(PDF) 7 Page - Exar Corporation

Part # ST16C1450IQ48
Description  2.97V TO 5.5V UART
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C1450IQ48 Datasheet(HTML) 7 Page - Exar Corporation

Back Button ST16C1450IQ48 Datasheet HTML 3Page - Exar Corporation ST16C1450IQ48 Datasheet HTML 4Page - Exar Corporation ST16C1450IQ48 Datasheet HTML 5Page - Exar Corporation ST16C1450IQ48 Datasheet HTML 6Page - Exar Corporation ST16C1450IQ48 Datasheet HTML 7Page - Exar Corporation ST16C1450IQ48 Datasheet HTML 8Page - Exar Corporation ST16C1450IQ48 Datasheet HTML 9Page - Exar Corporation ST16C1450IQ48 Datasheet HTML 10Page - Exar Corporation ST16C1450IQ48 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
áç
áç
áç
áç
ST16C1450/51
REV. 4.2.0
2.97V TO 5.5V UART
7
Pin type: I=Input, O=Output, I/O= Input/output, OD=Output Open Drain.
1.0
PRODUCT DESCRIPTION
The ST16C145X provides serial asynchronous receive data synchronization, parallel-to-serial and serial-to-
parallel data conversions for both the transmitter and receiver sections. These functions are necessary for
converting the serial data stream into parallel data that is required in digital data systems. Synchronization for
the serial data stream is accomplished by adding start and stops bits to the transmit data to form a data
character (character orientated protocol). Data integrity is ensured by attaching a parity bit to the data
character. The parity bit is checked by the receiver for any transmission bit errors. The 145X is capable of
operation up to 1.5 Mbps with a 24 MHz crystal or external clock input with a 16X sampling clock (at VCC =
5.0V). With a crystal of 14.7456 MHz and through a software option, the user can select data rates up to 921.6
Kbps.
2.0
FUNCTIONAL DESCRIPTIONS
2.1
Internal Registers
The 145X has a set of enhanced registers for controlling, monitoring and data loading and unloading. These
registers function as data holding registers (THR/RHR), interrupt status and control registers (ISR/IER), a FIFO
control register (FCR), receive line status and control registers (LSR/LCR), modem status and control registers
(MSR/MCR), programmable data rate (clock) divisor registers (DLL/DLM), and a user accessible scractchpad
register (SPR). All the register functions are discussed in full detail later in “Section 3.0, UART INTERNAL
REGISTERS” on page 13.
GND
15
14
15
14
19
Pwr
Power supply common ground.
N.C.
--
--
1, 2,
10-14,
18,
24-26,
29,
35-38,
42, 44,
48
-
Not connected.
NAME
28-PIN
PDIP
(1450)
28-PIN
PDIP
(1451)
28-PIN
PLCC
(1450)
28-PIN
PLCC
(1451)
48-PIN
TQFP
(145X)
TYPE
DESCRIPTION


Similar Part No. - ST16C1450IQ48

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C1450IQ48 EXAR-ST16C1450IQ48 Datasheet
614Kb / 28P
   2.97V TO 5.5V UART
More results

Similar Description - ST16C1450IQ48

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C1450 EXAR-ST16C1450_05 Datasheet
614Kb / 28P
   2.97V TO 5.5V UART
XR16L788IQ-F EXAR-XR16L788IQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L784 EXAR-XR16L784_08 Datasheet
1Mb / 51P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784CV-F EXAR-XR16L784CV-F Datasheet
1Mb / 51P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784 EXAR-XR16L784 Datasheet
625Kb / 52P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784 EXAR-XR16L784_05 Datasheet
873Kb / 52P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L788 EXAR-XR16L788_05 Datasheet
893Kb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L788CQ-F EXAR-XR16L788CQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L788 EXAR-XR16L788_08 Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com