Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXR.08.A.DG Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # FXR.08.A.DG
Description  Low Profile Embedded Antenna
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXR.08.A.DG Datasheet(HTML) 3 Page - Taoglas antenna solutions

  FXR.08.A.DG Datasheet HTML 1Page - Taoglas antenna solutions FXR.08.A.DG Datasheet HTML 2Page - Taoglas antenna solutions FXR.08.A.DG Datasheet HTML 3Page - Taoglas antenna solutions FXR.08.A.DG Datasheet HTML 4Page - Taoglas antenna solutions FXR.08.A.DG Datasheet HTML 5Page - Taoglas antenna solutions FXR.08.A.DG Datasheet HTML 6Page - Taoglas antenna solutions FXR.08.A.DG Datasheet HTML 7Page - Taoglas antenna solutions FXR.08.A.DG Datasheet HTML 8Page - Taoglas antenna solutions FXR.08.A.DG Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SPE-15-8-028/B/CMPage3of10
2.
Specification
Flexible PCB Near-Field Communications Antenna
Frequency
13.56
MHz
Inductance @ 13.56 MHz
4.5
µH
Flexible NFC
Mechanical
Antenna Dimensions
Dimensions: 53.34 mm x 37.3 mm
Thickness: 0.15 mm
Adhesive
3M 467
Weight
2g
Ferrite Sheet Mechanical
PET
Dimension: 48.48*37.3 mm
Thickness: 0.02 mm
Ferrite Sheet
Dimension: 48.48*37.3 mm
Thickness: 0.10 mm
Adhesive Type
Nitto UTD-30 (W)
Thickness: 0.03 mm
Environmental
Operation Temperature
-40°C to 85°C
Storage Temperature
-40°C to 85°C
Humidity
Non-condensing 65°C 95% RH


Similar Part No. - FXR.08.A.DG

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXR.08.A TAOGLAS-FXR.08.A Datasheet
1Mb / 10P
   Flexible Low Profile Embedded
More results

Similar Description - FXR.08.A.DG

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXR.08.52.0075X.A TAOGLAS-FXR.08.52.0075X.A Datasheet
5Mb / 10P
   Flexible Low Profile Embedded Antenna
FXR.06.52.0075X.A TAOGLAS-FXR.06.52.0075X.A Datasheet
2Mb / 10P
   Flexible Low Profile Embedded Antenna
FXR.07.52.0075X.A TAOGLAS-FXR.07.52.0075X.A Datasheet
4Mb / 11P
   Flexible Low Profile Embedded Antenna
logo
NimbeLink Corp.
F47AGCHA-G150U NIMBELINK-F47AGCHA-G150U Datasheet
292Kb / 2P
   F47AGCHA Embedded Antenna Profile Contour Series Antenna
F56NBAAA-G150U NIMBELINK-F56NBAAA-G150U Datasheet
274Kb / 2P
   F56NBAAA Embedded Antenna Profile Contour Series Antenna
F47NBAAB-G150U NIMBELINK-F47NBAAB-G150U Datasheet
271Kb / 2P
   F47NBAAB Embedded Antenna Profile Contour Series Antenna
logo
Tallysman Wireless Inc.
TW1027 TALLYSMAN-TW1027 Datasheet
356Kb / 2P
   Low Current Embedded GPS Antenna
logo
Pulse A Technitrol Comp...
W3317 PULSE-W3317 Datasheet
1Mb / 14P
   Embedded Antenna
logo
NimbeLink Corp.
CRJKS0010-LNA-G65U NIMBELINK-CRJKS0010-LNA-G65U Datasheet
512Kb / 2P
   CRJKS0010 Embedded GPS Antenna Embedded Ceramic GPS Antenna
logo
TE Connectivity Ltd
956-510-5XX TEC-956-510-5XX Datasheet
315Kb / 2P
   GPS Embedded Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com