Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ8.0A Datasheet(PDF) 4 Page - Galaxy Semi-Conductor Holdings Limited

Part # SMCJ8.0A
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMCJ8.0A Datasheet(HTML) 4 Page - Galaxy Semi-Conductor Holdings Limited

  SMCJ8.0A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMCJ8.0A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMCJ8.0A Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMCJ8.0A Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited SMCJ8.0A Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited SMCJ8.0A Datasheet HTML 6Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Production specification
TRANSIENT VOLTAGE SUPPRESSOR
SMCJ5.0--SMCJ440CA
Document Number: SMC601AD
www.gmicroelec.com
4
Type
Dynamic
VWM
IRM
IPPM
VC
V
@IT
VWM
IPPM
Min
Max
m A
V
u A
A
v
SMCJ85
94.4
115
1.0
85
5.0
9.9
151
SMCJ85A
94.4
104
1.0
85
5.0
10.9
137
SMCJ90
100
122
1.0
90
5.0
9.4
160
SMCJ90A
100
111
1.0
90
5.0
10.3
146
SMCJ100
111
136
1.0
100
5.0
8.4
179
SMCJ100A
111
123
1.0
100
5.0
9.3
162
SMCJ110
122
149
1.0
110
5.0
7.7
196
SMCJ110A
122
135
1.0
110
5.0
8.5
177
SMCJ120
133
163
1.0
120
5.0
7.0
214
SMCJ120A
133
147
1.0
120
5.0
7.8
193
SMCJ130
144
176
1.0
130
5.0
6.5
231
SMCJ130A
144
159
1.0
130
5.0
7.2
209
SMCJ150
167
204
1.0
150
5.0
5.6
268
SMCJ150A
167
185
1.0
150
5.0
6.2
243
SMCJ160
178
218
1.0
160
5.0
5.2
287
SMCJ160A
178
197
1.0
160
5.0
5.8
259
SMCJ170
189
231
1.0
170
5.0
4.9
304
SMCJ170A
189
209
1.0
170
5.0
5.5
275
SMCJ188
209
255
1.0
188
5.0
4.4
344
SMCJ188A
209
231
1.0
188
5.0
4.6
328
SMCJ200
222
272
1.0
200
5.0
4.2
356
SMCJ200A
222
246
1.0
200
5.0
4.6
323
SMCJ220
245
299
1.0
220
5.0
3.8
392
SMCJ220A
245
270
1.0
220
5.0
4.2
355
SMCJ240
267
326
1.0
240
5.0
3.5
428
SMCJ240A
267
295
1.0
240
5.0
3.9
388
SMCJ250
278
340
1.0
250
5.0
3.4
446
SMCJ250A
278
307
1.0
250
5.0
3.7
404
SMCJ300
333
408
1.0
300
5.0
2.8
535
SMCJ300A
333
368
1.0
300
5.0
3.1
485
SMCJ350
389
476
1.0
350
5.0
2.4
624
SMCJ350A
389
429
1.0
350
5.0
2.7
566
SMCJ360
400
489
1.0
360
5.0
2.3
652
SMCJ360A
400
442
1.0
360
5.0
2.6
582
SMCJ400
445
544
1.0
400
5.0
2.1
713
SMCJ400A
445
491
1.0
400
5.0
2.3
646
SMCJ440
489
598
1.0
440
5.0
1.9
784
SMCJ440A
489
540
1.0
440
5.0
2.1
711


Similar Part No. - SMCJ8.0A

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ8.0A DCCOM-SMCJ8.0A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMCJ8.0A MCC-SMCJ8.0A Datasheet
249Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
logo
Vishay Siliconix
SMCJ8.0A VISHAY-SMCJ8.0A Datasheet
93Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 20-Dec-11
logo
HY ELECTRONIC CORP.
SMCJ8.0A HY-SMCJ8.0A Datasheet
589Kb / 5P
   Surface Mount Unidirectional and Bidirectional Transient Voltage Suppressors
logo
First Components Intern...
SMCJ8.0A FCI-SMCJ8.0A Datasheet
161Kb / 4P
   5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SMCJ8.0A

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com