Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRC4190IDB Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # SRC4190IDB
Description  192kHz Stereo Asynchronous Sample Rate Converters
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

SRC4190IDB Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button SRC4190IDB Datasheet HTML 7Page - Burr-Brown (TI) SRC4190IDB Datasheet HTML 8Page - Burr-Brown (TI) SRC4190IDB Datasheet HTML 9Page - Burr-Brown (TI) SRC4190IDB Datasheet HTML 10Page - Burr-Brown (TI) SRC4190IDB Datasheet HTML 11Page - Burr-Brown (TI) SRC4190IDB Datasheet HTML 12Page - Burr-Brown (TI) SRC4190IDB Datasheet HTML 13Page - Burr-Brown (TI) SRC4190IDB Datasheet HTML 14Page - Burr-Brown (TI) SRC4190IDB Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
SRC4190
SBFS023A
11
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VDD = +3.3V, and VIO = +3.3V, unless otherwise noted.
0
–20
–40
–60
–80
–100
–120
–140
–160
FFT with 80kHz INPUT TONE at 0dBFS
(192kHz:192kHz)
0
20k
40k
96k
80k
60k
Frequency (Hz)
–100
–105
–110
–115
–120
–125
–130
–135
–140
–145
–150
THD+N vs INPUT AMPLITUDE f
IN = 1kHz
(44.1kHz:48kHz)
–140
–120
–100
–80
0
–20
–60
–40
Input Amplitude (dBFS)
–100
–105
–110
–115
–120
–125
–130
–135
–140
–145
–150
THD+N vs INPUT AMPLITUDE f
IN = 1kHz
(48kHz:44.1kHz)
–140
–120
–100
–80
0
–20
–60
–40
Input Amplitude (dBFS)
–100
–105
–110
–115
–120
–125
–130
–135
–140
–145
–150
THD+N vs INPUT AMPLITUDE f
IN = 1kHz
(48kHz:96kHz)
–140
–120
–100
–80
0
–20
–60
–40
Input Amplitude (dBFS)
–100
–105
–110
–115
–120
–125
–130
–135
–140
–145
–150
THD+N vs INPUT AMPLITUDE f
IN = 1kHz
(96kHz:48kHz)
–140
–120
–100
–80
0
–20
–60
–40
Input Amplitude (dBFS)
–100
–105
–110
–115
–120
–125
–130
–135
–140
–145
–150
THD+N vs INPUT AMPLITUDE f
IN = 1kHz
(44.1kHz:192kHz)
–140
–120
–100
–80
0
–20
–60
–40
Input Amplitude (dBFS)


Similar Part No. - SRC4190IDB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SRC4190IDB BURR-BROWN-SRC4190IDB Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
logo
Texas Instruments
SRC4190IDB TI1-SRC4190IDB Datasheet
1Mb / 29P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4190IDBG4 TI1-SRC4190IDBG4 Datasheet
1Mb / 29P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
logo
Burr-Brown (TI)
SRC4190IDBR BURR-BROWN-SRC4190IDBR Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
logo
Texas Instruments
SRC4190IDBR TI1-SRC4190IDBR Datasheet
1Mb / 29P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
More results

Similar Description - SRC4190IDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SRC4190 TI1-SRC4190_14 Datasheet
1Mb / 29P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
logo
Burr-Brown (TI)
SRC4192 BURR-BROWN-SRC4192 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
logo
Texas Instruments
SRC4192IDBR TI-SRC4192IDBR Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4192IDB TI-SRC4192IDB Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4192-Q1 TI1-SRC4192-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
SRC4192 TI1-SRC4192 Datasheet
1Mb / 43P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
logo
Analog Devices
AD1890 AD-AD1890 Datasheet
416Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1890 AD-AD1890_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1891 AD-AD1891_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com