Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SMD99F Datasheet(PDF) 2 Page - Data Delay Devices, Inc.

Part No. SMD99F
Description  5-TAP, TTL-INTERFACED FIXED DELAY LINE
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DATADELAY [Data Delay Devices, Inc.]
Homepage  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

SMD99F Datasheet(HTML) 2 Page - Data Delay Devices, Inc.

  SMD99F Datasheet HTML 1Page - Data Delay Devices, Inc. SMD99F Datasheet HTML 2Page - Data Delay Devices, Inc. SMD99F Datasheet HTML 3Page - Data Delay Devices, Inc. SMD99F Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD99F
Doc #97017
DATA DELAY DEVICES, INC.
2
1/30/97
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com
APPLICATION NOTES
HIGH FREQUENCY RESPONSE
The SMD99F tolerances are guaranteed for input
pulse widths and periods greater than those
specified in the test conditions. Although the
device will function properly for pulse widths as
small as 40% of the total delay and periods as
small as 80% of the total delay (for a symmetric
input), the delays may deviate from their values
at low frequency. However, for a given input
condition, the deviation will be repeatable from
pulse to pulse. Contact technical support at Data
Delay Devices if your application requires device
testing at a specific input condition.
POWER SUPPLY BYPASSING
The SMD99F relies on a stable power supply to
produce repeatable delays within the stated
tolerances. A 0.1uf capacitor from VCC to GND,
located as close as possible to the VCC pin, is
recommended. A wide VCC trace and a clean
ground plane should be used.
DEVICE SPECIFICATIONS
TABLE 1: ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
DC Supply Voltage
VCC
-0.3
7.0
V
Input Pin Voltage
VIN
-0.3
VDD+0.3
V
Storage Temperature
TSTRG
-55
150
C
Lead Temperature
TLEAD
300
C
10 sec
TABLE 2: DC ELECTRICAL CHARACTERISTICS
(0C to 70C, 4.75V to 5.25V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
High Level Output Voltage
VOH
2.5
3.4
V
VCC = MIN, IOH = MAX
VIH = MIN, VIL = MAX
Low Level Output Voltage
VOL
0.35
0.5
V
VCC = MIN, IOL = MAX
VIH = MIN, VIL = MAX
High Level Output Current
IOH
-1.0
mA
Low Level Output Current
IOL
20.0
mA
High Level Input Voltage
VIH
2.0
V
Low Level Input Voltage
VIL
0.8
V
Input Clamp Voltage
VIK
-1.2
V
VCC = MIN, II = IIK
Input Current at Maximum
Input Voltage
IIHH
0.1
mA
VCC = MAX, VI = 7.0V
High Level Input Current
IIH
20
µA
VCC = MAX, VI = 2.7V
Low Level Input Current
IIL
-0.6
mA
VCC = MAX, VI = 0.5V
Short-circuit Output Current
IOS
-60
-150
mA
VCC = MAX
Output High Fan-out
25
Unit
Output Low Fan-out
12.5
Load


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn