Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX3162 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX3162
Description  Single Chip Radio Transceiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX3162 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMX3162 Datasheet HTML 7Page - National Semiconductor (TI) LMX3162 Datasheet HTML 8Page - National Semiconductor (TI) LMX3162 Datasheet HTML 9Page - National Semiconductor (TI) LMX3162 Datasheet HTML 10Page - National Semiconductor (TI) LMX3162 Datasheet HTML 11Page - National Semiconductor (TI) LMX3162 Datasheet HTML 12Page - National Semiconductor (TI) LMX3162 Datasheet HTML 13Page - National Semiconductor (TI) LMX3162 Datasheet HTML 14Page - National Semiconductor (TI) LMX3162 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Typical Performance Characteristics (Continued)
AC Timing Characteristics
Serial Data Input Timing
TEST CONDITIONS: The Serial Data Input Timing is tested using a symmetrical waveform around V
CC/2. The test waveform has
an skew rate of 0.6V/ns.
SSB Mixer Noise Figure vs RF
IN Frequency
DS100929-47
SSB Mixer Noise Figure vs F
IN Power
DS100929-48
TX Power Out vs F
IN Power
DS100929-49
TX Power Out vs F
IN Frequency
DS100929-50
DS100929-3
Notes: Parenthesis data indicates programmable reference divider data.
Data shifted into register on clock rising edge.
Data is shifted in MSB first.
www.national.com
11


Similar Part No. - LMX3162

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX3160 NSC-LMX3160 Datasheet
176Kb / 16P
   Single Chip Radio Transceiver
LMX3161 NSC-LMX3161 Datasheet
212Kb / 14P
   Single Chip Radio Transceiver
LMX3161VBH NSC-LMX3161VBH Datasheet
212Kb / 14P
   Single Chip Radio Transceiver
LMX3161VBHX NSC-LMX3161VBHX Datasheet
212Kb / 14P
   Single Chip Radio Transceiver
More results

Similar Description - LMX3162

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-52000 AMI-AMIS-52000 Datasheet
649Kb / 15P
   Single-Chip Radio Transceiver
logo
National Semiconductor ...
LMX3160 NSC-LMX3160 Datasheet
176Kb / 16P
   Single Chip Radio Transceiver
LMX3161 NSC-LMX3161 Datasheet
212Kb / 14P
   Single Chip Radio Transceiver
logo
ATMEL Corporation
AT86RF212 ATMEL-AT86RF212_10 Datasheet
3Mb / 172P
   single-chip RF transceiver provides a complete radio interface
logo
NXP Semiconductors
TEA5767 PHILIPS-TEA5767 Datasheet
382Kb / 2P
   single-chip FM stereo radio
March 2002
TEA5760UK NXP-TEA5760UK Datasheet
220Kb / 37P
   Single chip FM stereo radio
Rev. 01-14 December 2006
logo
Sanyo Semicon Device
LA1800 SANYO-LA1800 Datasheet
577Kb / 8P
   FM/AM Single-Chip Radio
logo
Tiger Electronic Co.,Lt...
LA1800 TGS-LA1800 Datasheet
1Mb / 9P
   FM/AM SINGLE CHIP RADIO
logo
Infineon Technologies A...
PBA31305 INFINEON-PBA31305 Datasheet
25Kb / 2P
   Bluetooth Radio Transceiver?
logo
rfsolutions.ltd
RF650 RFSOLUTIONS-RF650 Datasheet
365Kb / 11P
   SMART RADIO TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com