Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCR72-3 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. MCR72-3
Description  SENSITIVE GATE SILICON CONTROLLED RECTIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCR72-3 Datasheet(HTML) 3 Page - ON Semiconductor

  MCR72-3 Datasheet HTML 1Page - ON Semiconductor MCR72-3 Datasheet HTML 2Page - ON Semiconductor MCR72-3 Datasheet HTML 3Page - ON Semiconductor MCR72-3 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MCR72–3, MCR72–6, MCR72–8
http://onsemi.com
3
+ Current
+ Voltage
VTM
IDRM at VDRM
IH
Symbol
Parameter
VDRM
Peak Repetitive Off State Forward Voltage
IDRM
Peak Forward Blocking Current
VRRM
Peak Repetitive Off State Reverse Voltage
IRRM
Peak Reverse Blocking Current
VTM
Peak On State Voltage
IH
Holding Current
Voltage Current Characteristic of SCR
Anode +
on state
Reverse Blocking Region
(off state)
Reverse Avalanche Region
Anode –
Forward Blocking Region
IRRM at VRRM
(off state)
60
°
IT(AV), AVERAGE ON-STATE CURRENT (AMP)
70
80
90
100
2.0
4.0
0
110
6.0
0
IT(AV), AVERAGE ON-STATE CURRENT (AMP)
0
4.0
α = 30°
90
°
dc
8.0
6.0
4.0
2.0
8.0
12
16
8.0
α = 30°
60
°
90
°
180
°
dc
α = Conduction Angle
α = Conduction Angle
α
α
180
°
Figure 1. Average Current Derating
Figure 2. On–State Power Dissipation
0.3
120
0.5
1.0
2.0
–40
–20
0
20
40
60
80
90
100
3.0
140
TJ, JUNCTION TEMPERATURE (°C)
0.6
0.1
0.2
0.3
0.4
0.5
40
0.7
–60
–40
–20
0
100
20
60
80
120
VD = 12 Vdc
TJ, JUNCTION TEMPERATURE (°C)
VD = 12 Vdc
Figure 3. Normalized Gate Current
Figure 4. Gate Voltage


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn