Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCR72-3 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. MCR72-3
Description  SENSITIVE GATE SILICON CONTROLLED RECTIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCR72-3 Datasheet(HTML) 2 Page - ON Semiconductor

  MCR72-3 Datasheet HTML 1Page - ON Semiconductor MCR72-3 Datasheet HTML 2Page - ON Semiconductor MCR72-3 Datasheet HTML 3Page - ON Semiconductor MCR72-3 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MCR72–3, MCR72–6, MCR72–8
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
2.2
°C/W
Thermal Resistance, Junction to Ambient
R
θJA
60
°C/W
Maximum Lead Temperature for Soldering Purposes 1/8
″ from Case for 10 Seconds
TL
260
°C
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Peak Repetitive Forward or Reverse Blocking Current(1)
(VAK = Rated VDRM or VRRM; RGK = 1 kΩ)TJ = 25°C
TJ = 110°C
IDRM, IRRM
10
500
µA
µA
ON CHARACTERISTICS
Peak Forward On-State Voltage
(ITM = 16 A Peak, Pulse Width p 1 ms, Duty Cycle p 2%)
VTM
1.7
2.0
Volts
Gate Trigger Current (Continuous dc)(2)
(VD = 12 V, RL = 100 Ω)
IGT
30
200
µA
Gate Trigger Voltage (Continuous dc)(2)
(VD = 12 V, RL = 100 Ω)
VGT
0.5
1.5
Volts
Gate Non–Trigger Voltage
(VD = 12 Vdc, RL = 100 Ω, TJ = 110°C)
VGD
0.1
Volts
Holding Current
(VD = 12 V, Initiating Current = 200 mA, Gate Open)
IH
6.0
mA
Gate Controlled Turn-On Time
(VD = Rated VDRM, ITM = 16 A, IG = 2 mA)
tgt
1.0
µs
DYNAMIC CHARACTERISTICS
Critical Rate-of-Rise of Off-State Voltage
(VD = Rated VDRM, RGK = 1 kΩ, TJ = 110°C, Exponential Waveform)
dv/dt
10
V/
µs
(1) Ratings apply for negative gate voltage or RGK = 1 kΩ. Devices shall not have a positive gate voltage concurrently with a negative
voltage on the anode. Devices should not be tested with a constant current source for forward and reverse blocking capability such
that the voltage applied exceeds the rated blocking voltage.
(2) RGK current not included in measurement.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MCK100-8 Sensitive Gate Silicon Controlled Rectifiers 1  2  3  4  5  SemiWell Semiconductor
S4060 10 AMPERE SENSITIVE GATE SILICON CONTROLLED RECTIFIERS 1  2  3  4  List of Unclassifed Manufacturers
MCR100 SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS 1  2  3  4  Unisonic Technologies
MCK22-8 Sensitive Gate Silicon Controlled Rectifiers 1  2  3  4  5  List of Unclassifed Manufacturers
MCR100 Sensitive Gate Silicon Controlled Rectifiers 1  2  3  4  5  More ON Semiconductor
C106 Sensitive Gate Silicon Controlled Rectifiers 1  2  3  4  5  More ON Semiconductor
MCR106 Sensitive Gate Silicon Controlled Rectifiers 1  2  3  4  ON Semiconductor
2N5061RLR Sensitive Gate Silicon Controlled Rectifiers 1  2  3  4  5  More ON Semiconductor
MCR101 SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS 1  2  3  4  Unisonic Technologies
MCR08B SENSITIVE GATE SILICON CONTROLLED RECTIFIERS 1  2  3  4  5  More ON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn