Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T604-020M Datasheet(PDF) 4 Page - Connor-Winfield Corporation

Part # T604-020M
Description  Telecom Performance 5x7mm TCXO / VCTCXO T / TV Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

T604-020M Datasheet(HTML) 4 Page - Connor-Winfield Corporation

  T604-020M Datasheet HTML 1Page - Connor-Winfield Corporation T604-020M Datasheet HTML 2Page - Connor-Winfield Corporation T604-020M Datasheet HTML 3Page - Connor-Winfield Corporation T604-020M Datasheet HTML 4Page - Connor-Winfield Corporation T604-020M Datasheet HTML 5Page - Connor-Winfield Corporation T604-020M Datasheet HTML 6Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Specifications subject to change without notification. See Connor-Winfield's website for latest revision. All dimensions in inches.
© Copyright 2016 The Connor-Winfield Corporation Not intended for life support applications.
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630- 851- 4722
Fax: 630- 851- 5040
www.conwin.com
Bulletin
Tx176
Page
4 of 6
Revision
20
Date
27 July 2016
T Series
Suggested Pad Layout
0.215
(5.46mm)
0.037
(0.94mm)
0.051
(1.28mm)
0.051
(1.28mm)
0.295
(7.49mm)
0.030
(0.76mm)
Keep Out Area
Top View
1
10
9
5
4
8
2
3
6
7
0.276
0.006
(7.0mm)
±
0.197
0.006
(5.0mm)
±
0.079 Max.
(2.0mm)
T715 1407
12.8 MHZ
0.025(6 Places)
(0.635mm)
0.100
(2.54mm)
0.040
(1.02mm)
(6 Places)
0.030
(0.762mm)
(4 Places)
0.100
(2.54mm)
Pin 1
0.038
(0.965mm)
(4 Places)
Dimensional Tolerance:
±.005 (.127mm)
±.02
(.508mm)
1
2
3
4
5
6
7
8
9
10
Bottom
View
T Series
Package Outline
* Do not route any traces in the keep out area. It is
recommended the next layer under the keep out
area is to be ground plane.
T Series
Pad Connections
1: Do Not Connect
2: Do Not Connect
3: Do Not Connect
4: Ground
5: Output
6: Do Not Connect
7: Do Not Connect
8: Enable / Disable (OE)
9: Supply Voltage (Vcc
10: VCTCXO: Control Voltage (Vc)
TCXO: N/C
TV Series
Suggested Pad Layout
(Top View)
1
2
3
4
0.165
(4.2mm)
0.224
(5.7mm)
0.047
(1.2mm)
4 Places
0.071
(1.8mm)
4 Places
Keep
Out *
Area
Dimensional Tolerance:
±.005 (.127mm)
±.02
(.508mm)
0.276
0.006
(7.0mm)
±
0.197
0.006
(5.0mm)
±
0.079 Max.
(2.0mm)
0.03
(0.
mm)
4
90
(4 Places)
0.0
(
mm)
55
1.40
(4 Places)
Pad 1
TV504 1407
10.0 MHZ
(Top View)
(Bottom View)
1
2
3
4
TV Series
Package Outline
TV Series
Pad Connections
1:
VCTCXO: Voltage Control (Vc)
TCXO: N/C
2:
Ground
3:
Output
4:
Supply (Vcc)
* Do not route any traces in the keep out area. It is
recommended the next layer under the keep out
area is to be ground plane.
T Series
Alternate Package Outline
Alternate package applies to select part
numbers in the 38 to 52MHz frequency range.
The differences are the top view crystal size,
and the overall height.
Bottom view, suggested pad layout, and pad
connections all remain the same as above.
0.276 ±0.006
(7.0mm)
0.197
(5.0mm)
0.095
(2.4mm)
T602 1434
40.0MHZ
±0.006


Similar Part No. - T604-020M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
T604-019.44M CONNOR-WINFIELD-T604-019.44M Datasheet
203Kb / 4P
   Telecom Performance TCXO / VCTCXO
More results

Similar Description - T604-020M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
T602-030M CONNOR-WINFIELD-T602-030M Datasheet
1Mb / 6P
   Telecom Performance 5x7mm TCXO / VCTCXO T / TV Series
T504-019.44M CONNOR-WINFIELD-T504-019.44M Datasheet
203Kb / 4P
   Telecom Performance TCXO / VCTCXO
TV504-019.2M CONNOR-WINFIELD-TV504-019.2M Datasheet
169Kb / 4P
   Telecom Performance TCXO / VCTCXO
logo
Abracon Corporation
ASGTX ABRACON-ASGTX Datasheet
5Mb / 10P
   Configurable High Performance SMD TCXO/VCTCXO
10.16.14
logo
Connor-Winfield Corpora...
DV75C-040M CONNOR-WINFIELD-DV75C-040M Datasheet
508Kb / 4P
   5x7mm Precision TCXO Model DV75C
D75J-050M CONNOR-WINFIELD-D75J-050M Datasheet
470Kb / 2P
   5x7mm Precision TCXO Model D75J
DV75D-020M CONNOR-WINFIELD-DV75D-020M Datasheet
426Kb / 2P
   5x7mm Precision TCXO Model DV75D
D75A-020M CONNOR-WINFIELD-D75A-020M Datasheet
444Kb / 3P
   5x7mm Precision TCXO Model D75A
TA5C-020.0M CONNOR-WINFIELD-TA5C-020.0M Datasheet
192Kb / 4P
   High Precision TCXO / VCTCXO
logo
Fox Electronics
T3HN FOX-T3HN Datasheet
187Kb / 2P
   3.2x2.5mm HCMOS TCXO/VCTCXO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com